Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPA2015D1 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TPA2015D1
Description  2 W Constant Output Power Class-D Audio Amplifier With Adaptive Boost Converter and Battery Tracking SpeakerGuard??AGC
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA2015D1 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPA2015D1 Datasheet HTML 3Page - Texas Instruments TPA2015D1 Datasheet HTML 4Page - Texas Instruments TPA2015D1 Datasheet HTML 5Page - Texas Instruments TPA2015D1 Datasheet HTML 6Page - Texas Instruments TPA2015D1 Datasheet HTML 7Page - Texas Instruments TPA2015D1 Datasheet HTML 8Page - Texas Instruments TPA2015D1 Datasheet HTML 9Page - Texas Instruments TPA2015D1 Datasheet HTML 10Page - Texas Instruments TPA2015D1 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
VBAT − V
2.3
2.6
2.9
3.2
3.5
3.8
4.1
4.4
4.7
5.0
0
2m
4m
6m
8m
10m
Gain = 20 dB
AGC = Float
RL = 8 Ω + 33 µH
Frequency − Hz
0
2k
4k
6k
8k
10k
12k
14k
16k
18k
20k
22k
24k
−150
−140
−130
−120
−110
−100
−90
−80
Gain = 20 dB
AGC = Float
RL = 8 Ω + 33 µH
No Input Signal
PO − Output Power − W
0.0
0.5
1.0
1.5
2.0
2.5
0.0
0.2
0.4
0.6
0.8
1.0
VBAT = 3.0 V
VBAT = 3.6 V
VBAT = 4.2 V
Gain = 20 dB
RL = 8 Ω + 33 µH
f = 1 kHz
RAGC = Float
VIN − Input Voltage − Vp
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
0
1
2
3
4
5
6
VBAT = 2.5 V
VBAT = 2.7 V
VBAT = 3.0 V
VBAT = 3.3 V
VBAT = 3.6 V
VBAT = 4.2 V
VBAT = 5.0 V
Gain = 20 dB
RL = 8 Ω + 33 µH
RAGC = 27 kΩ
P
OutputPower
W
O
0.01
0.1
1
2
0
20
40
60
80
100
VBAT =2.7V
VBAT =3.0V
VBAT =3.6V
VBAT =4.2V
VBAT =5.0V
Gain=20dB
R =8
+33 H
L
W
m
f=1kHz
AutoPassThrough
Boosted
PO − Output Power − W
1m
10m
100m
1
4
0.01
0.1
1
10
100
VBAT = 2.8 V
VBAT = 3.0 V
VBAT = 3.6 V
VBAT = 4.2 V
VBAT = 5.0 V
RL = 8 Ω + 33 µH
RAGC = Float, Boost Enabled
Gain = 6 dB, f = 1 kHz
TPA2015D1
www.ti.com
SLOS638 – MAY 2010
TYPICAL CHARACTERISTICS
VBAT = 3.6 V, Gain = 6 dB, CI = 1 µF, CBOOST = 22 µF, LBOOST = 2.2 µH, AGC = Float, ENB = END = VBAT, and Load = 8 Ω + 33 µH unless
otherwise specified.
SPACER
Figure 1. QUIESCENT SUPPLY CURRENT vs SUPPLY
Figure 2. A-WEIGHTED OUTPUT NOISE vs FREQUENCY
VOLTAGE
Figure 3. SUPPLY CURRENT vs OUTPUT POWER
Figure 4. PEAK OUTPUT VOLTAGE vs PEAK INPUT
VOLTAGE
Figure 5. TOTAL EFFICIENCY vs OUTPUT POWER
Figure 6. TOTAL HARMONIC DISTORTION + NOISE vs
OUTPUT POWER
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): TPA2015D1


Similar Part No. - TPA2015D1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA2015D1 TI-TPA2015D1 Datasheet
1,022Kb / 27P
[Old version datasheet]   2 W Constant Output Power Class-D Audio Amplifier With Adaptive Boost Converter and Battery Tracking SpeakerGuard??AGC
TPA2015D1 TI-TPA2015D1 Datasheet
1Mb / 28P
[Old version datasheet]   2 W Constant Output Power Class-D Audio Amplifier With Adaptive Boost Converter andBattery Tracking SpeakerGuard??AGC
TPA2015D1 TI-TPA2015D1 Datasheet
1Mb / 28P
[Old version datasheet]   2 W Constant Output Power Class-D Audio Amplifier With Adaptive Boost Converter andBattery Tracking SpeakerGuard??AGC
TPA2015D1 TI1-TPA2015D1 Datasheet
1Mb / 33P
[Old version datasheet]   Constant Output Power Class-D Audio Amplifier
TPA2015D1 TI-TPA2015D1 Datasheet
1Mb / 40P
[Old version datasheet]   TPA2015D1 2-W Constant Output Power Class-D Audio Amplifier With Adaptive Boost Converter and Battery Tracking Speakerguard™ AGC
REVISED JUNE 2022
More results

Similar Description - TPA2015D1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA2015D1 TI-TPA2015D1_10 Datasheet
1,022Kb / 27P
[Old version datasheet]   2 W Constant Output Power Class-D Audio Amplifier With Adaptive Boost Converter and Battery Tracking SpeakerGuard??AGC
TPA2015D1 TI-TPA2015D1_15 Datasheet
760Kb / 26P
[Old version datasheet]   2 W Constant Output Power Class-D Audio Amplifier With Adaptive Boost Converter and Battery Tracking SpeakerGuard??AGC
TPA2015D1 TI-TPA2015D1_11 Datasheet
1Mb / 28P
[Old version datasheet]   2 W Constant Output Power Class-D Audio Amplifier With Adaptive Boost Converter andBattery Tracking SpeakerGuard??AGC
TPA2015D1 TI-TPA2015D1_V01 Datasheet
1Mb / 40P
[Old version datasheet]   TPA2015D1 2-W Constant Output Power Class-D Audio Amplifier With Adaptive Boost Converter and Battery Tracking Speakerguard™ AGC
REVISED JUNE 2022
TPA2025D1 TI-TPA2025D1_15 Datasheet
1Mb / 29P
[Old version datasheet]   TPA2025D1 2-W Constant Output Power Class-D Audio Amplifier With Class-G Boost Converter and Battery Tracking AGC
logo
Diodes Incorporated
PAM8905 DIODES-PAM8905 Datasheet
565Kb / 9P
   1.9W Class-D Audio Amplifier with Integrated Boost Converter and Battery Tracking AGC
logo
Texas Instruments
TPA2025D1 TI1-TPA2025D1 Datasheet
1Mb / 23P
[Old version datasheet]   2 W Constant Output Power Class-D Audio Amplifier with Class-G Boost Converter
TPA2080D1 TI1-TPA2080D1_14 Datasheet
1Mb / 22P
[Old version datasheet]   2.2 W Constant Output Power Class-D Audio Amplifier with Class-G Boost Converter
TPA2080D1 TI1-TPA2080D1 Datasheet
1Mb / 20P
[Old version datasheet]   2.2 W Constant Output Power Class-D Audio Amplifier with Class-G Boost Converter
TPA2080D1 TI-TPA2080D1_15 Datasheet
1Mb / 21P
[Old version datasheet]   2.2 W Constant Output Power Class-D Audio Amplifier with Class-G Boost Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com