Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA1644AIPWR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # OPA1644AIPWR
Description  High-Perforamnce,JFET-Input AUDIO OPERATIONAL AMPLIFIERS
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA1644AIPWR Datasheet(HTML) 5 Page - Texas Instruments

  OPA1644AIPWR Datasheet HTML 1Page - Texas Instruments OPA1644AIPWR Datasheet HTML 2Page - Texas Instruments OPA1644AIPWR Datasheet HTML 3Page - Texas Instruments OPA1644AIPWR Datasheet HTML 4Page - Texas Instruments OPA1644AIPWR Datasheet HTML 5Page - Texas Instruments OPA1644AIPWR Datasheet HTML 6Page - Texas Instruments OPA1644AIPWR Datasheet HTML 7Page - Texas Instruments OPA1644AIPWR Datasheet HTML 8Page - Texas Instruments OPA1644AIPWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
Time(1s/div)
0.1
Frequency(Hz)
100k
10
1
100
1k
10k
100
10
1
160
140
120
100
80
60
40
20
0
1
10
100
1k
10k
100k
1M
10M
100M
Frequency(Hz)
CMRR
+PSRR
-PSRR
35
30
25
20
15
10
5
0
10k
100k
1M
10M
Frequency(Hz)
V = 2.25V
S
±
V = 5V
S
±
V = 15V
S
±
Maximumoutput
voltagerange
withoutslew-rate
induceddistortion
140
120
100
80
60
40
20
0
20
-
180
135
90
45
0
50 100
1k
10k
100k
1M
10M
100M
Frequency(Hz)
Phase
Gain
30
20
10
0
10
20
-
-
100k
1M
10M
100M
Frequency(Hz)
G=+10
G=+1
G= 1
-
OPA1641
OPA1642
OPA1644
www.ti.com
SBOS484A – DECEMBER 2009 – REVISED APRIL 2010
TYPICAL CHARACTERISTICS: VS = ±18V
At TA = +25°C, RL = 2kΩ connected to midsupply, VCM = VOUT = midsupply, unless otherwise noted.
INPUT VOLTAGE NOISE DENSITY vs FREQUENCY
0.1Hz to 10Hz NOISE
Figure 1.
Figure 2.
MAXIMUM OUTPUT VOLTAGE vs FREQUENCY
CMRR AND PSRR vs FREQUENCY (Referred to Input)
Figure 3.
Figure 4.
GAIN AND PHASE vs FREQUENCY
CLOSED-LOOP GAIN vs FREQUENCY
Figure 5.
Figure 6.
Copyright © 2009–2010, Texas Instruments Incorporated
5
Product Folder Link(s): OPA1641 OPA1642 OPA1644


Similar Part No. - OPA1644AIPWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA1644AIPWR TI-OPA1644AIPWR Datasheet
764Kb / 21P
[Old version datasheet]   High-Performance, JFET-Input AUDIO OPERATIONAL AMPLIFIERS
OPA1644AIPWR TI-OPA1644AIPWR Datasheet
742Kb / 22P
[Old version datasheet]   High-Performance, JFET-Input AUDIO OPERATIONAL AMPLIFIERS
More results

Similar Description - OPA1644AIPWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA1641_1004 TI-OPA1641_1004 Datasheet
742Kb / 22P
[Old version datasheet]   High-Performance, JFET-Input AUDIO OPERATIONAL AMPLIFIERS
OPA1641 TI-OPA1641 Datasheet
764Kb / 21P
[Old version datasheet]   High-Performance, JFET-Input AUDIO OPERATIONAL AMPLIFIERS
OPA1641 TI-OPA1641_15 Datasheet
1Mb / 29P
[Old version datasheet]   High-Performance, JFET-Input AUDIO OPERATIONAL AMPLIFIERS
OPA1641 TI1-OPA1641 Datasheet
631Kb / 31P
[Old version datasheet]   Sound Plus High-Performance, JFET-Input Audio Operational Amplifiers
TL080 TI-TL080 Datasheet
368Kb / 19P
[Old version datasheet]   JFET-INPUT OPERATIONAL AMPLIFIERS
TL081 TI-TL081 Datasheet
463Kb / 29P
[Old version datasheet]   JFET-INPUT OPERATIONAL AMPLIFIERS
LF156JAN TI1-LF156JAN_13 Datasheet
1Mb / 23P
[Old version datasheet]   JFET Input Operational Amplifiers
LF155 TI1-LF155_16 Datasheet
2Mb / 43P
[Old version datasheet]   JFET Input Operational Amplifiers
TL081 TI1-TL081 Datasheet
2Mb / 50P
[Old version datasheet]   JFET-Input Operational Amplifiers
TL091 TI-TL091 Datasheet
610Kb / 8P
[Old version datasheet]   JFET-INPUT OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com