Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA1644AIPWR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # OPA1644AIPWR
Description  High-Perforamnce,JFET-Input AUDIO OPERATIONAL AMPLIFIERS
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA1644AIPWR Datasheet(HTML) 7 Page - Texas Instruments

Back Button OPA1644AIPWR Datasheet HTML 3Page - Texas Instruments OPA1644AIPWR Datasheet HTML 4Page - Texas Instruments OPA1644AIPWR Datasheet HTML 5Page - Texas Instruments OPA1644AIPWR Datasheet HTML 6Page - Texas Instruments OPA1644AIPWR Datasheet HTML 7Page - Texas Instruments OPA1644AIPWR Datasheet HTML 8Page - Texas Instruments OPA1644AIPWR Datasheet HTML 9Page - Texas Instruments OPA1644AIPWR Datasheet HTML 10Page - Texas Instruments OPA1644AIPWR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
Output
Output
Time(0.4 s/div)
m
+18V
-18V
37V
PP
SineWave
( 18.5V)
±
OPA1641
-
-
-
-
-
-
-
80
90
100
110
120
130
140
10
Frequency(Hz)
100k
100
1k
10k
V = 15V
S
V
=3V
OUT
RMS
G=+1
±
R =2kW
L
R =600W
L
L
R =5kW
Time(100ns/div)
G= 1
C =100pF
-
L
+15V
-15V
R
2kW
F =
R
2kW
I =
C
L
OPA1641
Time(100ns/div)
G=+1
C =100pF
L
+15V
-15V
C
L
R
L
OPA1641
Time(400ns/div)
G=+1
C =100pF
L
Time(400ns/div)
G= 1
C =100pF
-
L
OPA1641
OPA1642
OPA1644
www.ti.com
SBOS484A – DECEMBER 2009 – REVISED APRIL 2010
TYPICAL CHARACTERISTICS: VS = ±18V (continued)
At TA = +25°C, RL = 2kΩ connected to midsupply, VCM = VOUT = midsupply, unless otherwise noted.
CHANNEL SEPARATION vs FREQUENCY
NO PHASE REVERSAL
Figure 13.
Figure 14.
SMALL-SIGNAL STEP RESPONSE
SMALL-SIGNAL STEP RESPONSE
(100mV)
(100mV)
Figure 15.
Figure 16.
LARGE-SIGNAL STEP RESPONSE
LARGE-SIGNAL STEP RESPONSE
Figure 17.
Figure 18.
Copyright © 2009–2010, Texas Instruments Incorporated
7
Product Folder Link(s): OPA1641 OPA1642 OPA1644


Similar Part No. - OPA1644AIPWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA1644AIPWR TI-OPA1644AIPWR Datasheet
764Kb / 21P
[Old version datasheet]   High-Performance, JFET-Input AUDIO OPERATIONAL AMPLIFIERS
OPA1644AIPWR TI-OPA1644AIPWR Datasheet
742Kb / 22P
[Old version datasheet]   High-Performance, JFET-Input AUDIO OPERATIONAL AMPLIFIERS
More results

Similar Description - OPA1644AIPWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA1641_1004 TI-OPA1641_1004 Datasheet
742Kb / 22P
[Old version datasheet]   High-Performance, JFET-Input AUDIO OPERATIONAL AMPLIFIERS
OPA1641 TI-OPA1641 Datasheet
764Kb / 21P
[Old version datasheet]   High-Performance, JFET-Input AUDIO OPERATIONAL AMPLIFIERS
OPA1641 TI-OPA1641_15 Datasheet
1Mb / 29P
[Old version datasheet]   High-Performance, JFET-Input AUDIO OPERATIONAL AMPLIFIERS
OPA1641 TI1-OPA1641 Datasheet
631Kb / 31P
[Old version datasheet]   Sound Plus High-Performance, JFET-Input Audio Operational Amplifiers
TL080 TI-TL080 Datasheet
368Kb / 19P
[Old version datasheet]   JFET-INPUT OPERATIONAL AMPLIFIERS
TL081 TI-TL081 Datasheet
463Kb / 29P
[Old version datasheet]   JFET-INPUT OPERATIONAL AMPLIFIERS
LF156JAN TI1-LF156JAN_13 Datasheet
1Mb / 23P
[Old version datasheet]   JFET Input Operational Amplifiers
LF155 TI1-LF155_16 Datasheet
2Mb / 43P
[Old version datasheet]   JFET Input Operational Amplifiers
TL081 TI1-TL081 Datasheet
2Mb / 50P
[Old version datasheet]   JFET-Input Operational Amplifiers
TL091 TI-TL091 Datasheet
610Kb / 8P
[Old version datasheet]   JFET-INPUT OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com