Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP1532 Datasheet(PDF) 10 Page - ON Semiconductor

Part # NCP1532
Description  Dual Output Step-Down Converter 2.25 MHz High-Efficiency, Out of Phase Operation, Low Quiescent Current, Source up to 1.6 A
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1532 Datasheet(HTML) 10 Page - ON Semiconductor

Back Button NCP1532 Datasheet HTML 6Page - ON Semiconductor NCP1532 Datasheet HTML 7Page - ON Semiconductor NCP1532 Datasheet HTML 8Page - ON Semiconductor NCP1532 Datasheet HTML 9Page - ON Semiconductor NCP1532 Datasheet HTML 10Page - ON Semiconductor NCP1532 Datasheet HTML 11Page - ON Semiconductor NCP1532 Datasheet HTML 12Page - ON Semiconductor NCP1532 Datasheet HTML 13Page - ON Semiconductor NCP1532 Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
NCP1532
http://onsemi.com
10
TEMPERATURE (°C)
Figure 16. Switching Frequency vs.
Temperature
−50
100
25
0
−25
125
5
4
3
2
1
0
−1
−2
−3
−4
−5
75
50
VBAT = 5.5 V
3.6 V
2.7 V
Figure 17. External Synchronization,
Fsync = 2.93 MHz
Figure 18. Soft−Start Typical Behavior
VIN = 3.6 V, VOUT1 = VOUT2 = 1.2 V,
IOUT1 = IOUT2 = 600 mA
Figure 19. Current Peak Inductor Protection
VIN = 3.6 V, VOUT1 = 1.2 V, IOUT1 Short to GND,
EN2 = GND
UVLOfall
UVLOrise
2.5
2.49
2.48
2.47
2.46
2.45
2.44
2.43
2.42
2.41
2.4
2.39
2.38
2.37
2.36
2.35
TEMPERATURE (°C)
Figure 20. UVLO Thresholds VIN = 3.6 V,
IOUT1 = IOUT2 = 2 mA
−50
100
25
0
−25
125
75
50
−50
100
25
0
−25
125
75
50
1.2
1.1
1.0
0.9
0.8
0.7
0.6
0.5
0.4
TEMPERATURE (°C)
Figure 21. Enable Thresholds VIN = 3.6 V,
IOUT1 = IOUT2 = 2 mA
VIH
VIL


Similar Part No. - NCP1532

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1532 ONSEMI-NCP1532_11 Datasheet
383Kb / 16P
   Dual Output Step-Down Converter 2.25 MHz High-Efficiency, Out of Phase Operation, Low Quiescent Current, Source up to 1.6 A
October, 2011 ??Rev. 6
More results

Similar Description - NCP1532

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1532 ONSEMI-NCP1532_11 Datasheet
383Kb / 16P
   Dual Output Step-Down Converter 2.25 MHz High-Efficiency, Out of Phase Operation, Low Quiescent Current, Source up to 1.6 A
October, 2011 ??Rev. 6
logo
Texas Instruments
TPS65000-Q1 TI1-TPS65000-Q1_15 Datasheet
2Mb / 29P
[Old version datasheet]   2.25-MHz Step-Down Converter
logo
Linear Technology
LTC1474 LINER-LTC1474_15 Datasheet
247Kb / 20P
   Low Quiescent Current High Efficiency Step-Down Converters
LTC1475 LINER-LTC1475_15 Datasheet
247Kb / 20P
   Low Quiescent Current High Efficiency Step-Down Converters
LTC1474 LINER-LTC1474 Datasheet
350Kb / 20P
   Low Quiescent Current High Efficiency Step-Down Converters
logo
Texas Instruments
TPS650002-Q1 TI1-TPS650002-Q1 Datasheet
1Mb / 25P
[Old version datasheet]   2.25-MHz Step-Down Converter With Dual LDOs
logo
ELMOS Semiconductor AG
E522.10 ELMOS-E522.10 Datasheet
192Kb / 2P
   LOW QUIESCENT CURRENT STEP DOWN CONVERTER
logo
Linear Technology
LTC3807EFE LINER-LTC3807EFE Datasheet
436Kb / 6P
   Low Quiescent Current, High Voltage Step-Down Converter
logo
Texas Instruments
TPS62406-Q1 TI1-TPS62406-Q1 Datasheet
2Mb / 43P
[Old version datasheet]   Automotive 2.25-MHz Fixed VOUT Dual Step-Down Converter
logo
ams AG
AS1323 AMSCO-AS1323_04 Datasheet
1Mb / 15P
   1.6關A Quiescent Current, Single Cell, DC-DC Step-up Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com