Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS40304A Datasheet(PDF) 8 Page - Texas Instruments

Part # TPS40304A
Description  3-V TO 20-V INPUT SYNCHRONOUS BUCK CONTROLLER
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS40304A Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS40304A_1 Datasheet HTML 4Page - Texas Instruments TPS40304A_1 Datasheet HTML 5Page - Texas Instruments TPS40304A_1 Datasheet HTML 6Page - Texas Instruments TPS40304A_1 Datasheet HTML 7Page - Texas Instruments TPS40304A_1 Datasheet HTML 8Page - Texas Instruments TPS40304A_1 Datasheet HTML 9Page - Texas Instruments TPS40304A_1 Datasheet HTML 10Page - Texas Instruments TPS40304A_1 Datasheet HTML 11Page - Texas Instruments TPS40304A_1 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
5
4
3
2
1
6
7
8
9
10
FB COMP PGOOD EN/SS VDD
BOOT HDRV
SW
LDRV/
OC
BP
Thermal Pad
TPS40304A
SLUSA30 – FEBRUARY 2010
www.ti.com
DEVICE INFORMATION
TERMINAL CONFIGURATION
The package is an 10-Pin SON (DRC) package. Note: The thermal pad is an electrical ground connection.
PIN FUNCTIONS
TERMINAL
I/O
DESCRIPTION
NAME
NO.
Gate drive voltage for the high-side N-channel MOSFET. A 100 nF capacitor (typical) must be connected
BOOT
6
I
between this pin and SW. For low input voltage operation, an external schottky diode from BP to BOOT is
recommended to maximize the gate drive voltage for the high-side.
Output bypass for the internal regulator. Connect a low ESR bypass ceramic capacitor of 1 µF or greater from
BP
10
O
this pin to GND.
COMP
4
O
Output of the error amplifier and connection node for loop feedback components.
Logic level input which starts or stops the controller via an external user command. Letting this pin float turns
the controller on. Pulling this pin low disables the controller. This is also the soft-start programming pin. A
capacitor connected from this pin to GND programs the soft-start time. The capacitor is charged with an
internal current source of 10 µA. The resulting voltage ramp of this pin is also used as a second non-inverting
EN/SS
2
I
input to the error amplifier after a 0.8 V (typical) level shift downwards. Output regulation is controlled by the
internal level shifted voltage ramp until that voltage reaches the internal reference voltage of 591 mV – the
voltage ramp of this pin reaches 1.4 V (typical). Optionally, a 267 k
Ω resistor from this pin to BP enables
frequency spread spectrum feature.
Inverting input to the error amplifier. In normal operation, the voltage on this pin is equal to the internal
FB
5
I
reference voltage.
PGOOD
3
O
Open drain power good output.
HDRV
7
O
Bootstrapped gate drive output for the high-side N-channel MOSFET.
Gate drive output for the low-side synchronous rectifier N-channel MOSFET. A resistor from this pin to GND
LDRV/OC
9
O
is also used to determine the voltage level for OCP. An internal current source of 10 µA flows through the
resistor during initial calibration and that sets up the voltage trip point used for OCP.
Power input to the controller. Bypass VDD to GND with a low ESR ceramic capacitor of at least 1.0-µF close
VDD
1
I
to the device.
Sense line for the adaptive anti-cross conduction circuitry. Serves as common connection for the flying
SW
8
O
high-side FET driver.
Ground connection to the controller. This is also the thermal pad used to conduct heat from the device. This
Thermal
connection serves a twofold purpose. The first is to provide an electrical ground connection for the device.
GND
Pad
The second is to provide a low thermal impedance path from the device die to the PCB. This pad should be
tied externally to a ground plane.
8
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s) :TPS40304A


Similar Part No. - TPS40304A_1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40304A TI-TPS40304A_15 Datasheet
726Kb / 19P
[Old version datasheet]   3-V TO 20-V INPUT SYNCHRONOUS BUCK CONTROLLER
More results

Similar Description - TPS40304A_1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40304A TI-TPS40304A_15 Datasheet
726Kb / 19P
[Old version datasheet]   3-V TO 20-V INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40345 TI1-TPS40345 Datasheet
1Mb / 26P
[Old version datasheet]   3-V to 20-V Input Synchronous Buck Controller
TPS40304A TI-TPS40304A Datasheet
445Kb / 18P
[Old version datasheet]   3-V TO 20-V INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40303 TI-TPS40303 Datasheet
1Mb / 29P
[Old version datasheet]   3-V TO 20-V INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40303 TI-TPS40303_15 Datasheet
2Mb / 37P
[Old version datasheet]   TPS4030x 3-V to 20-V Input Synchronous Buck Controller
TPS40400 TI-TPS40400_15 Datasheet
2Mb / 82P
[Old version datasheet]   TPS40400 3-V to 20-V PMBus Synchronous Buck Controller
TPS40400 TI1-TPS40400 Datasheet
761Kb / 56P
[Old version datasheet]   3.0-V TO 20-V PMBus SYNCHRONOUS BUCK CONTROLLER
TPS40400_1110 TI-TPS40400_1110 Datasheet
1Mb / 72P
[Old version datasheet]   3.0-V TO 20-V PMBus SYNCHRONOUS BUCK CONTROLLER
TPS40195RGYTG4 TI-TPS40195RGYTG4 Datasheet
1Mb / 44P
[Old version datasheet]   4.5-V TO 20-V SYNCHRONOUS BUCK CONTROLLER WITH SYNCHRONIZATION AND
TPS40170-EP TI-TPS40170-EP_15 Datasheet
1Mb / 50P
[Old version datasheet]   4.5-V TO 60-V WIDE-INPUT SYNCHRONOUS PWM BUCK CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com