Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS53311 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TPS53311
Description  3-A Step-Down Regulator with Integrated Switcher
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS53311 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS53311 Datasheet HTML 4Page - Texas Instruments TPS53311 Datasheet HTML 5Page - Texas Instruments TPS53311 Datasheet HTML 6Page - Texas Instruments TPS53311 Datasheet HTML 7Page - Texas Instruments TPS53311 Datasheet HTML 8Page - Texas Instruments TPS53311 Datasheet HTML 9Page - Texas Instruments TPS53311 Datasheet HTML 10Page - Texas Instruments TPS53311 Datasheet HTML 11Page - Texas Instruments TPS53311 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
0
84
80
0.5
1.0
2.0
2.5
3.0
1.5
82
96
92
94
90
86
88
V
OUT = 2.5 V
V
OUT = 1.8 V
V
OUT = 1.5 V
V
OUT = 1.2 V
I
OUT – Output Current – A
Skip Mode
V
IN = 3.3 V
V
OUT = 2.5 V
V
OUT = 1.8 V
V
OUT = 1.5 V
V
OUT = 1.2 V
FCCM Mode
V
IN = 3.3 V
0
84
80
0.5
1.0
2.0
2.5
3.0
1.5
82
96
92
94
90
86
88
I
OUT – Output Current – A
0
0.5
1.0
2.0
2.5
3.0
1.5
I
OUT – Output Current – A
Skip Mode
V
IN = 5 V
84
80
82
96
92
94
90
86
88
V
OUT = 2.5 V
V
OUT = 1.8 V
V
OUT = 1.5 V
V
OUT = 1.2 V
0
0.5
1.0
2.0
2.5
3.0
1.5
I
OUT – Output Current – A
84
80
82
96
92
94
90
86
88
V
OUT = 2.5 V
V
OUT = 1.5 V
V
OUT = 1.2 V
V
OUT = 1.8 V
FCCM Mode
V
IN = 5 V
TPS53311
SLUSA41 – JUNE 2010
www.ti.com
TYPICAL CHARACTERISTICS
Inductor IN06142 (1 µH, 5.4 m
Ω) is used.
Figure 1. Efficiency vs. Output Current, Skip Mode, VIN =
Figure 2. Efficiency vs. Output Current, FCCM, VIN = 3.3 V
3.3 V
Figure 3. Efficiency vs. Output Current, Skip Mode, VIN = 5
Figure 4. Efficiency vs. Output Current, FCCM, VIN = 5 V
V
8
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s) :TPS53311


Similar Part No. - TPS53311

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS53311 TI-TPS53311 Datasheet
541Kb / 22P
[Old version datasheet]   3-A Step-Down Regulator with Integrated Switcher
TPS53311RGTR TI-TPS53311RGTR Datasheet
541Kb / 22P
[Old version datasheet]   3-A Step-Down Regulator with Integrated Switcher
TPS53311RGTT TI-TPS53311RGTT Datasheet
541Kb / 22P
[Old version datasheet]   3-A Step-Down Regulator with Integrated Switcher
TPS53311 TI-TPS53311_15 Datasheet
898Kb / 26P
[Old version datasheet]   3-A Step-Down Regulator with Integrated Switcher
More results

Similar Description - TPS53311

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS53311 TI-TPS53311 Datasheet
541Kb / 22P
[Old version datasheet]   3-A Step-Down Regulator with Integrated Switcher
TPS53310 TI1-TPS53310_16 Datasheet
832Kb / 22P
[Old version datasheet]   3-A Step-Down Regulator with Integrated Switcher
TPS53310 TI-TPS53310 Datasheet
682Kb / 25P
[Old version datasheet]   3-A Step-Down Regulator with Integrated Switcher
TPS53311 TI-TPS53311_15 Datasheet
898Kb / 26P
[Old version datasheet]   3-A Step-Down Regulator with Integrated Switcher
TPS53313 TI1-TPS53313 Datasheet
774Kb / 23P
[Old version datasheet]   6-A Step-Down Regulator with Integrated Switcher
TPS53315 TI-TPS53315 Datasheet
771Kb / 30P
[Old version datasheet]   12-A Step-Down Regulator with Integrated Switcher
TPS53315RGFT TI1-TPS53315RGFT Datasheet
1Mb / 30P
[Old version datasheet]   12-A Step-Down Regulator with Integrated Switcher
TPS53321 TI-TPS53321 Datasheet
511Kb / 23P
[Old version datasheet]   5-A Step-Down Regulator with Integrated Switcher
TPS53314 TI1-TPS53314 Datasheet
972Kb / 31P
[Old version datasheet]   6-A Step-Down Regulator with Integrated Switcher
TPS53321RGTR TI-TPS53321RGTR Datasheet
903Kb / 25P
[Old version datasheet]   5-A Step-Down Regulator with Integrated Switcher
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com