Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS40304ADRCR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TPS40304ADRCR
Description  3-V TO 20-V INPUT SYNCHRONOUS BUCK CONTROLLER
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS40304ADRCR Datasheet(HTML) 3 Page - Texas Instruments

  TPS40304ADRCR Datasheet HTML 1Page - Texas Instruments TPS40304ADRCR Datasheet HTML 2Page - Texas Instruments TPS40304ADRCR Datasheet HTML 3Page - Texas Instruments TPS40304ADRCR Datasheet HTML 4Page - Texas Instruments TPS40304ADRCR Datasheet HTML 5Page - Texas Instruments TPS40304ADRCR Datasheet HTML 6Page - Texas Instruments TPS40304ADRCR Datasheet HTML 7Page - Texas Instruments TPS40304ADRCR Datasheet HTML 8Page - Texas Instruments TPS40304ADRCR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
TPS40304A
www.ti.com
SLUSA30 – FEBRUARY 2010
ELECTRICAL CHARACTERISTICS
TJ = –40°C to 125°C, VVDD = 12 V, all parameters at zero power dissipation (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOLTAGE REFERENCE
TJ = 25°C, 3 V < VVDD < 20 V
588
591
594
VFB
FB input voltage
mV
–40°C < TJ < 125°C,
585
591
597
3 V < VVDD < 20 V
INPUT SUPPLY
VVDD
Input supply voltage range
3
20
V
IDDSD
Shutdown supply current
VEN/SS < 0.2 V
70
100
µA
IDDQ
Quiescent, non-switching
Let EN/SS float, VFB = 1 V
2.5
3.5
mA
ENABLE/SOFT-START
VIH
High-level input voltage, EN/SS
0.55
0.70
1.00
V
VIL
Low-level input voltage, EN/SS
0.27
0.30
0.33
V
ISS
Soft-start source current
8
10
12
µA
VSS
Soft-start voltage level
0.4
0.8
1.3
V
BP REGULATOR
VBP
Output voltage
IBP = 10 mA
6.2
6.5
6.8
V
VDO
Regulator dropout voltage, VVDD – VBP
IBP = 25 mA, VVDD = 3 V
70
110
mV
OSCILLATOR
fSW
PWM frequency
3 V < VVDD < 20 V
540
600
660
kHz
VRAMP
(1)
Ramp amplitude
VVDD/6.6
VVDD/6
VVDD/5.4
V
Frequency spread spectrum frequency
fSWFSS
12%
fSW
deviation
fMOD
Modulation frequency
25
KHz
PWM
DMAX
(1)
Maximum duty cycle
VFB = 0 V, 3 V < VVDD < 20 V
90%
tON(min)
(1)
Minimum controllable pulse width
45
75
ns
HDRV off to LDRV on
5
25
35
tDEAD
Output driver dead time
ns
LDRV off to HDRV on
5
25
30
ERROR AMPLIFIER
GBWP
(1)
Gain bandwidth product
10
24
MHz
AOL
(1)
Open loop gain
60
dB
IIB
Input bias current (current out of FB pin)
VFB = 0.6 V
75
nA
IEAOP
Output source current
VFB = 0 V
2
mA
IEAOM
Output sink current
VFB = 1 V
2
(1)
Ensured by design. Not production tested.
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s) :TPS40304A


Similar Part No. - TPS40304ADRCR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40304ADRCR TI-TPS40304ADRCR Datasheet
445Kb / 18P
[Old version datasheet]   3-V TO 20-V INPUT SYNCHRONOUS BUCK CONTROLLER
More results

Similar Description - TPS40304ADRCR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40304A TI-TPS40304A_15 Datasheet
726Kb / 19P
[Old version datasheet]   3-V TO 20-V INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40345 TI1-TPS40345 Datasheet
1Mb / 26P
[Old version datasheet]   3-V to 20-V Input Synchronous Buck Controller
TPS40304A TI-TPS40304A Datasheet
445Kb / 18P
[Old version datasheet]   3-V TO 20-V INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40303 TI-TPS40303 Datasheet
1Mb / 29P
[Old version datasheet]   3-V TO 20-V INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40303 TI-TPS40303_15 Datasheet
2Mb / 37P
[Old version datasheet]   TPS4030x 3-V to 20-V Input Synchronous Buck Controller
TPS40400 TI-TPS40400_15 Datasheet
2Mb / 82P
[Old version datasheet]   TPS40400 3-V to 20-V PMBus Synchronous Buck Controller
TPS40400 TI1-TPS40400 Datasheet
761Kb / 56P
[Old version datasheet]   3.0-V TO 20-V PMBus SYNCHRONOUS BUCK CONTROLLER
TPS40400_1110 TI-TPS40400_1110 Datasheet
1Mb / 72P
[Old version datasheet]   3.0-V TO 20-V PMBus SYNCHRONOUS BUCK CONTROLLER
TPS40195RGYTG4 TI-TPS40195RGYTG4 Datasheet
1Mb / 44P
[Old version datasheet]   4.5-V TO 20-V SYNCHRONOUS BUCK CONTROLLER WITH SYNCHRONIZATION AND
TPS40170-EP TI-TPS40170-EP_15 Datasheet
1Mb / 50P
[Old version datasheet]   4.5-V TO 60-V WIDE-INPUT SYNCHRONOUS PWM BUCK CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com