Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS53311RGTT Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TPS53311RGTT
Description  3-A Step-Down Regulator with Integrated Switcher
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS53311RGTT Datasheet(HTML) 5 Page - Texas Instruments

  TPS53311RGTT Datasheet HTML 1Page - Texas Instruments TPS53311RGTT Datasheet HTML 2Page - Texas Instruments TPS53311RGTT Datasheet HTML 3Page - Texas Instruments TPS53311RGTT Datasheet HTML 4Page - Texas Instruments TPS53311RGTT Datasheet HTML 5Page - Texas Instruments TPS53311RGTT Datasheet HTML 6Page - Texas Instruments TPS53311RGTT Datasheet HTML 7Page - Texas Instruments TPS53311RGTT Datasheet HTML 8Page - Texas Instruments TPS53311RGTT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
TPS53311
www.ti.com
SLUSA41 – JUNE 2010
ELECTRICAL CHARACTERISTICS (continued)
over recommended free-air temperature range, VIN = 3.3 V, VVDD = 3.3 V, PGND = GND (Unless otherwise noted).
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
LOGIC PINS: I/O VOLTAGE AND CURRENT
VPGPD
PGD pull down voltage
Pull-down voltage with 4-mA sink current
0.2
0.4
V
IPGLK
PGD leakage current
Hi-Z leakage current, apply 3.3-V in off state
–2
0
2
µA
RENPU
Enable pull up resistor
1.35
M
Ω
VENH
EN logic high threshold
1.10
1.18
1.30
V
VENHYS
EN hysteresis
0.18
0.24
V
Level 1 to level 2(2)
0.12
Level 2 to level 3
0.4
PSTHS
PS mode threshold voltage
Level 3 to level 4
0.8
V
Level 4 to level 5
1.4
Level 5 to level 6
2.2
IPS
PS source
10-µA pull-up current when enabled.
8
10
12
µA
fSYNCSL
Slave SYNC frequency range
Versus nominal switching frequency
–20%
20%
PWSYNC
SYNC low pulse width
110
ns
ISYNC
SYNC pin sink current
10
µA
VSYNCTHS
(3)
SYNC threshold
Falling edge
1.0
V
VSYNCHYS
(3)
SYNC hysteresis
0.5
V
BOOT STRAP: VOLTAGE AND LEAKAGE CURRENT
IVBSTLK
VBST leakage current
VIN = 3.3V, VVBST = 6.6 V, TA = 25°C
1
µA
TIMERS: SS, FREQUENCY, RAMP, ON-TIME AND I/O TIMING
tSS_1
Delay after EN asserting
EN = 'HI', master or HEF mode
0.2
ms
tSS_2
Delay after EN asserting
EN = 'HI', slave waiting time
0.5
ms
tSS_3
Soft-start ramp-up time
Rising from VSS = 0 V to VSS = 0.6 V
0.4
ms
Rising from VSS = 0 V to VSS = 0.6 V,
tPGDENDLY
PGD startup delay time
0.4
ms
from VSS reaching 0.6 V to VPGD going high
Overvoltage protection delay
tOVPDLY
Time from FB out of +20% of VREF to OVP fault
1.0
1.7
2.5
µs
time
Undervoltage protection delay
tUVPDLY
Time from FB out of -20% of VREF to UVP fault
11
µs
time
fSW
Switching frequency control
Forced CCM mode
0.99
1.1
1.21
MHz
Ramp amplitude(3)
2.9 V < VIN < 6.0 V
VIN/4
V
FCCM mode or DE mode
100
140
tMIN(off)
Minimum OFF time
ns
HEF mode
175
250
Maximum duty cycle, FCCM
84%
89%
mode and DE mode
DMAX
fSW = 1.1 MHz, 0°C ≤ TA ≤ 85°C
Maximum duty cycle, HEF
75%
81%
mode
Soft-discharge transistor
RSFTSTP
VEN = Low, VIN = 3.3 V, VOUT = 0.5 V
60
Ω
resistance
(2)
See PS pin description for levels.
(3)
Ensured by design. Not production tested.
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s) :TPS53311


Similar Part No. - TPS53311RGTT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS53311RGTT TI-TPS53311RGTT Datasheet
541Kb / 22P
[Old version datasheet]   3-A Step-Down Regulator with Integrated Switcher
More results

Similar Description - TPS53311RGTT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS53311 TI-TPS53311 Datasheet
541Kb / 22P
[Old version datasheet]   3-A Step-Down Regulator with Integrated Switcher
TPS53310 TI1-TPS53310_16 Datasheet
832Kb / 22P
[Old version datasheet]   3-A Step-Down Regulator with Integrated Switcher
TPS53310 TI-TPS53310 Datasheet
682Kb / 25P
[Old version datasheet]   3-A Step-Down Regulator with Integrated Switcher
TPS53311 TI-TPS53311_15 Datasheet
898Kb / 26P
[Old version datasheet]   3-A Step-Down Regulator with Integrated Switcher
TPS53313 TI1-TPS53313 Datasheet
774Kb / 23P
[Old version datasheet]   6-A Step-Down Regulator with Integrated Switcher
TPS53315 TI-TPS53315 Datasheet
771Kb / 30P
[Old version datasheet]   12-A Step-Down Regulator with Integrated Switcher
TPS53315RGFT TI1-TPS53315RGFT Datasheet
1Mb / 30P
[Old version datasheet]   12-A Step-Down Regulator with Integrated Switcher
TPS53321 TI-TPS53321 Datasheet
511Kb / 23P
[Old version datasheet]   5-A Step-Down Regulator with Integrated Switcher
TPS53314 TI1-TPS53314 Datasheet
972Kb / 31P
[Old version datasheet]   6-A Step-Down Regulator with Integrated Switcher
TPS53321RGTR TI-TPS53321RGTR Datasheet
903Kb / 25P
[Old version datasheet]   5-A Step-Down Regulator with Integrated Switcher
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com