Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS54319 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS54319
Description  2.95-V to 6-V Input, 3-A Output, 2-MHz, Synchronous Step-Down Switcher With Integrated FETs ( SWIFT??
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS54319 Datasheet(HTML) 1 Page - Texas Instruments

  TPS54319 Datasheet HTML 1Page - Texas Instruments TPS54319 Datasheet HTML 2Page - Texas Instruments TPS54319 Datasheet HTML 3Page - Texas Instruments TPS54319 Datasheet HTML 4Page - Texas Instruments TPS54319 Datasheet HTML 5Page - Texas Instruments TPS54319 Datasheet HTML 6Page - Texas Instruments TPS54319 Datasheet HTML 7Page - Texas Instruments TPS54319 Datasheet HTML 8Page - Texas Instruments TPS54319 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 35 page
background image
PH
VIN
POWERPAD
BOOT
VSENSE
COMP
TPS54319
EN
RT /CLK
SS/TR
PWRGD
C ss
R T
R 3
C 1
C
BOOT
C O
LO
R 1
R 2
C I
VOUT
VIN
AGND
GND
40
50
60
70
80
90
0
10
20
30
100
0
0.5
2
2.5
3
Output Current - A
1
1.5
5 Vin, 1.8 Vout
3.3 Vin,1.8 Vout
TPS54319
www.ti.com
SLVSA83 – JUNE 2010
2.95-V to 6-V Input, 3-A Output, 2-MHz, Synchronous Step-Down
Switcher With Integrated FETs ( SWIFT™)
Check for Samples: TPS54319
1
FEATURES
DESCRIPTION
2
Two 45-m
Ω (typical) MOSFETs for High
The TPS54319 device is a full featured 6 V, 3 A,
Efficiency at 3-A Loads
synchronous step down current mode converter with
two integrated MOSFETs.
300kHz to 2MHz Switching Frequency
0.8 V ± 3.0% Voltage Reference Over
The TPS54319 enables small designs by integrating
the MOSFETs, implementing current mode control to
Temperature (0°C to 85°C)
reduce external component count, reducing inductor
Synchronizes to External Clock
size by enabling up to 2 MHz switching frequency,
Adjustable Slow Start/Sequencing
and minimizing the IC footprint with a small 3mm x
UV and OV Power Good Output
3mm thermally enhanced QFN package.
–40°C to 150°C Operating Junction
The TPS54319 provides accurate regulation for a
Temperature Range
variety of loads with an accurate ±3.0% Voltage
Reference (VREF) over temperature.
Thermally Enhanced 3mm × 3mm 16-pin QFN
Pin Compatible to TPS54318
Efficiency is maximized through the integrated 45m
MOSFETs and 360mA typical supply current. Using
the enable pin, shutdown supply current is reduced to
APPLICATIONS
2 µA by entering a shutdown mode.
Low-Voltage, High-Density Power Systems
Point-of-Load Regulation for Consumer
Under voltage lockout is internally set at 2.6 V, but
Applications such as Set Top Boxes, LCD
can be increased by programming the threshold with
Displays, CPE Equipment
a resistor network on the enable pin. The output
voltage startup ramp is controlled by the slow start
pin. An open drain power good signal indicates the
SIMPLIFIED SCHEMATIC
output is within 93% to 107% of its nominal voltage.
vertical spacer
Frequency fold back and thermal shutdown protects
vertical spacer
the device during an over-current condition.
The TPS54319 is supported in the SwitcherPro™
Software Tool at www.ti.com/switcherpro.
For more SWIFTTM documentation, see the TI
website at www.ti.com/swift.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
SWIFT, SwitcherPro are trademarks of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2010, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TPS54319

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54319 TI-TPS54319 Datasheet
956Kb / 32P
[Old version datasheet]   2.95-V to 6-V Input, 3-A Output, 2-MHz, Synchronous Step-Down Switcher With Integrated FETs ( SWIFT??
TPS54319RTE TI-TPS54319RTE Datasheet
956Kb / 32P
[Old version datasheet]   2.95-V to 6-V Input, 3-A Output, 2-MHz, Synchronous Step-Down Switcher With Integrated FETs ( SWIFT??
TPS54319RTER TI-TPS54319RTER Datasheet
956Kb / 32P
[Old version datasheet]   2.95-V to 6-V Input, 3-A Output, 2-MHz, Synchronous Step-Down Switcher With Integrated FETs ( SWIFT??
TPS54319RTET TI-TPS54319RTET Datasheet
956Kb / 32P
[Old version datasheet]   2.95-V to 6-V Input, 3-A Output, 2-MHz, Synchronous Step-Down Switcher With Integrated FETs ( SWIFT??
TPS54319 TI-TPS54319_15 Datasheet
1Mb / 36P
[Old version datasheet]   2.95-V to 6-V Input, 3-A Output, 2-MHz, Synchronous Step-Down Switcher With Integrated FETs ( SWIFT??
More results

Similar Description - TPS54319

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54319 TI-TPS54319 Datasheet
956Kb / 32P
[Old version datasheet]   2.95-V to 6-V Input, 3-A Output, 2-MHz, Synchronous Step-Down Switcher With Integrated FETs ( SWIFT??
TPS54319 TI-TPS54319_15 Datasheet
1Mb / 36P
[Old version datasheet]   2.95-V to 6-V Input, 3-A Output, 2-MHz, Synchronous Step-Down Switcher With Integrated FETs ( SWIFT??
TPS54618RTET TI-TPS54618RTET Datasheet
1Mb / 39P
[Old version datasheet]   2.95-V to 6-V Input, 6-A Output, 2-MHz, Synchronous Step-Down Switcher With Integrated FETs ( SWIFT??
TPS54618RTET TI1-TPS54618RTET Datasheet
1Mb / 39P
[Old version datasheet]   2.95-V to 6-V Input, 6-A Output, 2-MHz, Synchronous Step-Down Switcher With Integrated FETs ( SWIFT??
TPS57112-Q1 TI1-TPS57112-Q1 Datasheet
1Mb / 37P
[Old version datasheet]   2.95-V to 6-V Input, 2-A Output, 2-MHz, Synchronous Step-Down Switcher With Integrated FETs ( SWIFT??
TPS54318 TI-TPS54318_15 Datasheet
1Mb / 40P
[Old version datasheet]   TPS54318 2.95-V to 6-V Input, 3-A Output, 2-MHz , Synchronous Step-Down Switcher With Integrated FETs (SWIFT??
TPS54418 TI1-TPS54418_17 Datasheet
1Mb / 42P
[Old version datasheet]   2.95-V to 6-V Input, 4-A Output, 2-MHz , Synchronous Step-Down Switcher With Integrated FETs (SWIFT)
TPS54478 TI-TPS54478_15 Datasheet
1Mb / 38P
[Old version datasheet]   2.95-V to 6-V Input, 4-A Output, 2-MHz, Synchronous Step-Down Switcher With Integrated FETs ( SWIFT??
TPS57114-Q1 TI1-TPS57114-Q1 Datasheet
1Mb / 38P
[Old version datasheet]   2.95-V to 6-V Input, 4-A Output, 2-MHz, Synchronous Step-Down Switcher With Integrated FETs ( SWIFT??
TPS54418A TI1-TPS54418A Datasheet
1Mb / 40P
[Old version datasheet]   2.95-V to 6-V Input, 4-A Output, 2-MHz , Synchronous Step-Down Switcher With Integrated FETs (SWIFT??
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com