Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP1597AMNTWG Datasheet(PDF) 4 Page - ON Semiconductor

Part # NCP1597AMNTWG
Description  1 MHz, 2.0 A Synchronous Buck Regulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1597AMNTWG Datasheet(HTML) 4 Page - ON Semiconductor

  NCP1597AMNTWG Datasheet HTML 1Page - ON Semiconductor NCP1597AMNTWG Datasheet HTML 2Page - ON Semiconductor NCP1597AMNTWG Datasheet HTML 3Page - ON Semiconductor NCP1597AMNTWG Datasheet HTML 4Page - ON Semiconductor NCP1597AMNTWG Datasheet HTML 5Page - ON Semiconductor NCP1597AMNTWG Datasheet HTML 6Page - ON Semiconductor NCP1597AMNTWG Datasheet HTML 7Page - ON Semiconductor NCP1597AMNTWG Datasheet HTML 8Page - ON Semiconductor NCP1597AMNTWG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
NCP1597A
http://onsemi.com
4
ELECTRICAL CHARACTERISTICS
(Vin = 4.0 V − 5.5 V, Vout = 1.2 V, TJ = +25°C for typical value; −40°C < TJ < 85°C for min/max values unless noted otherwise)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Vin Input Voltage Range
Vin
4.0
5.5
V
VCC UVLO Threshold
3.2
3.5
3.8
V
UVLO Hysteresis
275
mV
VCC Quiescent Current
IinVCC
Vin = 5 V,VFB = 1.5 V, (No Switching)
1.7
2.0
mA
VCCP Quiescent Current
IinVCCP
Vin = 5 V,VFB = 1.5 V, (No Switching)
25
mA
Vin Shutdown Supply Current (Note 2)
IQSHDN
EN = 0 V
1.8
3.0
mA
FEEDBACK VOLTAGE
Reference Voltage
Vref
0.788
0.800
0.812
V
Feedback Input Bias Current
IFB
VFB = 0.8 V
10
100
nA
Feedback Voltage Line Regulation
Vin = 4.0 V to 5.5 V
0.06
%/V
PWM
Maximum Duty Cycle (Regulating)
83
85
%
Minimum Controllable ON Time (Note 2)
50
ns
PULSE−BY−PULSE CURRENT LIMIT
Pulse−by−Pulse Current Limit (Regulation)
ILIM
2.7
3.9
4.3
A
Pulse−by−Pulse Current Limit (Soft−Start)
ILIMSS
4.0
5.3
6.1
A
OSCILLATOR
Oscillator Frequency
FSW
0.87
1.0
1.13
MHz
MOSFET
High Side MOSFET ON Resistance
RDS(on)
HS
RDS(on)
HS
IDS = 100 mA, VGS = 5 V
140
200
mW
High Side MOSFET Leakage (Note 2)
VEN = 0 V, VSW = 0 V
10
mA
Low Side MOSFET ON Resistance
RDS(on)
LS
RDS(on)
LS
IDS = 100 mA, VGS = 5 V
90
125
mW
Low Side MOSFET Leakage (Note 2)
VEN = 0 V, VSW = 5 V
10
mA
ENABLE (NCP1597A)
EN HI Threshold
ENHI
1.4
V
EN LO Threshold
ENLO
0.4
V
EN Hysteresis
200
mV
EN Pullup Current
1.4
3.0
mA
SOFT−START
Soft−Start Ramp Time
tSS
FSW = 1 MHz
1.0
ms
Hiccup Timer
2.0
ms
THERMAL SHUTDOWN
Thermal Shutdown Threshold
185
°C
Thermal Shutdown Hysteresis
30
°C
2. Guaranteed by design. Not production tested.


Similar Part No. - NCP1597AMNTWG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1597AMNTWG ONSEMI-NCP1597AMNTWG Datasheet
346Kb / 13P
   Synchronous Buck Regulator
April, 2013 ??Rev. 3
More results

Similar Description - NCP1597AMNTWG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1599 ONSEMI-NCP1599 Datasheet
183Kb / 10P
   1 MHz, 3 A Synchronous Buck Regulator
May, 2010 ??Rev. P0
NCP1593A ONSEMI-NCP1593A Datasheet
377Kb / 13P
   1 MHz, 3 A Synchronous Buck Regulator
July, 2012 ??Rev. 2
NCP1599MNTWG ONSEMI-NCP1599MNTWG Datasheet
370Kb / 15P
   1 MHz, 3 A Synchronous Buck Regulator
August, 2010 ??Rev. 0
NCP1597B ONSEMI-NCP1597B_13 Datasheet
349Kb / 13P
   1 MHz, 2 A Synchronous Buck Regulator
April, 2013 ??Rev. 2
NCP1595AMNTWG ONSEMI-NCP1595AMNTWG Datasheet
347Kb / 13P
   1 MHz, 1.5 A Synchronous Buck Regulator
April, 2013 ??Rev. 10
NCP1593 ONSEMI-NCP1593_12 Datasheet
377Kb / 13P
   1 MHz, 3 A Synchronous Buck Regulator
July, 2012 ??Rev. 2
NCP1595 ONSEMI-NCP1595_12 Datasheet
348Kb / 13P
   1 MHz, 1.5 A Synchronous Buck Regulator
March, 2012 ??Rev. 9
NCP1597B ONSEMI-NCP1597B Datasheet
168Kb / 9P
   1 MHz, 2 A Synchronous Buck Regulator
October, 2009 ??Rev. P0
FAN53601 ONSEMI-FAN53601 Datasheet
763Kb / 16P
   6 MHz, 600mA / 1 A Synchronous Buck Regulator
December-2017, Rev. 2
logo
Microchip Technology
MCP1603 MICROCHIP-MCP1603 Datasheet
774Kb / 26P
   2.0 MHz, 500 mA Synchronous Buck Regulator
2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com