Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA4330AIRGYR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # OPA4330AIRGYR
Description  50mV VOS, 0.25mV/째C, 35mA CMOS OPERATIONAL AMPLIFIERS Zer첩-Drift Series
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA4330AIRGYR Datasheet(HTML) 1 Page - Texas Instruments

  OPA4330AIRGYR Datasheet HTML 1Page - Texas Instruments OPA4330AIRGYR Datasheet HTML 2Page - Texas Instruments OPA4330AIRGYR Datasheet HTML 3Page - Texas Instruments OPA4330AIRGYR Datasheet HTML 4Page - Texas Instruments OPA4330AIRGYR Datasheet HTML 5Page - Texas Instruments OPA4330AIRGYR Datasheet HTML 6Page - Texas Instruments OPA4330AIRGYR Datasheet HTML 7Page - Texas Instruments OPA4330AIRGYR Datasheet HTML 8Page - Texas Instruments OPA4330AIRGYR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
OPA330
OPA2330
OPA4330
www.ti.com
SBOS432D – AUGUST 2008 – REVISED JUNE 2010
50mV VOS, 0.25mV/°C, 35mA
CMOS OPERATIONAL AMPLIFIERS
Zerø-Drift Series
Check for Samples: OPA330, OPA2330, OPA4330
1
FEATURES
DESCRIPTION
23
UNMATCHED PRICE PERFORMANCE
The OPA330 series of CMOS operational amplifiers
offer precision performance at a very competitive
LOW OFFSET VOLTAGE: 50mV (max)
price. These devices are members of the Zerø-Drift
ZERO DRIFT: 0.25mV/°C (max)
family
of
amplifiers
which
use
a
proprietary
LOW NOISE: 1.1mVPP, 0.1Hz to 10Hz
auto-calibration technique to simultaneously provide
QUIESCENT CURRENT: 35mA (max)
low offset voltage (50mV max) and near-zero drift
over time and temperature at only 35mA (max) of
SUPPLY VOLTAGE: 1.8V to 5.5V
quiescent current. The OPA330 family features
RAIL-TO-RAIL INPUT/OUTPUT
rail-to-rail input and output in addition to near flat 1/f
INTERNAL EMI FILTERING
noise,
making
this
amplifier
ideal
for
many
applications and much easier to design into a system.
microSIZE PACKAGES: WCSP, SC70, QFN
These
devices
are
optimized
for
low-voltage
operation as low as +1.8V (±0.9V) and up to +5.5V
APPLICATIONS
(±2.75V).
BATTERY-POWERED INSTRUMENTS
The OPA330 (single version) is available in the
TEMPERATURE MEASUREMENTS
WCSP-5, SC70-5, SOT23-5, and SOIC-8 packages.
TRANSDUCER APPLICATIONS
The OPA2330 (dual version) is offered in DFN-8
ELECTRONIC SCALES
(3mm × 3mm), MSOP-8, and SOIC-8 packages. The
MEDICAL INSTRUMENTATION
OPA4330 is offered in the standard SOIC-14 and
TSSOP-14 packages, as well as in the space-saving
HANDHELD TEST EQUIPMENT
VQFN-14 package. All versions are specified for
CURRENT SENSE
operation from –40°C to +125°C.
PRODUCT FAMILY PACKAGE COMPARISON
PACKAGE-LEADS
NO OF
DEVICE
CHANNELS
WCSP
SOIC
SOT23
SC70
MSOP
QFN
TSSOP
OPA330
1
5
8
5
5
OPA2330
2
8
8
8
OPA4330
4
14
14
14
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
NanoStar, NanoFree are trademarks of Texas Instruments Incorporated.
3
All other trademarks are the property of their respective owners.
UNLESS
OTHERWISE
NOTED
this
document
contains
Copyright © 2008–2010, Texas Instruments Incorporated
PRODUCTION DATA information current as of publication date.
Products conform to specifications per the terms of Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - OPA4330AIRGYR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA4330AIRGYR TI-OPA4330AIRGYR Datasheet
1Mb / 29P
[Old version datasheet]   50mV VOS, 0.25mV/째C, 35mA CMOS OPERATIONAL AMPLIFIERS Zer첩-Drift Series
More results

Similar Description - OPA4330AIRGYR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA330 TI-OPA330 Datasheet
1Mb / 29P
[Old version datasheet]   50mV VOS, 0.25mV/째C, 35mA CMOS OPERATIONAL AMPLIFIERS Zer첩-Drift Series
OPA330 TI-OPA330_15 Datasheet
1Mb / 37P
[Old version datasheet]   50關V VOS, 0.25關V/째C, 35關A CMOS OPERATIONAL AMPLIFIERS Zer첩-Drift Series
logo
National Semiconductor ...
OPA335 NSC-OPA335 Datasheet
1Mb / 32P
   0.05關V/째C max, SINGLE-SUPPLY CMOS OPERATIONAL AMPLIFIERS Zer첩-Drift Series
logo
Texas Instruments
OPA378 TI-OPA378 Datasheet
354Kb / 14P
[Old version datasheet]   Low Noise, 900kHz, 50mV, Rail-to-Rail Input/Output Precision OPERATIONAL AMPLIFIER Zer첩-Drift Series
OPA333 TI1-OPA333 Datasheet
1Mb / 42P
[Old version datasheet]   CMOS Operational Amplifiers, Zero-Drift Series
TLV333 TI1-TLV333 Datasheet
918Kb / 34P
[Old version datasheet]   CMOS Operational Amplifiers Zero-Drift
OPA734 TI-OPA734 Datasheet
469Kb / 18P
[Old version datasheet]   SINGLE-SUPPLY CMOS OPERATIONAL AMPLIFIERS Zero-Drift Series
OPA2333AIDGKR TI-OPA2333AIDGKR Datasheet
1Mb / 28P
[Old version datasheet]   1.8V, microPOWER CMOS OPERATIONAL AMPLIFIERS Zero-Drift Series
OPA2335AIDGKRG4 TI1-OPA2335AIDGKRG4 Datasheet
1Mb / 31P
[Old version datasheet]   SINGLE-SUPPLY CMOS OPERATIONAL AMPLIFIERS Zero-Drift Series
logo
Diodes Incorporated
AS2333 DIODES-AS2333 Datasheet
746Kb / 16P
   1.8V, MICROPOWER CMOS ZERO-DRIFT OPERATIONAL AMPLIFIERS
January 2021 Rev. 3 - 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com