Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP1597BMNTXG Datasheet(PDF) 4 Page - ON Semiconductor

Part # NCP1597BMNTXG
Description  1 MHz, 2 A Synchronous Buck Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1597BMNTXG Datasheet(HTML) 4 Page - ON Semiconductor

  NCP1597BMNTXG Datasheet HTML 1Page - ON Semiconductor NCP1597BMNTXG Datasheet HTML 2Page - ON Semiconductor NCP1597BMNTXG Datasheet HTML 3Page - ON Semiconductor NCP1597BMNTXG Datasheet HTML 4Page - ON Semiconductor NCP1597BMNTXG Datasheet HTML 5Page - ON Semiconductor NCP1597BMNTXG Datasheet HTML 6Page - ON Semiconductor NCP1597BMNTXG Datasheet HTML 7Page - ON Semiconductor NCP1597BMNTXG Datasheet HTML 8Page - ON Semiconductor NCP1597BMNTXG Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
NCP1597B
http://onsemi.com
4
ELECTRICAL CHARACTERISTICS
(Vin = 4.0 V − 5.5 V, Vout = 1.2 V, TJ = +25°C for typical value; −40°C < TJ < 125°C for min/max values unless noted otherwise)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Vin Input Voltage Range
Vin
4.0
5.5
V
VCC UVLO Threshold
3.5
3.7
3.9
V
UVLO Hysteresis
180
mV
VCC Quiescent Current
IinVCC
Vin = 5.0 V, VFB = 1.5 V, (No Switching)
1.1
2.0
mA
VCCP Quiescent Current
IinVCCP
Vin = 5.0 V,VFB = 1.5 V, (No Switching)
60
mA
Vin Shutdown Supply Current (Note 1)
IQSHDN
EN = 0 V
1.4
3.0
mA
FEEDBACK VOLTAGE
Reference Voltage
Vref
0.788
0.800
0.812
V
Feedback Input Bias Current
IFB
VFB = 0.8 V
10
100
nA
Feedback Voltage Line Regulation
Vin = 4.0 V to 5.5 V
0.03
%/V
PWM
Maximum Duty Cycle (regulating)
83
%
LDO Mode Threshold Voltage (falling)
0.74
0.75
0.76
V
LDO Mode Threshold Hysteresis (rising)
12
mV
Minimum Controllable ON Time (Note 1)
50
ns
PULSE−BY−PULSE CURRENT LIMIT
Pulse−by−Pulse Current Limit
ILIM
2.6
3.0
3.4
A
OSCILLATOR
Oscillator Frequency
FSW
0.87
1.0
1.13
MHz
MOSFET
High Side MOSFET ON Resistance
RDS(on)
HS
RDS(on)
HS
IDS = 100 mA, VGS = 5 V
140
200
mW
High Side MOSFET Leakage (Note 1)
VEN = 0 V, VSW = 0 V
10
mA
Low Side MOSFET ON Resistance
RDS(on)
LS
RDS(on)
LS
IDS = 100 mA, VGS = 5 V
90
125
mW
Low Side MOSFET Leakage (Note 1)
VEN = 0 V, VSW = 5 V
10
mA
ENABLE
EN HI Threshold
ENHI
1.4
V
EN LO Threshold
ENLO
0.4
V
EN Hysteresis
300
mV
EN Pullup Current
1.4
3.0
mA
SOFT−START
Soft−Start Ramp Time
tSS
FSW = 1 MHz
1.0
ms
Hiccup Timer
2.0
ms
THERMAL SHUTDOWN
Thermal Shutdown Threshold
170
°C
Thermal Shutdown Hysteresis
40
°C
1. Guaranteed by design. Not production tested.


Similar Part No. - NCP1597BMNTXG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1597BMNTWG ONSEMI-NCP1597BMNTWG Datasheet
349Kb / 13P
   1 MHz, 2 A Synchronous Buck Regulator
April, 2013 ??Rev. 2
More results

Similar Description - NCP1597BMNTXG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1597B ONSEMI-NCP1597B_13 Datasheet
349Kb / 13P
   1 MHz, 2 A Synchronous Buck Regulator
April, 2013 ??Rev. 2
NCP1599 ONSEMI-NCP1599 Datasheet
183Kb / 10P
   1 MHz, 3 A Synchronous Buck Regulator
May, 2010 ??Rev. P0
NCP1593A ONSEMI-NCP1593A Datasheet
377Kb / 13P
   1 MHz, 3 A Synchronous Buck Regulator
July, 2012 ??Rev. 2
NCP1599MNTWG ONSEMI-NCP1599MNTWG Datasheet
370Kb / 15P
   1 MHz, 3 A Synchronous Buck Regulator
August, 2010 ??Rev. 0
NCP1595AMNTWG ONSEMI-NCP1595AMNTWG Datasheet
347Kb / 13P
   1 MHz, 1.5 A Synchronous Buck Regulator
April, 2013 ??Rev. 10
NCP1593 ONSEMI-NCP1593_12 Datasheet
377Kb / 13P
   1 MHz, 3 A Synchronous Buck Regulator
July, 2012 ??Rev. 2
NCP1597A ONSEMI-NCP1597A Datasheet
350Kb / 13P
   1 MHz, 2.0 A Synchronous Buck Regulator
June, 2010 ??Rev. 0
NCP1595 ONSEMI-NCP1595_12 Datasheet
348Kb / 13P
   1 MHz, 1.5 A Synchronous Buck Regulator
March, 2012 ??Rev. 9
FAN53601 ONSEMI-FAN53601 Datasheet
763Kb / 16P
   6 MHz, 600mA / 1 A Synchronous Buck Regulator
December-2017, Rev. 2
logo
Analog Devices
ADP3089 AD-ADP3089 Datasheet
103Kb / 4P
   1 MHz, 1 A Buck Regulator
REV. PrE 8/26/02
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com