Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP3012 Datasheet(PDF) 10 Page - ON Semiconductor

Part # NCP3012
Description  Synchronous PWM Controller
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP3012 Datasheet(HTML) 10 Page - ON Semiconductor

Back Button NCP3012 Datasheet HTML 6Page - ON Semiconductor NCP3012 Datasheet HTML 7Page - ON Semiconductor NCP3012 Datasheet HTML 8Page - ON Semiconductor NCP3012 Datasheet HTML 9Page - ON Semiconductor NCP3012 Datasheet HTML 10Page - ON Semiconductor NCP3012 Datasheet HTML 11Page - ON Semiconductor NCP3012 Datasheet HTML 12Page - ON Semiconductor NCP3012 Datasheet HTML 13Page - ON Semiconductor NCP3012 Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
NCP3012
http://onsemi.com
10
DETAILED DESCRIPTION
OVERVIEW
The NCP3012 operates as a 75 kHz, voltage−mode,
pulse−width−modulated, (PWM)
synchronous
buck
converter. It drives high−side and low−side N−channel
power MOSFETs. The NCP3012 incorporates an internal
boost circuit consisting of a boost Clamp and boost diode to
provide supply voltage for the high side MOSFET Gate
driver. The NCP3012 also integrates several protection
features including input undervoltage lockout (UVLO),
output undervoltage (OUV), output overvoltage (OOV),
adjustable high−side current limit (ISET and ILIM), and
thermal shutdown (TSD). The NCP3012 includes a
Power Good (PG) open drain output which flags out of
regulation conditions.
The operational transconductance amplifier (OTA)
provides a high gain error signal which is compared to the
internal ramp signal using the PWM comparator. This
results in a voltage mode PWM feedback stage. The PWM
signal is sent to the internal gate drivers to modulate
MOSFET on and off times. The gate driver stage
incorporates symmetrical fixed non−overlap time between
the high−side and low−side MOSFET gate drives.
The NCP3012 has a dual function Master/Slave SYNC
pin In Slave mode, the NCP3012 synchronizes to an external
clock signal. In Master mode, the NCP3012 can output a
phase shifted clock signal to drive another master slave
equipped power stage to provide a 180
° switching
relationship between the power stages. This can help to
reduce the required input filter capacitance in multi−stage
power converters.
The external 1.25 V reference voltage (VREF) is
provided for system level use. It remains active even when
the NCP3012 is disabled.
POR and UVLO
The device contains an internal Power On Reset (POR)
and input Undervoltage Lockout (UVLO) that inhibits the
internal logic and the output stage from operating until VCC
reaches their respective predefined voltage levels. The
internal logic takes approximately 50
ms to check the SYNC
pin and determine if the device is in Master mode or Slave
mode once the voltage at VCC exceeds the rising UVLO
threshold. The device remains in Standby if enable is not
asserted following the 50
ms time period.
Enable/Disable
The device has an enable pin (EN) with internal 50
mA
pullup current. This gives the user the option of driving EN
with a push−pull or open−drain/collector enable signal.
When driving EN with an external logic supply a 10 k
W
series current limiting resistor must be placed in series with
EN. See Figure 18. The maximum enable threshold is 3.4 V.
If no external drive voltage is available, the internal pullup
can be used to enable the device, and an open drain/collector
input, such as a MOSFET or BJT can be used to disable the
device. A capacitor connected between EN and ground can
be used with the internal pullup current source to provide a
fixed delay to turn−on and turn off. See Equation 1.
DISABLE ENABLE
EN
VEN
−or−
− or−
DISABLE
ENABLE
DISABLE
ENABLE
10 k
W
Enable
Logic
Figure 18. Enable Circuits: Push−Pull, Open−Drain,
or Open−Collector
CEN_DLY +
IPU TEN_DLY
VEN_TH
(eq. 1)
CEN_DLY = Delay Capacitance (F)
IPU = Pullup Current
VEN_TH = Enable Input High Threshold Voltage
TEN_DLY = Desired Delay Time


Similar Part No. - NCP3012

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP301 ONSEMI-NCP301 Datasheet
163Kb / 22P
   Voltage Detector Series
October, 2004 ??Rev. 14
NCP301 ONSEMI-NCP301 Datasheet
164Kb / 25P
   Voltage Detector Series
February, 2007 ??Rev. 22
NCP301 ONSEMI-NCP301 Datasheet
222Kb / 26P
   Voltage Detector Series
October, 2009 ??Rev. 27
NCP301 ONSEMI-NCP301 Datasheet
253Kb / 26P
   Voltage Detector Series
October, 2009 ??Rev. 27
NCP301 ONSEMI-NCP301 Datasheet
170Kb / 25P
   Voltage Detector Series
May, 2016 ??Rev. 29
More results

Similar Description - NCP3012

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP2014 DIODES-AP2014_09 Datasheet
270Kb / 14P
   SYNCHRONOUS PWM CONTROLLER
AP2014/A Rev. 5
logo
ON Semiconductor
NCP3011 ONSEMI-NCP3011_15 Datasheet
369Kb / 28P
   Synchronous PWM Controller
September, 2015 ??Rev. 4
NCV3011DTBR2G ONSEMI-NCV3011DTBR2G Datasheet
412Kb / 28P
   Synchronous PWM Controller
June, 2011 ??Rev. 3
logo
Anachip Corp
AP2002 ANACHIP-AP2002 Datasheet
180Kb / 7P
   Synchronous PWM Controller
AP2007 ANACHIP-AP2007 Datasheet
181Kb / 7P
   Synchronous PWM Controller
logo
ON Semiconductor
NCV3020ADR2G ONSEMI-NCV3020ADR2G Datasheet
778Kb / 23P
   Synchronous PWM Controller
January, 2013 ??Rev. 6
NCP3030A ONSEMI-NCP3030A Datasheet
375Kb / 23P
   Synchronous PWM Controller
April, 2011 ??Rev. 1
logo
Anachip Corp
AP2003 ANACHIP-AP2003 Datasheet
132Kb / 6P
   Synchronous PWM Controller
logo
ON Semiconductor
NCP3020A ONSEMI-NCP3020A_10 Datasheet
759Kb / 23P
   Synchronous PWM Controller
November, 2010 ??Rev. 3
NCP3020A ONSEMI-NCP3020A Datasheet
534Kb / 23P
   Synchronous PWM Controller
November, 2009 ??Rev. P1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com