Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP3012 Datasheet(PDF) 3 Page - ON Semiconductor

Part # NCP3012
Description  Synchronous PWM Controller
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP3012 Datasheet(HTML) 3 Page - ON Semiconductor

  NCP3012 Datasheet HTML 1Page - ON Semiconductor NCP3012 Datasheet HTML 2Page - ON Semiconductor NCP3012 Datasheet HTML 3Page - ON Semiconductor NCP3012 Datasheet HTML 4Page - ON Semiconductor NCP3012 Datasheet HTML 5Page - ON Semiconductor NCP3012 Datasheet HTML 6Page - ON Semiconductor NCP3012 Datasheet HTML 7Page - ON Semiconductor NCP3012 Datasheet HTML 8Page - ON Semiconductor NCP3012 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
NCP3012
http://onsemi.com
3
PIN FUNCTION DESCRIPTION
Pin
Pin Name
Description
1
VREF
The VREF pin is the output for a 1.25 V reference (1 mA max). A 100 kW resistor in parallel with a 1 mF
ceramic capacitor must be connected from this pin to GND to ensure external reference stability.
2
EN
The EN pin is the enable/disable input. A logic high on this pin enables the device. This pin has also an internal
current source pull up. A 10 kW resistor should be connected in series with this pin if VEN is externally biased
from a separate supply.
3
NC
Not Connected
4
SYNC
The dual function SYNC pin synchronizes the device to a higher frequency (Slave Mode). Alternately, it outputs
an 85 kHz clock signal with 180° of phase shift (Master Mode). Connect a 60 kW resistor from SYNC to GND
to enable Master Mode. No resistor is required for Slave Mode.
5
PG
The Power Good pin is an open drain output that is low when the regulated output voltage is beyond the
“Power Good” upper and lower thresholds. Otherwise, it is a high impedance pin.
6
COMP
The COMP pin connects to the output of the Operational Transconductance Amplifier (OTA) and the positive
terminal of the PWM comparator. This pin is used in conjunction with the FB pin to compensate the voltage
mode control feedback loop.
7
FB
The FB pin is connected to the inverting input of the OTA. This pin is used in conjunction with the COMP pin to
compensate the voltage mode control feedback loop.
8
GND
Ground Pin
9
LSDR
The LSDR pin is connected to the output of the low side driver which connects to the gate of the low side
N−FET. It is also used to set the threshold of the current limit circuit (ISET) by connecting a resistor from LSDR
to GND.
10
NC
Not Connected
11
VSW
The VSW pin is the return path for the high side driver. It is also used in conjunction with the VCC pin to sense
current in the high side MOSFET.
12
HSDR
The HSDR pin is connected to the output of the high side driver which connects to the gate of the high side
N−FET.
13
BST
The BST pin is the supply rail for the gate drivers. A capacitor must be connected between this pin and the
VSW pin.
14
VCC
The VCC pin is the main voltage supply input. It is also used in conjunction with the VSW pin to sense current
in the high side MOSFET.


Similar Part No. - NCP3012

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP301 ONSEMI-NCP301 Datasheet
163Kb / 22P
   Voltage Detector Series
October, 2004 ??Rev. 14
NCP301 ONSEMI-NCP301 Datasheet
164Kb / 25P
   Voltage Detector Series
February, 2007 ??Rev. 22
NCP301 ONSEMI-NCP301 Datasheet
222Kb / 26P
   Voltage Detector Series
October, 2009 ??Rev. 27
NCP301 ONSEMI-NCP301 Datasheet
253Kb / 26P
   Voltage Detector Series
October, 2009 ??Rev. 27
NCP301 ONSEMI-NCP301 Datasheet
170Kb / 25P
   Voltage Detector Series
May, 2016 ??Rev. 29
More results

Similar Description - NCP3012

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP2014 DIODES-AP2014_09 Datasheet
270Kb / 14P
   SYNCHRONOUS PWM CONTROLLER
AP2014/A Rev. 5
logo
ON Semiconductor
NCP3011 ONSEMI-NCP3011_15 Datasheet
369Kb / 28P
   Synchronous PWM Controller
September, 2015 ??Rev. 4
NCV3011DTBR2G ONSEMI-NCV3011DTBR2G Datasheet
412Kb / 28P
   Synchronous PWM Controller
June, 2011 ??Rev. 3
logo
Anachip Corp
AP2002 ANACHIP-AP2002 Datasheet
180Kb / 7P
   Synchronous PWM Controller
AP2007 ANACHIP-AP2007 Datasheet
181Kb / 7P
   Synchronous PWM Controller
logo
ON Semiconductor
NCV3020ADR2G ONSEMI-NCV3020ADR2G Datasheet
778Kb / 23P
   Synchronous PWM Controller
January, 2013 ??Rev. 6
NCP3030A ONSEMI-NCP3030A Datasheet
375Kb / 23P
   Synchronous PWM Controller
April, 2011 ??Rev. 1
logo
Anachip Corp
AP2003 ANACHIP-AP2003 Datasheet
132Kb / 6P
   Synchronous PWM Controller
logo
ON Semiconductor
NCP3020A ONSEMI-NCP3020A_10 Datasheet
759Kb / 23P
   Synchronous PWM Controller
November, 2010 ??Rev. 3
NCP3020A ONSEMI-NCP3020A Datasheet
534Kb / 23P
   Synchronous PWM Controller
November, 2009 ??Rev. P1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com