Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP2811AFCT1G Datasheet(PDF) 1 Page - ON Semiconductor

Part # NCP2811AFCT1G
Description  NOCAP Advanced Stereo Headphone Amplifier
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP2811AFCT1G Datasheet(HTML) 1 Page - ON Semiconductor

  NCP2811AFCT1G Datasheet HTML 1Page - ON Semiconductor NCP2811AFCT1G Datasheet HTML 2Page - ON Semiconductor NCP2811AFCT1G Datasheet HTML 3Page - ON Semiconductor NCP2811AFCT1G Datasheet HTML 4Page - ON Semiconductor NCP2811AFCT1G Datasheet HTML 5Page - ON Semiconductor NCP2811AFCT1G Datasheet HTML 6Page - ON Semiconductor NCP2811AFCT1G Datasheet HTML 7Page - ON Semiconductor NCP2811AFCT1G Datasheet HTML 8Page - ON Semiconductor NCP2811AFCT1G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
© Semiconductor Components Industries, LLC, 2009
October, 2009 − Rev. 2
1
Publication Order Number:
NCP2811/D
NCP2811
NOCAPt Advanced Stereo
Headphone Amplifier
NCP2811 is a dual audio power amplifier designed for portable
communication device applications such as mobile phones. This part
is capable of delivering 27 mW of continuous average power into a
16
Ω load from a 2.7 V power supply with a THD+N of 1%.
Based on the power supply delivered to the device, an internal
power management block generates a symmetrical positive and
negative voltage. Thus, the internal amplifiers provide outputs
referenced to Ground. In this True Ground configuration, the two
external heavy coupling capacitors can be removed. It offers
significant space and cost savings compared to a typical stereo
application.
NCP2811 is available with an external adjustable gain (version A),
or with an internal gain of −1.5 V/V (version B). It reaches a superior
−100 dB PSRR and noise floor. Thus, it offers high fidelity audio
sound, as well as a direct connection to the battery. It contains circuitry
to prevent from “Pop & Click” noise that would otherwise occur
during turn−on and turn−off transitions. The device is available in 12
bump CSP package (2 x 1.5 mm) which help to save space on the
board. It is also available in WQFN12 and TSSOP−14 packages.
Features
True Ground Configuration Output Eliminates DC−Blocking
Capacitors:
− Save Board Area
− Save Component Cost
− No Low−Frequency Response Attenuation
High PSRR (−100 dB): Direct Connection to the Battery
“Pop and Click” Noise Protection Circuitry
Internal Gain (−1.5 V/V) or External Adjustable Gain
Ultra Low Current Shutdown Mode
2.7 V – 5.0 V Operation
Thermal Overload Protection Circuitry
CSP 2 x 1.5 mm
WQFN12 3 x 3 mm
TSSOP−14
These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS
Compliant
Typical Applications
Headset Audio Amplifier for
− Cellular Phones
− MP3 Player
− Personal Digital Assistant and Portable Media Player
− Portable Devices
http://onsemi.com
See detailed ordering and shipping information on page 12 of
this data sheet.
ORDERING INFORMATION
WQFN12
MT SUFFIX
CASE 510AH
1
2811x
ALYWG
G
(Note: Microdot may be in either location)
2811x
AYWW
G
x
= A for NCP2811A
= B for NCP2811B
A
= Assembly Location
Y
= Year
WW = Work Week
G
= Pb−Free Package
TSSOP−14
DTB SUFFIX
CASE 948G
12 PIN CSP
FC SUFFIX
CASE 499AZ
MARKING
DIAGRAMS
1
14
2811
x
ALYWG
G
1
14
x
= A for NCP2811A
= B for NCP2811B
A
= Assembly Location
L
= Wafer Lot
Y
= Year
W
= Work Week
G
= Pb−Free Package
(Note: Microdot may be in either location)
x
= A for NCP2811A
= B for NCP2811B
A
= Assembly Location
L
= Wafer Lot
Y
= Year
W
= Work Week
G
= Pb−Free Package


Similar Part No. - NCP2811AFCT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP2815 ONSEMI-NCP2815 Datasheet
232Kb / 11P
   LongPlay Headphone Amplifier
January, 2012 ??Rev. 1
NCP2815AFCT2G ONSEMI-NCP2815AFCT2G Datasheet
232Kb / 11P
   LongPlay Headphone Amplifier
January, 2012 ??Rev. 1
NCP2815BFCCT2G ONSEMI-NCP2815BFCCT2G Datasheet
232Kb / 11P
   LongPlay Headphone Amplifier
January, 2012 ??Rev. 1
NCP2815BFCT2G ONSEMI-NCP2815BFCT2G Datasheet
232Kb / 11P
   LongPlay Headphone Amplifier
January, 2012 ??Rev. 1
NCP2817 ONSEMI-NCP2817 Datasheet
101Kb / 10P
   Headphone Amplifier
November, 2015 ??Rev. 0
More results

Similar Description - NCP2811AFCT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP2809 ONSEMI-NCP2809 Datasheet
186Kb / 22P
   NOCAP 135 mW Stereo Headphone Power Amplifier
November, 2004 ??Rev. 7
NCP2809 ONSEMI-NCP2809_06 Datasheet
188Kb / 22P
   NOCAP 135 mW Stereo Headphone Power Amplifier
January, 2006 ??Rev. 8
logo
Eutech Microelectronics...
EUA6211 EUTECH-EUA6211 Datasheet
821Kb / 1P
   Advanced Stereo Headphone Amplifier
logo
Sanyo Semicon Device
LA4809M SANYO-LA4809M Datasheet
255Kb / 15P
   Stereo Headphone Amplifier
logo
Ceramate Technical
CO8301 CERAMATE-CO8301 Datasheet
122Kb / 9P
   Stereo Headphone Amplifier
logo
Texas Instruments
TPA6130A2 TI1-TPA6130A2 Datasheet
1Mb / 39P
[Old version datasheet]   Stereo Headphone Amplifier
logo
Maxim Integrated Produc...
MAX9729 MAXIM-MAX9729_V01 Datasheet
2Mb / 27P
   Stereo Headphone Amplifier with BassMax, Stereo Headphone Amplifier with BassMax,
19-0857; Rev 1; 5/14
logo
Sanyo Semicon Device
LA4802T SANYO-LA4802T Datasheet
87Kb / 10P
   Headphone Stereo Power Amplifier
logo
Texas Instruments
TPA6135A2 TI-TPA6135A2 Datasheet
1,015Kb / 22P
[Old version datasheet]   DIRECTPATH??Stereo Headphone Amplifier
logo
Global Mixed-mode Techn...
G1402 GMT-G1402 Datasheet
259Kb / 8P
   Stereo Headphone Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com