Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP2823BFCT2G Datasheet(PDF) 3 Page - ON Semiconductor

Part # NCP2823BFCT2G
Description  High Efficiency 3W Filterless Class D Audio Amplifier
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP2823BFCT2G Datasheet(HTML) 3 Page - ON Semiconductor

  NCP2823BFCT2G Datasheet HTML 1Page - ON Semiconductor NCP2823BFCT2G Datasheet HTML 2Page - ON Semiconductor NCP2823BFCT2G Datasheet HTML 3Page - ON Semiconductor NCP2823BFCT2G Datasheet HTML 4Page - ON Semiconductor NCP2823BFCT2G Datasheet HTML 5Page - ON Semiconductor NCP2823BFCT2G Datasheet HTML 6Page - ON Semiconductor NCP2823BFCT2G Datasheet HTML 7Page - ON Semiconductor NCP2823BFCT2G Datasheet HTML 8Page - ON Semiconductor NCP2823BFCT2G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
NCP2823 Series
http://onsemi.com
3
PIN FUNCTION DESCRIPTION
Pin
Pin
Name
Type
Description
A1
INP
INPUT
Positive Differential Input
C1
INN
INPUT
Negative Differential Input
B2
PVDD
POWER
Power Supply: This pin is the power supply of the device. A 4.7 mF ceramic capacitor or larger must
bypass this input to the ground. This capacitor should be placed as close a possible to this input.
B1
AVDD
POWER
Analog Power Supply: This pin must be connected to PVDD.
C3
VOUTP
OUTPUT
Positive output Special care must be observed at layout level. See the Layout recommendations.
A3
VOUTN
OUTPUT
Negative output: Special care must be observed at layout level. See the Layout recommendations.
C2
EN
INPUT
Enable: When a High logic is applied to this pin, the device is activated
B3
PGND
POWER
Power Ground: This pin is the power ground and carries the high switching current. A high quality
ground must be provided to avoid any noise spikes/uncontrolled operation. Care must be observed to
avoid high−density current flow in a limited PCB copper track.
A2
AGND
POWER
Analog Ground: This pin is the analog ground of the device and must be connected to GND plane.
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
AVDD, PVDD Pins: Power Supply Voltage (Note 2)
VP
−0.3 to +6.0
V
INP/N ,Pins: Input (Note 2)
VINP/N
−0.3 to +VDD
V
Digital Input/Output: EN Pin:
Input Voltage
Input Current
VDG
IDG
−0.3 to VDD +0.3
1
V
mA
Human Body Model (HBM) ESD Rating are (Note 3)
ESD HBM
2000
V
Machine Model (MM) ESD Rating are (Note 3)
ESD MM
200
V
WCSP 1.5 x 1.5 mm package (Notes 6 and 7)
Thermal Resistance Junction−to−Case
RqJC
90
°C/W
Operating Ambient Temperature Range
TA
−40 to +85
°C
Operating Junction Temperature Range
TJ
−40 to +125
°C
Maximum Junction Temperature (Note 6)
TJMAX
+150
°C
Storage Temperature Range
TSTG
−65 to +150
°C
Moisture Sensitivity (Note 5)
MSL
Level 1
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
1. Maximum electrical ratings are defined as those values beyond which damage to the device may occur at TA = 25°C.
2. According to JEDEC standard JESD22−A108B.
3. This device series contains ESD protection and passes the following tests:
Human Body Model (HBM) +/−2.0 kV per JEDEC standard: JESD22−A114 for all pins.
Machine Model (MM) +/−200 V per JEDEC standard: JESD22−A115 for all pins.
4. Latch up Current Maximum Rating: $100 mA per JEDEC standard: JESD78 class II.
5. Moisture Sensitivity Level (MSL): 1 per IPC/JEDEC standard: J−STD−020A.
6. The thermal shutdown set to 150°C (typical) avoids irreversible damage on the device due to power dissipation.
7. The RqCA is dependent on the PCB heat dissipation. The maximum power dissipation (PD) is dependent on the min input voltage, the max
output current and external components selected.
RqCA +
125 * TA
PD
* RqJC


Similar Part No. - NCP2823BFCT2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP2823BFCT2G ONSEMI-NCP2823BFCT2G Datasheet
148Kb / 11P
   High Efficiency 3W Filterless Class D Audio Amplifier
January, 2011 ??Rev. 2
More results

Similar Description - NCP2823BFCT2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP2823 ONSEMI-NCP2823_11 Datasheet
148Kb / 11P
   High Efficiency 3W Filterless Class D Audio Amplifier
January, 2011 ??Rev. 2
logo
Lowpower Semiconductor ...
LPA2010 POWER-LPA2010 Datasheet
543Kb / 9P
   Filterless 3W Class- D Mono Audio Amplifier
logo
Power Analog Micoelectr...
PAM8403 PAM-PAM8403 Datasheet
194Kb / 12P
   Filterless 3W Class-D Stereo Audio Amplifier
logo
Diodes Incorporated
PAM8004 DIODES-PAM8004 Datasheet
307Kb / 11P
   FILTERLESS 3W CLASS-D STEREO AUDIO AMPLIFIER
logo
ARTSCHIP ELECTRONICS CO...
PAM8403 ARTSCHIP-PAM8403 Datasheet
237Kb / 12P
   Filterless 3W Class-D Stereo Audio Amplifier
logo
Diodes Incorporated
PAM8403H DIODES-PAM8403H Datasheet
269Kb / 11P
   FILTERLESS 3W CLASS-D STEREO AUDIO AMPLIFIER
PAM8007 DIODES-PAM8007 Datasheet
565Kb / 17P
   FILTERLESS 3W CLASS-D STEREO AUDIO AMPLIFIER
PAM8403 DIODES-PAM8403 Datasheet
380Kb / 11P
   FILTERLESS 3W CLASS-D STEREO AUDIO AMPLIFIER
PAM8603M DIODES-PAM8603M Datasheet
343Kb / 14P
   3W FILTERLESS STEREO CLASS-D AUDIO AMPLIFIER
logo
Lowpower Semiconductor ...
LPA2104A POWER-LPA2104A Datasheet
390Kb / 9P
   Filterless 3W Class- D Mono Audio Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com