Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP3120MNTXG Datasheet(PDF) 22 Page - ON Semiconductor

Part # NCP3120MNTXG
Description  Dual 2.0 A, Step-Down DC/DC Switching Regulator
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP3120MNTXG Datasheet(HTML) 22 Page - ON Semiconductor

Back Button NCP3120MNTXG Datasheet HTML 18Page - ON Semiconductor NCP3120MNTXG Datasheet HTML 19Page - ON Semiconductor NCP3120MNTXG Datasheet HTML 20Page - ON Semiconductor NCP3120MNTXG Datasheet HTML 21Page - ON Semiconductor NCP3120MNTXG Datasheet HTML 22Page - ON Semiconductor NCP3120MNTXG Datasheet HTML 23Page - ON Semiconductor NCP3120MNTXG Datasheet HTML 24Page - ON Semiconductor NCP3120MNTXG Datasheet HTML 25Page - ON Semiconductor NCP3120MNTXG Datasheet HTML 26Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 39 page
background image
NCP3120
http://onsemi.com
22
Figure 41. Typical Behavior of Sequential Mode
EN1 & SEQ2
SEQ1 & EN2
SS1
SS2
VOUT1
0.8V
4V
4V
(min)
Internal PG1
VOUT1 & VOUT2
(min)
VOUT2
Internal PG2
90% V FB
(min)
10% VFB
(min)
PG1
PG2
0.8V
10% V FB
0.8V
0.8V
90% V FB


Similar Part No. - NCP3120MNTXG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP3121 ONSEMI-NCP3121 Datasheet
2Mb / 41P
   Dual 3.0 A, Step-Down DC/DC Switching Regulator
October, 2008 ??Rev. 1
NCP3121MNTXG ONSEMI-NCP3121MNTXG Datasheet
2Mb / 41P
   Dual 3.0 A, Step-Down DC/DC Switching Regulator
October, 2008 ??Rev. 1
NCP3122 ONSEMI-NCP3122 Datasheet
2Mb / 42P
   Dual 2.0 A, Step-Down DC/DC Switching Regulator
October, 2008 ??Rev. 1
NCP3122MNTXG ONSEMI-NCP3122MNTXG Datasheet
2Mb / 42P
   Dual 2.0 A, Step-Down DC/DC Switching Regulator
October, 2008 ??Rev. 1
NCP3123 ONSEMI-NCP3123 Datasheet
2Mb / 41P
   Dual 3.0 A, Step-Down DC/DC Switching Regulator
October, 2008 ??Rev. 1
More results

Similar Description - NCP3120MNTXG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP3122 ONSEMI-NCP3122 Datasheet
2Mb / 42P
   Dual 2.0 A, Step-Down DC/DC Switching Regulator
October, 2008 ??Rev. 1
NCP3123 ONSEMI-NCP3123 Datasheet
2Mb / 41P
   Dual 3.0 A, Step-Down DC/DC Switching Regulator
October, 2008 ??Rev. 1
NCP3121 ONSEMI-NCP3121 Datasheet
2Mb / 41P
   Dual 3.0 A, Step-Down DC/DC Switching Regulator
October, 2008 ??Rev. 1
logo
Texas Instruments
LM2833 TI1-LM2833 Datasheet
1Mb / 30P
[Old version datasheet]   Step-Down DC-DC Switching Regulator
logo
STMicroelectronics
ST1S40 STMICROELECTRONICS-ST1S40_V01 Datasheet
849Kb / 30P
   3 A DC step-down switching regulator
August 2019
ST1S40 STMICROELECTRONICS-ST1S40 Datasheet
1Mb / 29P
   3 A DC step-down switching regulator
ST1S32PUR STMICROELECTRONICS-ST1S32PUR Datasheet
809Kb / 29P
   4 A DC step-down switching regulator
ST1S40IPUR STMICROELECTRONICS-ST1S40IPUR Datasheet
1Mb / 30P
   3 A DC step-down switching regulator
ST1S31 STMICROELECTRONICS-ST1S31 Datasheet
1Mb / 35P
   3 A DC step-down switching regulator
March 2016 Rev 4
logo
Texas Instruments
LM2738 TI1-LM2738_16 Datasheet
1Mb / 40P
[Old version datasheet]   1.5A Step-Down DC-DC Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com