Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP2811AMTTXG Datasheet(PDF) 4 Page - ON Semiconductor

Part # NCP2811AMTTXG
Description  NOCAP Advanced Stereo Headphone Amplifier
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP2811AMTTXG Datasheet(HTML) 4 Page - ON Semiconductor

  NCP2811AMTTXG Datasheet HTML 1Page - ON Semiconductor NCP2811AMTTXG Datasheet HTML 2Page - ON Semiconductor NCP2811AMTTXG Datasheet HTML 3Page - ON Semiconductor NCP2811AMTTXG Datasheet HTML 4Page - ON Semiconductor NCP2811AMTTXG Datasheet HTML 5Page - ON Semiconductor NCP2811AMTTXG Datasheet HTML 6Page - ON Semiconductor NCP2811AMTTXG Datasheet HTML 7Page - ON Semiconductor NCP2811AMTTXG Datasheet HTML 8Page - ON Semiconductor NCP2811AMTTXG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
NCP2811
http://onsemi.com
4
Figure 4. Typical Application Schematic version B
+
+
AGND
OUTL
OUTR
CLICK/POP
SUPPRESSION
BIASING
SD
PGND
PVM
CPP
CPM
VRM
VRP
VP
Cs
VRP
VRP
VRM
VRM
Left
Audio
Right
Audio
VP
INL
INR
POWER MANAGEMENT
1 mF
1 mF
1 mF
Use 10 ohm resistor
for capacitive
drive capability
Table 1. PIN FUNCTION DESCRIPTION
PIN
CSP
PIN
TQFN
PIN
TSSOP
PIN
NAME
TYPE
DESCRIPTION
A1
7
10
AGND
GROUND
Analog ground. Connect to ground reference
A2
5
7
SD
INPUT
Enable activation
A3
10
13
OUTR
OUTPUT
Right audio channel output signal
A4
11
14
OUTL
OUTPUT
Left audio channel output signal
B1
12
2
VP
POWER
Positive supply voltage. It can be connected for example to a Lithium/Ion
battery
B2
8
11
INR
INPUT
Right input of the first audio source
B3
6
9
INL
INPUT
Left input of the first audio source
B4
SPVM
POWER
Amplifier negative power supply voltage. Connect to PVM
C1
1
3
CPP
INPUT/
OUTPUT
Charge pump flying capacitor positive terminal. A 1 mF ceramic filtering
capacitor to CPM is needed
C2
2
4
PGND
GROUND
Power ground, connect to ground reference
C3
3
5
CPM
INPUT
Charge pump flying capacitor negative terminal. A 1 mF ceramic filtering
capacitor to CPP is needed
C4
4
6
PVM
OUTPUT
Charge pump output. A 1 mF ceramic filtering capacitor to ground is
needed


Similar Part No. - NCP2811AMTTXG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP2815 ONSEMI-NCP2815 Datasheet
232Kb / 11P
   LongPlay Headphone Amplifier
January, 2012 ??Rev. 1
NCP2815AFCT2G ONSEMI-NCP2815AFCT2G Datasheet
232Kb / 11P
   LongPlay Headphone Amplifier
January, 2012 ??Rev. 1
NCP2815BFCCT2G ONSEMI-NCP2815BFCCT2G Datasheet
232Kb / 11P
   LongPlay Headphone Amplifier
January, 2012 ??Rev. 1
NCP2815BFCT2G ONSEMI-NCP2815BFCT2G Datasheet
232Kb / 11P
   LongPlay Headphone Amplifier
January, 2012 ??Rev. 1
NCP2817 ONSEMI-NCP2817 Datasheet
101Kb / 10P
   Headphone Amplifier
November, 2015 ??Rev. 0
More results

Similar Description - NCP2811AMTTXG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP2809 ONSEMI-NCP2809 Datasheet
186Kb / 22P
   NOCAP 135 mW Stereo Headphone Power Amplifier
November, 2004 ??Rev. 7
NCP2809 ONSEMI-NCP2809_06 Datasheet
188Kb / 22P
   NOCAP 135 mW Stereo Headphone Power Amplifier
January, 2006 ??Rev. 8
logo
Eutech Microelectronics...
EUA6211 EUTECH-EUA6211 Datasheet
821Kb / 1P
   Advanced Stereo Headphone Amplifier
logo
Sanyo Semicon Device
LA4809M SANYO-LA4809M Datasheet
255Kb / 15P
   Stereo Headphone Amplifier
logo
Ceramate Technical
CO8301 CERAMATE-CO8301 Datasheet
122Kb / 9P
   Stereo Headphone Amplifier
logo
Texas Instruments
TPA6130A2 TI1-TPA6130A2 Datasheet
1Mb / 39P
[Old version datasheet]   Stereo Headphone Amplifier
logo
Maxim Integrated Produc...
MAX9729 MAXIM-MAX9729_V01 Datasheet
2Mb / 27P
   Stereo Headphone Amplifier with BassMax, Stereo Headphone Amplifier with BassMax,
19-0857; Rev 1; 5/14
logo
Sanyo Semicon Device
LA4802T SANYO-LA4802T Datasheet
87Kb / 10P
   Headphone Stereo Power Amplifier
logo
Texas Instruments
TPA6135A2 TI-TPA6135A2 Datasheet
1,015Kb / 22P
[Old version datasheet]   DIRECTPATH??Stereo Headphone Amplifier
logo
Global Mixed-mode Techn...
G1402 GMT-G1402 Datasheet
259Kb / 8P
   Stereo Headphone Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com