Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP2811BMTTXG Datasheet(PDF) 6 Page - ON Semiconductor

Part # NCP2811BMTTXG
Description  NOCAP Advanced Stereo Headphone Amplifier
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP2811BMTTXG Datasheet(HTML) 6 Page - ON Semiconductor

Back Button NCP2811BMTTXG Datasheet HTML 2Page - ON Semiconductor NCP2811BMTTXG Datasheet HTML 3Page - ON Semiconductor NCP2811BMTTXG Datasheet HTML 4Page - ON Semiconductor NCP2811BMTTXG Datasheet HTML 5Page - ON Semiconductor NCP2811BMTTXG Datasheet HTML 6Page - ON Semiconductor NCP2811BMTTXG Datasheet HTML 7Page - ON Semiconductor NCP2811BMTTXG Datasheet HTML 8Page - ON Semiconductor NCP2811BMTTXG Datasheet HTML 9Page - ON Semiconductor NCP2811BMTTXG Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
NCP2811
http://onsemi.com
6
Table 3. ELECTRICAL CHARACTERISTICS Min & Max Limits apply for TA between −40°C to +85°C and TJ up to + 125°C for VIN
between 2.7 V to 5.0 V (Unless otherwise noted). Typical values are referenced to TA = + 25°C and VIN = 3.6 V.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VP
Operational Power Supply
2.7
5.0
V
IDD
Supply quiescent current
Both channels enabled
6.0
mA
ISD
Shutdown current
VP = 2.7 V to 5.0 V
1
mA
VOS
Output offset voltage
VP = 2.7 V to 5.0 V
±1
mV
VIH
High−Level input voltage SD pin
1.2
V
VIL
Low−Level input voltage SD pin
0.4
V
RSD
SD pin pull−down impedance
190
KW
TWU
Turning on time
1
ms
TSD
Thermal shutdown temperature
160
°C
VLP
Max output swing (peak value)
VP = 2.9 V to 5.0 V
Headset ≥ 16 W
THD+N = 1%
1
VRMS
PO
Max output power (output in phase)
VP = 2.7V, THD+N = 1%
Headset = 16 W
VP = 2.7V, THD+N = 1%
Headset = 32 W
VP = 3.6V, THD+N = 1%
Headset = 16 W
VP = 3.6V, THD+N = 1%
Headset = 32 W
VP = 5.0V, THD+N = 1%
Headset = 16 W
VP = 5.0V, THD+N = 1%
Headset = 32 W
27
37
90
64
110
64
mW
Crosstalk (Note 8)
Headset ≥ 16 W
−80
−60
dB
PSRR
Power supply rejection ratio (Note 8)
VP = 2.7 V to 5.0 V
Input shorted to ground
F = 217 Hz
F = 1 kHz
−106
−95
dB
THD+N
Total harmonic distortion + noise (Note 8)
Headset = 16 W
POUT = 25 mW
0.01
%
VN
Output noise voltage (Note 8)
A−Weighting filter
7
mVRMS
ZIN
Input impedance
B version only
20
KW
ZSD
Output impedance in shutdown mode
10
KW
UVLO
UVLO threshold
Falling edge
2.3
V
UVLOHYST
UVLO hysteresis
100
mV
Av
Voltage Gain
B version only
−1.53
−1.5
−1.48
V/V
8. Guaranteed by design and characterized.


Similar Part No. - NCP2811BMTTXG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP2815 ONSEMI-NCP2815 Datasheet
232Kb / 11P
   LongPlay Headphone Amplifier
January, 2012 ??Rev. 1
NCP2815AFCT2G ONSEMI-NCP2815AFCT2G Datasheet
232Kb / 11P
   LongPlay Headphone Amplifier
January, 2012 ??Rev. 1
NCP2815BFCCT2G ONSEMI-NCP2815BFCCT2G Datasheet
232Kb / 11P
   LongPlay Headphone Amplifier
January, 2012 ??Rev. 1
NCP2815BFCT2G ONSEMI-NCP2815BFCT2G Datasheet
232Kb / 11P
   LongPlay Headphone Amplifier
January, 2012 ??Rev. 1
NCP2817 ONSEMI-NCP2817 Datasheet
101Kb / 10P
   Headphone Amplifier
November, 2015 ??Rev. 0
More results

Similar Description - NCP2811BMTTXG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP2809 ONSEMI-NCP2809 Datasheet
186Kb / 22P
   NOCAP 135 mW Stereo Headphone Power Amplifier
November, 2004 ??Rev. 7
NCP2809 ONSEMI-NCP2809_06 Datasheet
188Kb / 22P
   NOCAP 135 mW Stereo Headphone Power Amplifier
January, 2006 ??Rev. 8
logo
Eutech Microelectronics...
EUA6211 EUTECH-EUA6211 Datasheet
821Kb / 1P
   Advanced Stereo Headphone Amplifier
logo
Sanyo Semicon Device
LA4809M SANYO-LA4809M Datasheet
255Kb / 15P
   Stereo Headphone Amplifier
logo
Ceramate Technical
CO8301 CERAMATE-CO8301 Datasheet
122Kb / 9P
   Stereo Headphone Amplifier
logo
Texas Instruments
TPA6130A2 TI1-TPA6130A2 Datasheet
1Mb / 39P
[Old version datasheet]   Stereo Headphone Amplifier
logo
Maxim Integrated Produc...
MAX9729 MAXIM-MAX9729_V01 Datasheet
2Mb / 27P
   Stereo Headphone Amplifier with BassMax, Stereo Headphone Amplifier with BassMax,
19-0857; Rev 1; 5/14
logo
Sanyo Semicon Device
LA4802T SANYO-LA4802T Datasheet
87Kb / 10P
   Headphone Stereo Power Amplifier
logo
Texas Instruments
TPA6135A2 TI-TPA6135A2 Datasheet
1,015Kb / 22P
[Old version datasheet]   DIRECTPATH??Stereo Headphone Amplifier
logo
Global Mixed-mode Techn...
G1402 GMT-G1402 Datasheet
259Kb / 8P
   Stereo Headphone Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com