Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS62403DRCTG4 Datasheet(PDF) 3 Page - Texas Instruments

Part # TPS62403DRCTG4
Description  2.25MHz 400mA/600mA Dual Step-Down Converter In Small 3x3mm QFN Package
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS62403DRCTG4 Datasheet(HTML) 3 Page - Texas Instruments

  TPS62403DRCTG4 Datasheet HTML 1Page - Texas Instruments TPS62403DRCTG4 Datasheet HTML 2Page - Texas Instruments TPS62403DRCTG4 Datasheet HTML 3Page - Texas Instruments TPS62403DRCTG4 Datasheet HTML 4Page - Texas Instruments TPS62403DRCTG4 Datasheet HTML 5Page - Texas Instruments TPS62403DRCTG4 Datasheet HTML 6Page - Texas Instruments TPS62403DRCTG4 Datasheet HTML 7Page - Texas Instruments TPS62403DRCTG4 Datasheet HTML 8Page - Texas Instruments TPS62403DRCTG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 44 page
background image
TPS62400, TPS62401
TPS62402, TPS62403, TPS62404
www.ti.com
SLVS681E – JUNE 2006 – REVISED APRIL 2010
RECOMMENDED OPERATING CONDITIONS
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VIN
Supply voltage
2.5
6
V
Output voltage range for adjustable voltage
0.6
VIN
V
TA
Operating ambient temperature
-40
85
°C
TJ
Operating junction temperature
-40
125
°C
ELECTRICAL CHARACTERISTICS
VIN = 3.6V, VOUT = 1.8V, EN = VIN, MODE = GND, L = 2.2mH, COUT = 20mF, TA = –40°C to 85°C typical values are at
TA = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY CURRENT
VIN
Input voltage range
2.5
6.0
V
One converter, IOUT = 0mA. PFM mode
19
29
mA
enabled (Mode = 0) device not switching,
EN1 = 1 OR EN2 = 1
Two converter, IOUT = 0mA. PFM mode
32
48
mA
enabled (Mode = 0) device not switching,
IQ
Operating quiescent current
EN1 = 1 AND EN2 = 1
IOUT = 0mA, MODE/DATA = GND, for one
23
mA
converter, VOUT 1.575V
(1)
IOUT = 0mA, MODE/DATA = VIN, for one
3.6
mA
converter, VOUT 1.575V
(1)
EN1, EN2 = GND, VIN = 3.6V
(2)
1.2
3
ISD
Shutdown current
mA
EN1, EN2 = GND, VIN ramped from 0V to
0.1
1
3.6V(3)
Falling
1.5
2.35
VUVLO
Undervoltage lockout threshold
V
Rising
2.4
ENABLE EN1, EN2
VIH
High-level input voltage, EN1, EN2
1.2
VIN
V
VIL
Low-level input voltage, EN1, EN2
0
0.4
V
IIN
Input bias current, EN1, EN2
EN1, EN2 = GND or VIN
0.05
1.0
mA
DEF_1 INPUT
DEF_1 pin is a digital input at TPS62401
VDEF_1H
DEF_1 high level input voltage
0.9
VIN
V
fixed output voltage option
DEF_1 pin is a digital input at TPS62401
VDEF_1L
DEF_1 low level input voltage
0
0.4
V
fixed output voltage option
IIN
Input bias current DEF_1
DEF_1 GND or VIN
0.01
1.0
mA
MODE/DATA
VIH
High-level input voltage, MODE/DATA
1.2
VIN
V
VIL
Low-level input voltage, MODE/DATA
0
0.4
V
IIN
Input bias current, MODE/DATA
MODE/DATA = GND or VIN
0.01
1.0
mA
VOH
Acknowledge output voltage high
Open drain, via external pullup resistor
VIN
V
VOL
Acknowledge output voltage low
Open drain, sink current 500mA
0
0.4
V
INTERFACE TIMING
tStart
Start time
2
ms
tH_LB
High time low bit, logic 0 detection
Signal level on MODE/DATA pin is > 1.2V
2
200
ms
(1)
Device is switching with no load on the output, L = 3.3mH, value includes losses of the coil
(2)
These values are valid after the device has been already enabled one time (EN1 or EN2 = high) and supply voltage VIN has not
powered down.
(3)
These values are valid when the device is disabled (EN1 and EN2 low) and supply voltage VIN is powered up. The values remain valid
until the device has been enabled first time (EN1 or EN2 = high). After first enable, Note 3 becomes valid.
Copyright © 2006–2010, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): TPS62400 TPS62401 TPS62402 TPS62403 TPS62404


Similar Part No. - TPS62403DRCTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62403DRCTG4 TI-TPS62403DRCTG4 Datasheet
1Mb / 39P
[Old version datasheet]   2.25MHz 400mA/600mA Dual Step-Down Converter In Small 3x3mm QFN Package
TPS62403DRCTG4 TI-TPS62403DRCTG4 Datasheet
1Mb / 43P
[Old version datasheet]   2.25MHz 400mA/600mA Dual Step-Down Converter In Small 3x3mm QFN Package
TPS62403DRCTG4 TI-TPS62403DRCTG4 Datasheet
1Mb / 43P
[Old version datasheet]   2.25MHz 400mA/600mA Dual Step-Down Converter In Small 3x3mm QFN Package
More results

Similar Description - TPS62403DRCTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62400 TI-TPS62400_07 Datasheet
1Mb / 43P
[Old version datasheet]   2.25MHz 400mA/600mA Dual Step-Down Converter In Small 3x3mm QFN Package
TPS62400 TI-TPS62400_10 Datasheet
1Mb / 43P
[Old version datasheet]   2.25MHz 400mA/600mA Dual Step-Down Converter In Small 3x3mm QFN Package
TPS62400 TI1-TPS62400_14 Datasheet
1Mb / 43P
[Old version datasheet]   2.25MHz 400mA/600mA Dual Step-Down Converter In Small 3x3mm QFN Package
TPS62403 TI-TPS62403 Datasheet
1Mb / 39P
[Old version datasheet]   2.25MHz 400mA/600mA Dual Step-Down Converter In Small 3x3mm QFN Package
TPS62420 TI1-TPS62420_14 Datasheet
1Mb / 37P
[Old version datasheet]   2.25MHz 600mA/1000mA Dual Step Down Converter In Small 3x3mm QFN Package
TPS62420 TI-TPS62420 Datasheet
1Mb / 32P
[Old version datasheet]   2.25MHz 600mA/1000mA Dual Step Down Converter In Small 3x3mm QFN Package
TPS62410-Q1 TI1-TPS62410-Q1 Datasheet
1Mb / 35P
[Old version datasheet]   2.25MHz 2x800mA Dual Step Down Converter In Small 3x3mm QFN Package
TPS62410 TI-TPS62410 Datasheet
1Mb / 34P
[Old version datasheet]   2.25MHz 2x800mA Dual Step Down Converter In Small 3x3mm QFN Package
TPS62410-Q1 TI-TPS62410-Q1_15 Datasheet
1Mb / 36P
[Old version datasheet]   2.25MHz 2x800mA Dual Step Down Converter In Small 3x3mm QFN Package
logo
Union Semiconductor, In...
UM3521DA UNIONSEMI-UM3521DA Datasheet
609Kb / 10P
   600mA, 2.25MHz, Synchronous Step-Down DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com