Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP3125 Datasheet(PDF) 4 Page - ON Semiconductor

Part # NCP3125
Description  4 A Synchronous PWM Switching Converter
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP3125 Datasheet(HTML) 4 Page - ON Semiconductor

  NCP3125 Datasheet HTML 1Page - ON Semiconductor NCP3125 Datasheet HTML 2Page - ON Semiconductor NCP3125 Datasheet HTML 3Page - ON Semiconductor NCP3125 Datasheet HTML 4Page - ON Semiconductor NCP3125 Datasheet HTML 5Page - ON Semiconductor NCP3125 Datasheet HTML 6Page - ON Semiconductor NCP3125 Datasheet HTML 7Page - ON Semiconductor NCP3125 Datasheet HTML 8Page - ON Semiconductor NCP3125 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
NCP3125
http://onsemi.com
4
Table 3. ELECTRICAL CHARACTERISTICS (−40°C < TJ < 125°C; VIN = 12 V, BST−VSW = 12 V, BST = 12 V, VSW = 24 V, for
min/max values unless otherwise noted.)
Characteristic
Conditions
Min
Typ
Max
Unit
Input Voltage Range
VIN − GND
4.5
13.2
V
Boost Voltage Range
VBST − GND
4.5
26.5
V
SUPPLY CURRENT
Quiescent Supply Current
VFB = 1.0 V, No Switching, VIN = 13.2 V
1.0
10.0
mA
Shutdown Supply Current
VFB = 1.0 V, COMP = 0 V, VIN = 13.2 V
4.0
mA
Boost Quiescent Current
VFB = 1.0 V, No Switching, VIN = 13.2 V
0.1
1.0
mA
UNDER VOLTAGE LOCKOUT
VIN UVLO Threshold
VIN Rising Edge
3.8
4.3
V
VIN UVLO Hysteresis
430
mV
SWITCHING REGULATOR
VFB Feedback Voltage,
Control Loop in Regulation
TJ = 0 to 25°C, 4.5 V < VCC < 13.2 V
−40°C v TJ v 125°C, 4.5 v VCC v 13.2 V
792
784
800
800
808
816
mV
Oscillator Frequency
TJ = 0 to 25°C, 4.5 V < VCC < 13.2 V
−40°C v TJ v 125°C, 4.5 v VCC v 13.2 V
300
290
350
350
400
410
kHz
Ramp−Amplitude Voltage
0.8
1.1
1.4
V
Minimum Duty Ratio
5.5
%
Maximum Duty Ratio
70
75
80
%
PWM COMPENSATION
Transconductance
3.0
5
mS
Open Loop DC Gain
CO = 1 nF
55
70
dB
Output Source Current
Output Sink Current
VFB < 0.8 V
VFB > 0.8 V
60
60
125
125
200
200
mA
Input Bias Current
0.160
1.0
mA
ENABLE
Enable Threshold
0.3
0.4
0.5
V
SOFT−START
Delay to Soft−Start
3
15
ms
SS Source Current
VFB < 0.8 V
10.5
mA
Switch Over Threshold
VFB = 0.8 V
100
% of Vref
OVER−CURRENT PROTECTION
OCSET Current Source
Sourced from ISET pin, before SS
10
mA
OC Switch−Over Threshold
700
mV
Fixed OC Threshold
375
mV
PWM OUTPUT STAGE
High−Side Switch On−Resistance
VIN = 12 V (Note 5)
VIN = 5 V (Note 5)
60
80
75
100
mW
Low−Side Switch On−Resistance
VIN = 12 V (Note 5)
VIN = 5 V (Note 5)
36
45
40
50
mW
5. Guaranteed by design.


Similar Part No. - NCP3125

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP3120 ONSEMI-NCP3120 Datasheet
1Mb / 39P
   Dual 2.0 A, Step-Down DC/DC Switching Regulator
January, 2008 - Rev. 0
NCP3120MNTXG ONSEMI-NCP3120MNTXG Datasheet
1Mb / 39P
   Dual 2.0 A, Step-Down DC/DC Switching Regulator
January, 2008 - Rev. 0
NCP3121 ONSEMI-NCP3121 Datasheet
2Mb / 41P
   Dual 3.0 A, Step-Down DC/DC Switching Regulator
October, 2008 ??Rev. 1
NCP3121MNTXG ONSEMI-NCP3121MNTXG Datasheet
2Mb / 41P
   Dual 3.0 A, Step-Down DC/DC Switching Regulator
October, 2008 ??Rev. 1
NCP3122 ONSEMI-NCP3122 Datasheet
2Mb / 42P
   Dual 2.0 A, Step-Down DC/DC Switching Regulator
October, 2008 ??Rev. 1
More results

Similar Description - NCP3125

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP3126 ONSEMI-NCP3126 Datasheet
311Kb / 23P
   3 A Synchronous PWM Switching Converter
May, 2010 ??Rev. 1
NCP3127 ONSEMI-NCP3127 Datasheet
640Kb / 24P
   2 A Synchronous PWM Switching Converter
May, 2010 ??Rev. 0
NCP3170 ONSEMI-NCP3170_14 Datasheet
684Kb / 26P
   Synchronous PWM Switching Converter
September, 2014 ??Rev. 5
NCP3170ADR2G ONSEMI-NCP3170ADR2G Datasheet
684Kb / 26P
   Synchronous PWM Switching Converter
April, 2013 ??Rev. 3
NCP3170 ONSEMI-NCP3170 Datasheet
701Kb / 25P
   Synchronous PWM Switching Converter
August, 2011 ??Rev. 1
logo
List of Unclassifed Man...
RT9233 ETC-RT9233 Datasheet
197Kb / 8P
   4 BIT PROGRAMMABLE SYNCHRONOUS PWM BUCK CONVERTER CONTROLLER
logo
Texas Instruments
TPS54428 TI1-TPS54428_16 Datasheet
1Mb / 29P
[Old version datasheet]   4-A Synchronous Step-Down Converter
logo
ON Semiconductor
NCP3134 ONSEMI-NCP3134 Datasheet
152Kb / 13P
   4 A Integrated Synchronous Buck Converter
August, 2016 ??Rev. 1
logo
Feeling Technology Corp...
FP6288 FEELING-FP6288 Datasheet
432Kb / 12P
   Non-Synchronous PWM Boost Converter
logo
ACE Technology Co., LTD...
ACE710C ACE-ACE710C Datasheet
639Kb / 8P
   1A Synchronous PWM Boost converter
VER 1.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com