Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP3127 Datasheet(PDF) 8 Page - ON Semiconductor

Part # NCP3127
Description  2 A Synchronous PWM Switching Converter
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP3127 Datasheet(HTML) 8 Page - ON Semiconductor

Back Button NCP3127 Datasheet HTML 4Page - ON Semiconductor NCP3127 Datasheet HTML 5Page - ON Semiconductor NCP3127 Datasheet HTML 6Page - ON Semiconductor NCP3127 Datasheet HTML 7Page - ON Semiconductor NCP3127 Datasheet HTML 8Page - ON Semiconductor NCP3127 Datasheet HTML 9Page - ON Semiconductor NCP3127 Datasheet HTML 10Page - ON Semiconductor NCP3127 Datasheet HTML 11Page - ON Semiconductor NCP3127 Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
NCP3127
http://onsemi.com
8
source of 10
mA (typ), which charges the external integrator
capacitor of the OTA. Figure 14 is a typical soft−start
sequence. The sequence begins once VIN and VBST surpass
their UVLO thresholds and OCP programming is complete.
The current sourced out of the COMP pin continually
increases the voltage until regulation is reached. Once the
voltage reaches 400 mV logic is enabled. When the voltage
exceeds 900 mV, switching begins. Current is sourced out of
the COMP pin, placing the regulator into open loop
operation until 800 mV is sensed at the FB pin. Once
800 mV is sensed at the FB pin, open loop operation ends
and closed loop operation begins. In closed loop operation,
the OTA is capable of sourcing and sinking 120
mA.
Figure 18. Soft−Start Sequence
VCC
COMP
VFB
BG
TG
BG Comparator
BG Comparator Output
Vout
UVLO POR
Delay
Current
COMP
Delay
Soft−Start Normal Operation
UVLO
0.9 V
3.85 V
4.2 V
DAC Voltage
500 mV
50 mV
Trip Set
Overcurrent Threshold Setting
NCP3127 overcurrent threshold can be set from 50 mV to
550 mV, by adding a resistor (RSET) between ISET and
GND. During a short period of time following VIN rising
over UVLO threshold, an internal 10
mA current (IOCSET) is
sourced from the ISET pin, creating a voltage drop across
RSET. The voltage drop is compared against a stepped
internal voltage ramp. Once the internal stepped voltage
reaches the RSET voltage, the value is stored internally until
power is cycled. The overall time length for the OC setting
procedure is approximately 9 ms. Connecting an RSET
resistor between ISET and GND, the programmed threshold
will be:
IOCth +
IOCSET *RSET
RDS(on)
³ 2.0 A +
10 mA*21 kW
105 mW
(eq. 1)
IOCSET = Sourced current
IOCth = Current trip threshold
RDS(on) = On resistance of the low side MOSFET
RSET = Current set resistor
The RSET values range from 5 kW to 55 kW. If RSET is not
connected, the device switches the OCP threshold to a fixed
375 mV value (3.57 A), an internal safety clamp on ISET is
triggered as soon as ISET voltage reaches 700 mV, enabling
the 375 mV fixed threshold and ending the OCP setting
period. The current trip threshold tolerance is
$25 mV. The
accuracy is best at the highest set point (550 mV). The
accuracy will decrease as the set point decreases.
MOSFET tolerances with temperature and input voltage
will vary the over current set threshold operating point. A
graph of the typical current limit set thresholds at 4.5 V and
12 V is shown in Figure 19.
RSET (kW)
Figure 19. RSET Value for Output Current
5.0 V
12 V
0
0.5
1
1.5
2
2.5
3
3.5
4
5
1015
202530
Current Limit Protection
In case of a short circuit or overload, the low−side (LS)
FET will conduct large currents. The regulator will latch off,
protecting the load and MOSFETs from excessive heat and
damage. Low−side RDS(on) sense is implemented at the end
of each LS−FET turn−on duration to sense the current.
While the low side MOSFET is on, the VSW voltage is
compared to the user set internally generated OCP trip
voltage. If the VSW voltage is lower than OCP trip voltage,
an overcurrent condition occurs and a counter counts
consecutive current trips. If the counter reaches 7, the PWM
logic and both HS−FET and LS−FET are turned off. The
regulator has to go through a Power On Reset (POR) cycle
to reset the OCP fault as shown in Figure 20.


Similar Part No. - NCP3127

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP3120 ONSEMI-NCP3120 Datasheet
1Mb / 39P
   Dual 2.0 A, Step-Down DC/DC Switching Regulator
January, 2008 - Rev. 0
NCP3120MNTXG ONSEMI-NCP3120MNTXG Datasheet
1Mb / 39P
   Dual 2.0 A, Step-Down DC/DC Switching Regulator
January, 2008 - Rev. 0
NCP3121 ONSEMI-NCP3121 Datasheet
2Mb / 41P
   Dual 3.0 A, Step-Down DC/DC Switching Regulator
October, 2008 ??Rev. 1
NCP3121MNTXG ONSEMI-NCP3121MNTXG Datasheet
2Mb / 41P
   Dual 3.0 A, Step-Down DC/DC Switching Regulator
October, 2008 ??Rev. 1
NCP3122 ONSEMI-NCP3122 Datasheet
2Mb / 42P
   Dual 2.0 A, Step-Down DC/DC Switching Regulator
October, 2008 ??Rev. 1
More results

Similar Description - NCP3127

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP3125 ONSEMI-NCP3125 Datasheet
325Kb / 22P
   4 A Synchronous PWM Switching Converter
April, 2010 ??Rev. 1
NCP3126 ONSEMI-NCP3126 Datasheet
311Kb / 23P
   3 A Synchronous PWM Switching Converter
May, 2010 ??Rev. 1
NCP3170 ONSEMI-NCP3170_14 Datasheet
684Kb / 26P
   Synchronous PWM Switching Converter
September, 2014 ??Rev. 5
NCP3170ADR2G ONSEMI-NCP3170ADR2G Datasheet
684Kb / 26P
   Synchronous PWM Switching Converter
April, 2013 ??Rev. 3
NCP3170 ONSEMI-NCP3170 Datasheet
701Kb / 25P
   Synchronous PWM Switching Converter
August, 2011 ??Rev. 1
logo
STMicroelectronics
ST1S09 STMICROELECTRONICS-ST1S09_08 Datasheet
417Kb / 18P
   2 A, 1.5 MHz PWM step-down switching regulator with synchronous rectificationtm
ST1S09 STMICROELECTRONICS-ST1S09_10 Datasheet
387Kb / 18P
   2 A, 1.5 MHz PWM step-down switching regulator with synchronous rectification
logo
Feeling Technology Corp...
FP6288 FEELING-FP6288 Datasheet
432Kb / 12P
   Non-Synchronous PWM Boost Converter
logo
ACE Technology Co., LTD...
ACE710C ACE-ACE710C Datasheet
639Kb / 8P
   1A Synchronous PWM Boost converter
VER 1.1
logo
ON Semiconductor
NCP6324 ONSEMI-NCP6324_V01 Datasheet
533Kb / 17P
   Buck Converter - Synchronous 3 MHz, 2 A
July, 2020 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com