Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP3985 Datasheet(PDF) 8 Page - ON Semiconductor

Part # NCP3985
Description  Micropower, 150 mA Low-Noise, High PSRR, Ultra-Low Dropout BiCMOS Voltage Regulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP3985 Datasheet(HTML) 8 Page - ON Semiconductor

Back Button NCP3985 Datasheet HTML 2Page - ON Semiconductor NCP3985 Datasheet HTML 3Page - ON Semiconductor NCP3985 Datasheet HTML 4Page - ON Semiconductor NCP3985 Datasheet HTML 5Page - ON Semiconductor NCP3985 Datasheet HTML 6Page - ON Semiconductor NCP3985 Datasheet HTML 7Page - ON Semiconductor NCP3985 Datasheet HTML 8Page - ON Semiconductor NCP3985 Datasheet HTML 9Page - ON Semiconductor NCP3985 Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
NCP3985
http://onsemi.com
8
APPLICATION INFORMATION
General
The NCP3985 is a 200 mA (current limited) linear
regulator with a logic input for on/off control for the high
speed turn-off output voltage.
Access to the major contributor of noise within the
integrated circuit is provided as the focus for noise reduction
within the linear regulator system.
Power Up/Down
During power up, the NCP3985 maintains a high
impedance output (Vout) until sufficient voltage is present on
Vin to power the internal bandgap reference voltage. When
sufficient voltage is supplied (approx 1.2 V), Vout will start
to turn on (assume CE shorted to Vin), linearly increasing
until the output regulation voltage has been reached.
Active discharge circuitry has been implemented to insure
a fast turn off time. Then CE goes low, the active discharge
transistor turns on creating a fast discharge of the output
voltage. Power to drive this circuitry is drawn from the
output node. This is to maintain the lowest quiescent current
when in the sleep mode (VCE = 0.4 V). This circuitry
subsequently turns off when the output voltage discharges.
CE (chip enable)
The enable function is controller by the logic pin CE. The
voltage threshold of this pin is set between 0.4 V and 1.2V.
A voltage lower than 0.4 V guarantees the device is off. A
voltage higher than 1.2 V guarantees the device is on. The
NCP3985 enters a sleep mode when in the off state drawing
less than 1
mA of quiescent current.
The device can be used as a simple regulator without use
of the chip enable feature by tying the CE pin to the Vin pin.
Current Limit
Output Current is internally limited within the IC to a
minimum of 200 mA. The design is set to a higher value to
allow for variation in processing and the temperature
coefficient of the parameter. The NCP3985 will source this
amount of current measured with a voltage 100 mV lower
than the typical operating output voltage.
The specification for short circuit current limit (@ Vout =
0V) is specified at 320 mA (typ). There is no additional
circuitry to lower the current limit at low output voltages.
This number is provided for informational purposes only.
Output Capacitor
The NCP3985 has been designed to work with low ESR
ceramic capacitors. There is no ESR lower limit for stability
for the recommended 1
mF output capacitor. Stable region
for Output capacitor ESR vs Output Current is shown in
Figure23.
Typical characteristics were measured with Murata
ceramic capacitors. GRM219R71E105K (1
mF, 25 V, X7R,
0805) and GRM21BR71A106K (10
mF, 10 V, X7R, 0805).
Output Noise
The main contributor for noise present on the output pin
Vout is the reference voltage node. This is because any noise
which is generated at this node will be subsequently
amplified through the error amplifier and the PMOS pass
device. Access to the reference voltage node is supplied
directly through the Cnoise pin. Noise can be reduced from
a typical value of 25
mVrms by using 10 nF to 20 mVrms by
using a 100 nF from the Cnoise pin to ground.
A bypass capacitor is recommended for good noise
performance and better load transient response.
Thermal Shutdown
When the die temperature exceeds the Thermal Shutdown
threshold, a Thermal Shutdown (TSD) event is detected and
the output (Vout) is turned off. There is no effect from the
active discharge circuitry. The IC will remain in this state
until the die temperature moves below the shutdown
threshold (150
°C typical) minus the hysteresis factor (20°C
typical).
This feature provides protection from a catastrophic
device failure due to accidental overheating. It is not
intended to be used as a substitute for proper heat sinking.
The maximum device power dissipation can be calculated
by:
P
D +
T
J * TA
RqJA
Thermal resistance value versus copper area and package is
shown in Figure 24.
Figure 24. RqJA vs. PCB Copper Area
PCB COPPER AREA (mm2)
700
600
500
400
300
200
100
0
80
130
180
230
280
330
380
TSOP-5 (1 oz)
TSOP-5 (2 oz)


Similar Part No. - NCP3985

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP3985 ONSEMI-NCP3985 Datasheet
112Kb / 10P
   Micropower, 150 mA Low-Noise, High PSRR, Ultra-Low Dropout BiCMOS Voltage Regulator
April, 2008 - Rev. 1
NCP3985SN180R2G ONSEMI-NCP3985SN180R2G Datasheet
112Kb / 10P
   Micropower, 150 mA Low-Noise, High PSRR, Ultra-Low Dropout BiCMOS Voltage Regulator
April, 2008 - Rev. 1
More results

Similar Description - NCP3985

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP3985SN180R2G ONSEMI-NCP3985SN180R2G Datasheet
112Kb / 10P
   Micropower, 150 mA Low-Noise, High PSRR, Ultra-Low Dropout BiCMOS Voltage Regulator
April, 2008 - Rev. 1
logo
Texas Instruments
LP3985 TI1-LP3985 Datasheet
1Mb / 33P
[Old version datasheet]   Micropower, 150-mA Low-Noise Ultra-Low-Dropout CMOS Voltage Regulator
LP3985 TI1-LP3985_16 Datasheet
1Mb / 32P
[Old version datasheet]   Micropower, 150-mA Low-Noise Ultra-Low-Dropout CMOS Voltage Regulator
37136 TI-37136 Datasheet
933Kb / 17P
[Old version datasheet]   Micropower 150 mA Low-Noise Low-Dropout Regulator
LP3985 TI-LP3985_15 Datasheet
1Mb / 33P
[Old version datasheet]   LP3985 Micropower, 150-mA Low-Noise Ultra-Low-Dropout CMOS Voltage Regulator
logo
ON Semiconductor
NCP623 ONSEMI-NCP623_15 Datasheet
133Kb / 15P
   Ultra Low Noise 150 mA Low Dropout Voltage Regulator
October, 2015 ??Rev. 11
logo
Texas Instruments
LP3988 TI1-LP3988 Datasheet
1Mb / 25P
[Old version datasheet]   Micropower, 150-mA Ultra-Low-Dropout CMOS Voltage Regulator
TPS717 TI1-TPS717_16 Datasheet
1Mb / 43P
[Old version datasheet]   Low-Noise, High-Bandwidth PSRR, Low-Dropout, 150-mA Linear Regulator
TPS717-Q1 TI1-TPS717-Q1_16 Datasheet
1Mb / 35P
[Old version datasheet]   Low-Noise, High-Bandwidth PSRR, Low-Dropout, 150-mA Linear Regulator
TPS71750-Q1 TI1-TPS71750-Q1 Datasheet
1Mb / 23P
[Old version datasheet]   Low Noise, High-Bandwidth PSRR Low-Dropout 150-mA Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com