Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP3985SN275T1G Datasheet(PDF) 1 Page - ON Semiconductor

Part # NCP3985SN275T1G
Description  Micropower, 150 mA Low-Noise, High PSRR, Ultra-Low Dropout BiCMOS Voltage Regulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP3985SN275T1G Datasheet(HTML) 1 Page - ON Semiconductor

  NCP3985SN275T1G Datasheet HTML 1Page - ON Semiconductor NCP3985SN275T1G Datasheet HTML 2Page - ON Semiconductor NCP3985SN275T1G Datasheet HTML 3Page - ON Semiconductor NCP3985SN275T1G Datasheet HTML 4Page - ON Semiconductor NCP3985SN275T1G Datasheet HTML 5Page - ON Semiconductor NCP3985SN275T1G Datasheet HTML 6Page - ON Semiconductor NCP3985SN275T1G Datasheet HTML 7Page - ON Semiconductor NCP3985SN275T1G Datasheet HTML 8Page - ON Semiconductor NCP3985SN275T1G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
© Semiconductor Components Industries, LLC, 2008
April, 2008 - Rev. 1
1
Publication Order Number:
NCP3985/D
NCP3985
Micropower, 150 mA
Low-Noise, High PSRR,
Ultra-Low Dropout BiCMOS
Voltage Regulator
The NCP3985 is 150 mA LDO that provides the engineer with a
very stable, accurate voltage with low noise and high Power Supply
Rejection Ratio (PSRR) suitable for sensitive applications. In order to
optimize performance for battery operated portable applications, the
NCP3985 employs an advanced BiCMOS process to combine the
benefits of low noise and superior dynamic performance of bipolar
elements with very low ground current consumption at full loads
offered by CMOS.
The NCP3985 is stable with small, low value capacitors and is
available in TSOP-5 package.
Features
Output Voltage Options:
- 1.8 V, 2.5 V, 2.75 V, 2.8 V, 3.0 V, 3.3 V
- Contact Factory for Other Voltage Options
Output Current Limit 200 mA
Low Noise (typ 20 mVrms)
High PSRR (typ 70 dB)
Stable with Ceramic Output Capacitors as low as 1 mF
Low Sleep Mode Current (max 1 mA)
Active Discharge Circuit
Current Limit Protection
Thermal Shutdown Protection
Direct Replacement for LP3985
These are Pb-Free Devices
Typical Applications
Cellular Telephones
Noise Sensitive Applications (Video, Audio)
Analog Power Supplies
PDAs / Palmtops / Organizers / GPS
Battery Supplied Devices
NCP3985
CE
GND
Figure 1. Typical Application Schematic
Vin
Vout
Cin
Cout
Cnoise
Vin
Vout
Cnoise
http://onsemi.com
MARKING
DIAGRAM
See detailed ordering, marking and shipping information in the
package dimensions section on page 9 of this data sheet.
ORDERING INFORMATION
(Note: Microdot may be in either location)
Cnoise
Vout
GND
Vin
CE
PIN ASSIGNMENT
(Top View)
XXX = Specific Device Code
A
= Assembly Location
Y
= Year
W
= Work Week
G
= Pb-Free Package
1
5
XXXAYW
G
G
1
5
TSOP-5
SN SUFFIX
CASE 483


Similar Part No. - NCP3985SN275T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP3985SN180R2G ONSEMI-NCP3985SN180R2G Datasheet
112Kb / 10P
   Micropower, 150 mA Low-Noise, High PSRR, Ultra-Low Dropout BiCMOS Voltage Regulator
April, 2008 - Rev. 1
More results

Similar Description - NCP3985SN275T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP3985SN180R2G ONSEMI-NCP3985SN180R2G Datasheet
112Kb / 10P
   Micropower, 150 mA Low-Noise, High PSRR, Ultra-Low Dropout BiCMOS Voltage Regulator
April, 2008 - Rev. 1
logo
Texas Instruments
LP3985 TI1-LP3985 Datasheet
1Mb / 33P
[Old version datasheet]   Micropower, 150-mA Low-Noise Ultra-Low-Dropout CMOS Voltage Regulator
LP3985 TI1-LP3985_16 Datasheet
1Mb / 32P
[Old version datasheet]   Micropower, 150-mA Low-Noise Ultra-Low-Dropout CMOS Voltage Regulator
37136 TI-37136 Datasheet
933Kb / 17P
[Old version datasheet]   Micropower 150 mA Low-Noise Low-Dropout Regulator
LP3985 TI-LP3985_15 Datasheet
1Mb / 33P
[Old version datasheet]   LP3985 Micropower, 150-mA Low-Noise Ultra-Low-Dropout CMOS Voltage Regulator
logo
ON Semiconductor
NCP623 ONSEMI-NCP623_15 Datasheet
133Kb / 15P
   Ultra Low Noise 150 mA Low Dropout Voltage Regulator
October, 2015 ??Rev. 11
logo
Texas Instruments
LP3988 TI1-LP3988 Datasheet
1Mb / 25P
[Old version datasheet]   Micropower, 150-mA Ultra-Low-Dropout CMOS Voltage Regulator
TPS717 TI1-TPS717_16 Datasheet
1Mb / 43P
[Old version datasheet]   Low-Noise, High-Bandwidth PSRR, Low-Dropout, 150-mA Linear Regulator
TPS717-Q1 TI1-TPS717-Q1_16 Datasheet
1Mb / 35P
[Old version datasheet]   Low-Noise, High-Bandwidth PSRR, Low-Dropout, 150-mA Linear Regulator
TPS71750-Q1 TI1-TPS71750-Q1 Datasheet
1Mb / 23P
[Old version datasheet]   Low Noise, High-Bandwidth PSRR Low-Dropout 150-mA Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com