Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP3985SN28T1G Datasheet(PDF) 7 Page - ON Semiconductor

Part # NCP3985SN28T1G
Description  Micropower, 150 mA Low-Noise, High PSRR, Ultra-Low Dropout BiCMOS Voltage Regulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP3985SN28T1G Datasheet(HTML) 7 Page - ON Semiconductor

Back Button NCP3985SN28T1G Datasheet HTML 2Page - ON Semiconductor NCP3985SN28T1G Datasheet HTML 3Page - ON Semiconductor NCP3985SN28T1G Datasheet HTML 4Page - ON Semiconductor NCP3985SN28T1G Datasheet HTML 5Page - ON Semiconductor NCP3985SN28T1G Datasheet HTML 6Page - ON Semiconductor NCP3985SN28T1G Datasheet HTML 7Page - ON Semiconductor NCP3985SN28T1G Datasheet HTML 8Page - ON Semiconductor NCP3985SN28T1G Datasheet HTML 9Page - ON Semiconductor NCP3985SN28T1G Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
NCP3985
http://onsemi.com
7
TYPICAL CHARACTERISTICS
Figure 20. Enable Voltage and Output Voltage
vs. Time (Start-Up)
Figure 21. Line Transient
TIME (20
ms/div)
TIME (100
ms/div)
Figure 22. Load Transient
Figure 23. Output Capacitor ESR vs. Output
Current
TIME (40
ms/div)
Iout, OUTPUT CURRENT (mA)
150
125
100
75
50
25
0
0.01
0.1
1
10
VCE
1 V/div
Vout
1 V/div
Vin = 4 V
Iout = 150 mA
Cnoise = 0 nF
Vout = 1.8 V
Iout = 150 mA
Cout = 1 mF
Unstable Region
Stable Region
Vout = 3.0 V
Vout = 1.8 V
Iout
100 mA/div
Vout
50 mV/div
Vin = 2.8 V
Vout = 1.8 V
Cout = 1 mF
Vin
500 mV/div
Vout
10 mV/div
4.2 V
3.6 V
Cout = 1 mF to 10 mF
TA = 25°C
TA = 25°C
TA = 25°C
NOTE: Typical characteristics were measured with the same conditions as electrical characteristics, unless otherwise noted.


Similar Part No. - NCP3985SN28T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP3985SN180R2G ONSEMI-NCP3985SN180R2G Datasheet
112Kb / 10P
   Micropower, 150 mA Low-Noise, High PSRR, Ultra-Low Dropout BiCMOS Voltage Regulator
April, 2008 - Rev. 1
More results

Similar Description - NCP3985SN28T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP3985SN180R2G ONSEMI-NCP3985SN180R2G Datasheet
112Kb / 10P
   Micropower, 150 mA Low-Noise, High PSRR, Ultra-Low Dropout BiCMOS Voltage Regulator
April, 2008 - Rev. 1
logo
Texas Instruments
LP3985 TI1-LP3985 Datasheet
1Mb / 33P
[Old version datasheet]   Micropower, 150-mA Low-Noise Ultra-Low-Dropout CMOS Voltage Regulator
LP3985 TI1-LP3985_16 Datasheet
1Mb / 32P
[Old version datasheet]   Micropower, 150-mA Low-Noise Ultra-Low-Dropout CMOS Voltage Regulator
37136 TI-37136 Datasheet
933Kb / 17P
[Old version datasheet]   Micropower 150 mA Low-Noise Low-Dropout Regulator
LP3985 TI-LP3985_15 Datasheet
1Mb / 33P
[Old version datasheet]   LP3985 Micropower, 150-mA Low-Noise Ultra-Low-Dropout CMOS Voltage Regulator
logo
ON Semiconductor
NCP623 ONSEMI-NCP623_15 Datasheet
133Kb / 15P
   Ultra Low Noise 150 mA Low Dropout Voltage Regulator
October, 2015 ??Rev. 11
logo
Texas Instruments
LP3988 TI1-LP3988 Datasheet
1Mb / 25P
[Old version datasheet]   Micropower, 150-mA Ultra-Low-Dropout CMOS Voltage Regulator
TPS717 TI1-TPS717_16 Datasheet
1Mb / 43P
[Old version datasheet]   Low-Noise, High-Bandwidth PSRR, Low-Dropout, 150-mA Linear Regulator
TPS717-Q1 TI1-TPS717-Q1_16 Datasheet
1Mb / 35P
[Old version datasheet]   Low-Noise, High-Bandwidth PSRR, Low-Dropout, 150-mA Linear Regulator
TPS71750-Q1 TI1-TPS71750-Q1 Datasheet
1Mb / 23P
[Old version datasheet]   Low Noise, High-Bandwidth PSRR Low-Dropout 150-mA Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com