Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP3985SN28T1G Datasheet(PDF) 3 Page - ON Semiconductor

Part # NCP3985SN28T1G
Description  Micropower, 150 mA Low-Noise, High PSRR, Ultra-Low Dropout BiCMOS Voltage Regulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP3985SN28T1G Datasheet(HTML) 3 Page - ON Semiconductor

  NCP3985SN28T1G Datasheet HTML 1Page - ON Semiconductor NCP3985SN28T1G Datasheet HTML 2Page - ON Semiconductor NCP3985SN28T1G Datasheet HTML 3Page - ON Semiconductor NCP3985SN28T1G Datasheet HTML 4Page - ON Semiconductor NCP3985SN28T1G Datasheet HTML 5Page - ON Semiconductor NCP3985SN28T1G Datasheet HTML 6Page - ON Semiconductor NCP3985SN28T1G Datasheet HTML 7Page - ON Semiconductor NCP3985SN28T1G Datasheet HTML 8Page - ON Semiconductor NCP3985SN28T1G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
NCP3985
http://onsemi.com
3
ELECTRICAL CHARACTERISTICS
(Vin = Vout + 0.5 V, VCE = 1.2 V, Cin = 0.1 mF, Cout = 1 mF, Cnoise = 10 nF, TA = -40°C to 85°C, unless otherwise specified (Note 2))
Characteristic
Test Conditions
Symbol
Min
Typ
Max
Unit
REGULATOR OUTPUT
Input Voltage
Vin
2.5
-
5.5
V
Output Voltage (Note 3)
1.8 V
2.5 V
2.75 V
2.8 V
3.0 V
3.3 V
Vin = (Vout + 0.5 V) to 5.5 V
Iout = 1 mA
Vout
1.764
2.450
2.695
2.744
2.940
3.234
(-2%)
-
-
-
-
-
-
1.836
2.550
2.805
2.856
3.060
3.366
(+2%)
V
Output Voltage (Note 3)
1.8 V
2.5 V
2.75 V
2.8 V
3.0 V
3.3 V
Vin = (Vout + 0.5 V) to 5.5 V
Iout = 1 mA to 150 mA
Vout
1.746
2.425
2.6675
2.716
2.910
3.201
(-3%)
-
-
-
-
-
-
1.854
2.575
2.8325
2.884
3.090
3.399
(+3%)
V
Power Supply Ripple Rejection
Vin = Vout + 0.5 V + 0.5 Vp-p
Iout = 1 mA to 150 mA
f = 120 Hz
Cnoise = 100nF
f = 1 kHz
f = 10 kHz
PSRR
-
-
-
70
70
55
-
-
-
dB
Line Regulation
Vin = (Vout + 0.5 V) to 5.5 V, Iout = 1 mA
Regline
-0.2
-
0.2
%/V
Load Regulation
Iout = 1 mA to 150 mA
Regload
-
12
25
mV
Output Noise Voltage
f = 10 Hz to 100 kHz
Iout = 1 mA to 150 mA Cnoise = 100 nF
Cnoise = 10 nF
Vn
-
-
20
25
-
-
mVrms
Output Current Limit
Vout = Vout(nom) – 0.1 V
ILIM
200
310
470
mA
Output Short Circuit Current
Vout = 0 V
ISC
210
320
490
mA
Dropout Voltage (Note 4)
2.5 V
2.75 V
2.8 V
3.0 V
3.3 V
Iout = 150 mA
VDO
-
-
-
-
-
105
105
105
100
100
155
155
155
150
150
mV
GENERAL
Ground Current
Iout = 1 mA
Iout = 150 mA
IGND
-
-
70
110
90
220
mA
Disable Current
VCE = 0 V
IDIS
-
0.1
1
mA
Thermal Shutdown Threshold (Note 5)
TSD
-
150
-
°C
Thermal Shutdown Hysteresis (Note 5)
TSH
-
20
-
°C
CHIP ENABLE
Input Threshold
Low
High
Vth(CE)
-
1.2
-
-
0.4
-
V
Internal Pull-Down Resistance (Note 6)
RPD(CE)
2.5
5
10
M
W
TIMING
Turn-on Time
Iout = 150 mA
Cnoise = 10 nF
Cnoise = 100 nF
ton
-
-
0.4
4
-
-
ms
Turn-off Time
Cnoise = 10 nF/100 nF
Iout = 1 mA
Iout = 10 mA
toff
-
-
800
200
-
-
ms
2. Performance guaranteed over the indicated operating temperature range by design and/or characterization, production tested at
TJ = TA = 25°C. Low duty cycle pulse techniques are used during testing to maintain the junction temperature as close to ambient as possible.
3. Contact factory for other voltage options.
4. Measured when output voltage falls 100 mV below the regulated voltage at Vin = Vout + 0.5 V if Vout < 2.5 V, then VDO = Vin - Vout at Vin = 2.5 V.
5. Guaranteed by design and characterization.
6. Expected to disable device when CE pin is floating.


Similar Part No. - NCP3985SN28T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP3985SN180R2G ONSEMI-NCP3985SN180R2G Datasheet
112Kb / 10P
   Micropower, 150 mA Low-Noise, High PSRR, Ultra-Low Dropout BiCMOS Voltage Regulator
April, 2008 - Rev. 1
More results

Similar Description - NCP3985SN28T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP3985SN180R2G ONSEMI-NCP3985SN180R2G Datasheet
112Kb / 10P
   Micropower, 150 mA Low-Noise, High PSRR, Ultra-Low Dropout BiCMOS Voltage Regulator
April, 2008 - Rev. 1
logo
Texas Instruments
LP3985 TI1-LP3985 Datasheet
1Mb / 33P
[Old version datasheet]   Micropower, 150-mA Low-Noise Ultra-Low-Dropout CMOS Voltage Regulator
LP3985 TI1-LP3985_16 Datasheet
1Mb / 32P
[Old version datasheet]   Micropower, 150-mA Low-Noise Ultra-Low-Dropout CMOS Voltage Regulator
37136 TI-37136 Datasheet
933Kb / 17P
[Old version datasheet]   Micropower 150 mA Low-Noise Low-Dropout Regulator
LP3985 TI-LP3985_15 Datasheet
1Mb / 33P
[Old version datasheet]   LP3985 Micropower, 150-mA Low-Noise Ultra-Low-Dropout CMOS Voltage Regulator
logo
ON Semiconductor
NCP623 ONSEMI-NCP623_15 Datasheet
133Kb / 15P
   Ultra Low Noise 150 mA Low Dropout Voltage Regulator
October, 2015 ??Rev. 11
logo
Texas Instruments
LP3988 TI1-LP3988 Datasheet
1Mb / 25P
[Old version datasheet]   Micropower, 150-mA Ultra-Low-Dropout CMOS Voltage Regulator
TPS717 TI1-TPS717_16 Datasheet
1Mb / 43P
[Old version datasheet]   Low-Noise, High-Bandwidth PSRR, Low-Dropout, 150-mA Linear Regulator
TPS717-Q1 TI1-TPS717-Q1_16 Datasheet
1Mb / 35P
[Old version datasheet]   Low-Noise, High-Bandwidth PSRR, Low-Dropout, 150-mA Linear Regulator
TPS71750-Q1 TI1-TPS71750-Q1 Datasheet
1Mb / 23P
[Old version datasheet]   Low Noise, High-Bandwidth PSRR Low-Dropout 150-mA Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com