Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

70ADJ-5-FL1 Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # 70ADJ-5-FL1
Description  70AD/Female - Modular Contact
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

70ADJ-5-FL1 Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  70ADJ-5-FL1 Datasheet HTML 1Page - Bourns Electronic Solutions 70ADJ-5-FL1 Datasheet HTML 2Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
C
B
0.76
(.030)
70ADJ RECOMMENDED PWB MOUNTING PATTERN
70ADH RECOMMENDED PWB MOUNTING PATTERN
1.77
(.070)
C
3.9
(.154)
11.0
(.433)
B
A
2.5
(.098)
4.0
(.157)
2.5
(.098)
B
A
15.0° REF
70ADJ
70ADH
1.0
(.039)
4.48
(.176)
2.5
(.098)
4.0
(.157)
2.5
(.098)
8 PLCS
1.27
(.050)
DIA.
2.3
(.091)
11.6
(.457)
1.0
(.039)
0.7
(.028)
0.6
(.024)
4.0
(.157)
DIA.
1.65
(.065)
1.3
(.051)
8 PLCS
9.83
(.387)
0.7
(.028)
0.36
(.014)
2.08
(.082)
6.02
(.237)
11.0
(.433)
2.5
(.098)
11.6
(.457)
0.6
(.024)
3.8
(.150)
11.4
(.449)
4.0
(.157)
1.0
(.039)
DIA.
8 PLCS.
Features
Rechargeable battery-pack applications
Precious metal contacts
Tape & reel available
■ RoHS compliant* - see processing
information on lead free modular contacts
70AD/Female - Modular Contact
*RoHS Directive 2002/95/EC Jan 27 2003 including Annex.
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
Product Dimensions
Materials & Finishes
Insulator Glass reinforced thermoplastic,
UL 94V-0 rated, black
Contact.............................. Copper alloy
Finish
Underplating ............................. Nickel
Contact Area ............................... Gold
Termination.............................Tin alloy
(meets MIL-STD-202, method 208)
Operating Characteristics
Electrical
Current Rating............ DC 3 A/contact
Voltage Rating........................DC 30 V
Contact Resistance.........25 mW max.
Dielectric Voltage .................AC 500 V
Insulating Resistance .....500 MW min.
Operating Temperature
................................. -55 °C to 125 °C
Mechanical
Durability .........................5,000 cycles
How to Order
70AD J - 3 - F L 0 G
Model
Terminal Style
J = SMT
H = Through-hole
Number of Contacts
2 through 6
Gender
F = Female
Height
L = Low Profile
Options
0 = Standard
1 = Locator Pins (J style only)
Packaging Option
__ = Tube (240/N pcs. or 240 contacts
per tube)
G = Embossed Tape (500 pcs. per reel)
DIMENSIONS:
MM
(INCHES)
TOLERANCES:
0.3
UNLESS OTHERWISE NOTED
(.012)
Number of
Contacts
Dim.
A
Dim.
B
Dim.
C
2
9.0
(.354)
4.0
(.157)
7.0
(.276)
3
13.0
(.512)
8.0
(.315)
11.0
(.433)
4
17.0
(.669)
12.0
(.472)
15.0
(.591)
5
21.0
(.827)
16.0
(.630)
19.0
(.748)
6
25.0
(.984)
20.0
(.787)
23.0
(.906)


Similar Part No. - 70ADJ-5-FL1

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
70ADJ-5-ML0 BOURNS-70ADJ-5-ML0 Datasheet
243Kb / 2P
   70AD/Male - Modular Contact
70ADJ-5-ML0G BOURNS-70ADJ-5-ML0G Datasheet
243Kb / 2P
   70AD/Male - Modular Contact
70ADJ-5-ML1 BOURNS-70ADJ-5-ML1 Datasheet
243Kb / 2P
   70AD/Male - Modular Contact
70ADJ-5-ML1G BOURNS-70ADJ-5-ML1G Datasheet
243Kb / 2P
   70AD/Male - Modular Contact
More results

Similar Description - 70ADJ-5-FL1

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
70ADJ-3-ML0G BOURNS-70ADJ-3-ML0G Datasheet
243Kb / 2P
   70AD/Male - Modular Contact
70AAJ-4-F0G BOURNS-70AAJ-4-F0G Datasheet
163Kb / 2P
   70AA/Female - Modular Contact
70AD BOURNS-70AD Datasheet
305Kb / 2P
   Modular Contact
70AA BOURNS-70AA Datasheet
188Kb / 2P
   Modular Contact
70ABJ-4-F0E BOURNS-70ABJ-4-F0E Datasheet
256Kb / 2P
   Modular Contact
70AB BOURNS-70AB Datasheet
256Kb / 2P
   Modular Contact
70AAJ-4-M0G BOURNS-70AAJ-4-M0G Datasheet
147Kb / 2P
   70AA/Male - Modular Contact
70ABJ-4-M0E BOURNS-70ABJ-4-M0E Datasheet
177Kb / 2P
   70AB/Male - Modular Contact
logo
WAGO Kontakttechnik Gmb...
2000-552 WAGO-2000-552 Datasheet
315Kb / 7P
   Modular TOPJOB짰S connector; modular; for jumper contact slot
24.11.2021
2000-554 WAGO-2000-554 Datasheet
276Kb / 8P
   Modular TOPJOB짰S connector; modular; for jumper contact slot
24.11.2021
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com