Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

10ERB40DG Datasheet(PDF) 2 Page - Gulf Semiconductor

Part # 10ERB40DG
Description  ULTRAFAST EFFICIENT GLASS PASSIVATED RECTIFIER VOLTAGE: 200 TO 600V CURRENT: 1.0A
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GULFSEMI [Gulf Semiconductor]
Direct Link  http://www.gulfsemi.com
Logo GULFSEMI - Gulf Semiconductor

10ERB40DG Datasheet(HTML) 2 Page - Gulf Semiconductor

  10ERB40DG Datasheet HTML 1Page - Gulf Semiconductor 10ERB40DG Datasheet HTML 2Page - Gulf Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATINGS AND CHARACTERISTIC CURVES 10ERB20DG THRU 10ERB60DG
MARKING:
10ERB20DG—EB2G
10ERB40DG—EB4G
10ERB60DG—EB6G
Rev.A1
www.gulfsemi.com


Similar Part No. - 10ERB40DG

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
10ERB40 NIEC-10ERB40 Datasheet
59Kb / 5P
   Fast Recovery and Low Price Diode
logo
National Instruments Co...
10ERB40 NI-10ERB40_15 Datasheet
108Kb / 1P
   FRED
10ERB40_2015 NI-10ERB40_2015 Datasheet
108Kb / 1P
   FRED
More results

Similar Description - 10ERB40DG

ManufacturerPart #DatasheetDescription
logo
Gulf Semiconductor
1EDG GULFSEMI-1EDG Datasheet
74Kb / 2P
   ULTRAFAST EFFICIENT GLASS PASSIVATED RECTIFIER VOLTAGE: 200 TO 600V CURRENT: 1.0A
SSF1JG GULFSEMI-SSF1JG Datasheet
101Kb / 2P
   ULTRAFAST EFFICIENT GLASS PASSIVATED RECTIFIER VOLTAGE: 600V CURRENT: 1.0A
MURS105 GULFSEMI-MURS105 Datasheet
134Kb / 2P
   ULTRAFAST EFFICIENT GLASS PASSIVATED RECTIFIER VOLTAGE:50 TO 600V CURRENT: 1.0A
MUR105 GULFSEMI-MUR105 Datasheet
97Kb / 2P
   ULTRAFAST EFFICIENT GLASS PASSIVATED RECTIFIER VOLTAGE:50 TO 600V CURRENT: 1.0A
MURS180-A GULFSEMI-MURS180-A Datasheet
114Kb / 2P
   ULTRAFAST EFFICIENT GLASS PASSIVATED RECTIFIER VOLTAGE: 800V CURRENT: 1.0A
SSF1KG GULFSEMI-SSF1KG Datasheet
100Kb / 2P
   ULTRAFAST EFFICIENT GLASS PASSIVATED RECTIFIER VOLTAGE: 800V CURRENT: 1.0A
MUR180 GULFSEMI-MUR180 Datasheet
85Kb / 2P
   ULTRAFAST EFFICIENT GLASS PASSIVATED RECTIFIER VOLTAGE: 800V CURRENT:1.0A
SSF1AG GULFSEMI-SSF1AG Datasheet
104Kb / 2P
   ULTRAFAST EFFICIENT GLASS PASSIVATED RECTIFIER VOLTAGE:50 TO 400V CURRENT: 1.0A
SSF3JG GULFSEMI-SSF3JG Datasheet
71Kb / 2P
   ULTRAFAST EFFICIENT GLASS PASSIVATED RECTIFIER VOLTAGE: 600V CURRENT: 3.0A
SSF2JGS GULFSEMI-SSF2JGS Datasheet
112Kb / 2P
   ULTRAFAST EFFICIENT GLASS PASSIVATED RECTIFIER VOLTAGE: 600V CURRENT: 2.0A
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com