Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BY228GP Datasheet(PDF) 2 Page - Gulf Semiconductor

Part # BY228GP
Description  SINTERED GLASS JUNCTION PLASTIC RECTIFIER VOLTAGE:1500V CURRENT: 3.0A
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GULFSEMI [Gulf Semiconductor]
Direct Link  http://www.gulfsemi.com
Logo GULFSEMI - Gulf Semiconductor

BY228GP Datasheet(HTML) 2 Page - Gulf Semiconductor

  BY228GP Datasheet HTML 1Page - Gulf Semiconductor BY228GP Datasheet HTML 2Page - Gulf Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATINGS AND CHARACTERISTIC CURVES BY228GP
1
1Rev.A1
www.gulfsemi.com


Similar Part No. - BY228GP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BY228GP VISHAY-BY228GP Datasheet
79Kb / 4P
   Clamper/Damper Glass Passivated Rectifier
Revision: 15-Mar-11
logo
SUNMATE electronic Co.,...
BY228GP SUNMATE-BY228GP Datasheet
223Kb / 2P
   3.0A Axial Leaded Sintered Class Junction Plastic Rectifier
logo
Vishay Siliconix
BY228GP VISHAY-BY228GP Datasheet
78Kb / 5P
   Clamper / Damper Glass Passivated Fast Plastic Rectifier
01-Jan-2022
BY228GP VISHAY-BY228GP_V01 Datasheet
78Kb / 5P
   Clamper / Damper Glass Passivated Fast Plastic Rectifier
01-Jan-2022
More results

Similar Description - BY228GP

ManufacturerPart #DatasheetDescription
logo
Gulf Semiconductor
GP30-15 GULFSEMI-GP30-15 Datasheet
138Kb / 2P
   SINTERED GLASS JUNCTION PLASTIC RECTIFIER VOLTAGE:1500V CURRENT: 3.0A
DGP30W GULFSEMI-DGP30W Datasheet
145Kb / 2P
   DAMPER SINTERED GLASS JUNCTION PLASTIC RECTIFIER VOLTAGE:1500V CURRENT: 3.0A
GUFB30J GULFSEMI-GUFB30J Datasheet
82Kb / 2P
   SINTERED GLASS JUNCTION PLASTIC RECTIFIER VOLTAGE: 600V CURRENT: 3.0A
GUFB30M GULFSEMI-GUFB30M Datasheet
81Kb / 2P
   SINTERED GLASS JUNCTION PLASTIC RECTIFIER VOLTAGE: 1000V CURRENT: 3.0A
GRD07-15GP GULFSEMI-GRD07-15GP Datasheet
145Kb / 2P
   SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE: 1500V CURRENT: 1.5A
BY228 GULFSEMI-BY228 Datasheet
144Kb / 2P
   SINTERED GLASS JUNCTION AVALANCHE RECTIFIER VOLTAGE:1500V CURRENT: 2.5A
BY448 GULFSEMI-BY448 Datasheet
83Kb / 2P
   SINTERED GLASS JUNCTION AVALANCHE RECTIFIER VOLTAGE:1500V CURRENT: 2.0A
1N5554 GULFSEMI-1N5554 Datasheet
110Kb / 2P
   SINTERED GLASS JUNCTION RECTIFIER VOLTAGE: 1000V CURRENT: 3.0A
RU4TGR GULFSEMI-RU4TGR Datasheet
134Kb / 2P
   SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE:1300V CURRENT: 3.0A
RGPB30J GULFSEMI-RGPB30J Datasheet
127Kb / 2P
   SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE:600V CURRENT: 3.0A
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com