Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BYG10Y Datasheet(PDF) 1 Page - Gulf Semiconductor

Part # BYG10Y
Description  SINTERED GLASS JUNCTION SURFACE MOUNTED RECTIFIER VOLTAGE竊?600 V CURRENT竊?1.5A
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GULFSEMI [Gulf Semiconductor]
Direct Link  http://www.gulfsemi.com
Logo GULFSEMI - Gulf Semiconductor

BYG10Y Datasheet(HTML) 1 Page - Gulf Semiconductor

  BYG10Y Datasheet HTML 1Page - Gulf Semiconductor BYG10Y Datasheet HTML 2Page - Gulf Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BYG10Y
SINTERED GLASS JUNCTION
SURFACE MOUNTED RECTIFIER
VOLTAGE:
:1600 V
CURRENT:
: 1.5A
FEATURE
GF1/ DO-214BA
For surface mounted application
High temperature metallurgic ally bonded
Sintered glass junction
Capability of meeting environmental standard of MIL-S-19500
High temperature soldering guaranteed
450℃/10sec/at terminal/complete device
Submersible temperature of 265℃ for 10sec
MECHANICAL DATA
Terminal:Plated Terminal, solderable per
MIL-STD 202, method 208C
Case:Molded with UL-94 class V-0 recognized
Flame Retardant Epoxy over Glass
Polarity:color band denotes cathode end
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(single—phase, half —wave, 60HZ, resistive or inductive load rating at 25℃, unless otherwise stated,
for capacitive load, derate current by 20%)
SYMBOL
BYG10Y
units
Maximum Recurrent Peak Reverse Voltage
Vrrm
1600
V
Maximum RMS Voltage
Vrms
1120
V
Maximum DC blocking Voltage
Vdc
1600
V
Maximum Average Forward Rectified Current
If(av)
1.5
A
Peak Forward Surge Current 8.3ms single
half sine-wave superimposed on rated load
Ifsm
50.0
A
Maximum Forward Voltage at rated Forward current
Ta =25℃
Vf
1.15
V
Maximum full load reverse current full cycle average
at 75
ambient
Ir(av)
30.0
µ
A
Maximum DC Reverse Current
Ta =25℃
at rated DC blocking voltage
Ta =125℃
Ir
5.0
50.0
µ
A
Typical Junction Capacitance
(Note 1)
Cj
15.0
pF
Typical Thermal Resistance
(Note 2)
Rth(ja)
80.0
/W
Operating and Storage Temperature Range
Tstg, Tj
-65 to +175
Note:
1. Measured at 1.0 MHz and applied reverse voltage of 4.0Vdc
2. Thermal Resistance from Junction to Ambient 6.0mm
2 copper pad to each terminal
Rev.A1
www.gulfsemi.com


Similar Part No. - BYG10Y

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BYG10Y VISHAY-BYG10Y Datasheet
106Kb / 5P
   Standard Avalanche SMD Rectifier
Revision: 03-Jun-09
logo
Shenzhen Luguang Electr...
BYG10Y LUGUANG-BYG10Y Datasheet
1Mb / 4P
   Low profile package
logo
Vishay Siliconix
BYG10Y VISHAY-BYG10Y Datasheet
91Kb / 5P
   Standard Avalanche SMD Rectifier
02-Oct-12
BYG10Y VISHAY-BYG10Y Datasheet
106Kb / 5P
   Standard Avalanche SMD Rectifier
01-Jan-2022
logo
DAESAN ELECTRONIC CORP.
BYG10Y DAESAN-BYG10Y Datasheet
211Kb / 2P
   STANDARD RECTIFIER
More results

Similar Description - BYG10Y

ManufacturerPart #DatasheetDescription
logo
Gulf Semiconductor
SR1D-E GULFSEMI-SR1D-E Datasheet
161Kb / 2P
   SINTERED GLASS JUNCTION SURFACE MOUNTED RECTIFIER VOLTAGE竊?00V CURRENT竊?1.0A
SS1T GULFSEMI-SS1T Datasheet
169Kb / 2P
   SINTERED GLASS JUNCTION SURFACE MOUNTED RECTIFIER VOLTAGE竊?300V CURRENT竊?1.0A
SS1Q GULFSEMI-SS1Q Datasheet
174Kb / 2P
   SINTERED GLASS JUNCTION SURFACE MOUNTED RECTIFIER VOLTAGE竊?200V CURRENT竊?1.0A
SBYD17D GULFSEMI-SBYD17D Datasheet
151Kb / 2P
   SINTERED GLASS JUNCTION SURFACE MOUNTED RECTIFIER VOLTAGE竊?00V CURRENT竊?1.0A
SU1A GULFSEMI-SU1A Datasheet
129Kb / 2P
   SINTERED GLASS JUNCTION SURFACE MOUNTED RECTIFIER VOLTAGE竊?0 TO 1000V CURRENT竊?1.0A
SS1A GULFSEMI-SS1A Datasheet
147Kb / 2P
   SINTERED GLASS JUNCTION SURFACE MOUNTED RECTIFIER VOLTAGE竊?0 TO 1000V CURRENT竊?1.0A
SR1A GULFSEMI-SR1A Datasheet
187Kb / 2P
   SINTERED GLASS JUNCTION SURFACE MOUNTED RECTIFIER VOLTAGE竊?0 TO 1000V CURRENT竊?1.0A
G1.5M GULFSEMI-G1.5M Datasheet
80Kb / 2P
   SINTERED GLASS JUNCTION AVALANCHE RECTIFIER VOLTAGE竊?000V CURRENT: 1.5A
RG1.5J GULFSEMI-RG1.5J Datasheet
81Kb / 2P
   SINTERED GLASS JUNCTION FAST AVALANCHE RECTIFIER VOLTAGE竊?00V CURRENT: 1.5A
FE1.5G GULFSEMI-FE1.5G Datasheet
81Kb / 2P
   SINTERED GLASS JUNCTION ULTRAFAST AVALANCHE RECTIFIER VOLTAGE竊?00V CURRENT: 1.5A
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com