Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS5485IRGCRG4 Datasheet(PDF) 6 Page - Texas Instruments

Part # ADS5485IRGCRG4
Description  16-Bit, 170/200-MSPS Analog-to-Digital Converters
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5485IRGCRG4 Datasheet(HTML) 6 Page - Texas Instruments

Back Button ADS5485IRGCRG4 Datasheet HTML 2Page - Texas Instruments ADS5485IRGCRG4 Datasheet HTML 3Page - Texas Instruments ADS5485IRGCRG4 Datasheet HTML 4Page - Texas Instruments ADS5485IRGCRG4 Datasheet HTML 5Page - Texas Instruments ADS5485IRGCRG4 Datasheet HTML 6Page - Texas Instruments ADS5485IRGCRG4 Datasheet HTML 7Page - Texas Instruments ADS5485IRGCRG4 Datasheet HTML 8Page - Texas Instruments ADS5485IRGCRG4 Datasheet HTML 9Page - Texas Instruments ADS5485IRGCRG4 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 37 page
background image
ADS5484
ADS5485
SLAS610C – AUGUST 2008 – REVISED OCTOBER 2009 ............................................................................................................................................... www.ti.com
ELECTRICAL CHARACTERISTICS (ADS5484, ADS5485) (continued)
Typical values at TA = 25°C: minimum and maximum values over full temperature range TMIN = –40°C to TMAX = 85°C,
sampling rate = max rated, 50% clock duty cycle, AVDD5 = 5 V, AVDD3 = 3.3 V, DVDD3 = 3.3 V, –1 dBFS differential input,
and 3-VPP differential clock, unless otherwise noted.
ADS5484
ADS5485
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
fIN = 10 MHz
84
97
84
99
fIN = 30 MHz
84
91
82
87
fIN = 70 MHz
87
87
HD3
Third-harmonic, dither disabled
dBc
fIN = 130 MHz
78
86
78
85
fIN = 170 MHz
82
81
fIN = 230 MHz
73
73
fIN = 10 MHz
84
96
84
93
fIN = 30 MHz
84
91
82
90
Worst harmonic/spur
fIN = 70 MHz
90
90
(other than HD2 and HD3), dither
dBc
fIN = 130 MHz
78
91
78
90
disabled
fIN = 170 MHz
90
90
fIN = 230 MHz
87
87
fIN = 10 MHz
81
92
81
92
fIN = 30 MHz
81
86
79
85
fIN = 70 MHz
86
85
Total harmonic distortion, dither
THD
dBc
disabled
fIN = 130 MHz
75
84
75
81
fIN = 170 MHz
78
76
fIN = 230 MHz
70
70
fIN = 10 MHz
73.5
75.8
71.5
74.6
fIN = 30 MHz
73
75
71
73.8
fIN = 70 MHz
74.3
73.7
Signal-to-noise and distortion, dither
SINAD
dBc
disabled
fIN = 130 MHz
71.5
73.8
70
72.9
fIN = 170 MHz
72.9
71.7
fIN = 230 MHz
68.7
68.4
fIN1 = 29.5 MHz, fIN2 = 30.5 MHz,
99.1
95.9
Each at –7 dBFS
Two-tone SFDR (worst spurious or
IMD
dBFS
IMD)
fIN1 = 69.5 MHz, fIN2 = 70.5 MHz,
95.3
95.2
Each at –10 dBFS
Effective number of bits
fIN = 10 MHz (from SINAD in dBc
11.92
12.3
11.58
12.1
ENOB
Bits
at -1dBFS)
2.9
2.9
LSB rms
Noise
RMS idle-channel noise
Analog inputs shorted together
78
78
dBFS
LVDS DIGITAL OUTPUTS
Assumes a 100-
Ω differential
VOD
Differential output voltage (±)
load on each LVDS pair and
247
350
454
247
350
454
mV
LVDS bias = 3.5 mA
VOC
Common-mode output voltage
1.125
1.25
1.375
1.125
1.25
1.375
V
DIGITAL INPUTS
VIH
High-level input voltage
2
2
V
VIL
Low-level input voltage
0.8
0.8
V
IIH
High-level input current
PDWNF, PDWNS, DITHER
1
1
μA
IIL
Low-level input current
-1
-1
μA
Input capacitance
2
2
pF
6
Submit Documentation Feedback
Copyright © 2008–2009, Texas Instruments Incorporated
Product Folder Link(s): ADS5484 ADS5485


Similar Part No. - ADS5485IRGCRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS5485IRGCRG4 TI-ADS5485IRGCRG4 Datasheet
1Mb / 33P
[Old version datasheet]   16-Bit, 170/200-MSPS Analog-to-Digital Converters
ADS5485IRGCRG4 TI-ADS5485IRGCRG4 Datasheet
1Mb / 37P
[Old version datasheet]   16-Bit, 170/200-MSPS Analog-to-Digital Converters
More results

Similar Description - ADS5485IRGCRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS5484 TI-ADS5484_1 Datasheet
1Mb / 37P
[Old version datasheet]   16-Bit, 170/200-MSPS Analog-to-Digital Converters
ADS5484 TI-ADS5484 Datasheet
1Mb / 33P
[Old version datasheet]   16-Bit, 170/200-MSPS Analog-to-Digital Converters
logo
Analog Devices
AD9467 AD-AD9467 Datasheet
987Kb / 32P
   16-Bit, 200 MSPS/250 MSPS Analog-to-Digital Converter
Rev. D
AD9683 AD-AD9683 Datasheet
1Mb / 44P
   14-Bit, 170 MSPS/250 MSPS, JESD204B, Analog-to-Digital Converter
REV. 0
logo
Texas Instruments
ADS5481_0811 TI-ADS5481_0811 Datasheet
2Mb / 42P
[Old version datasheet]   16-Bit, 80/105/135-MSPS Analog-to-Digital Converters
ADS5481 TI-ADS5481 Datasheet
1Mb / 33P
[Old version datasheet]   16-Bit, 80/105/135-MSPS Analog-to-Digital Converters
ADS5481 TI-ADS5481_08 Datasheet
1Mb / 35P
[Old version datasheet]   16-Bit, 80/105/135-MSPS Analog-to-Digital Converters
logo
Analog Devices
AD9250 AD-AD9250 Datasheet
1Mb / 44P
   14-Bit, 170 MSPS/250 MSPS, JESD204B,Dual Analog-to-Digital Converter
REV. 0
AD9230 AD-AD9230_15 Datasheet
2Mb / 32P
   12-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Analog-to-Digital Converter
REV. 0
AD9626 AD-AD9626 Datasheet
1Mb / 36P
   12-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Analog-to-Digital Converter
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com