Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS1330 Datasheet(PDF) 5 Page - ams AG

Part # AS1330
Description  4MHz, Low Voltage, DC-DC Step-Up Converter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1330 Datasheet(HTML) 5 Page - ams AG

  AS1330 Datasheet HTML 1Page - ams AG AS1330 Datasheet HTML 2Page - ams AG AS1330 Datasheet HTML 3Page - ams AG AS1330 Datasheet HTML 4Page - ams AG AS1330 Datasheet HTML 5Page - ams AG AS1330 Datasheet HTML 6Page - ams AG AS1330 Datasheet HTML 7Page - ams AG AS1330 Datasheet HTML 8Page - ams AG AS1330 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
www.austriamicrosystems.com/DC-DC_Step-Up/AS1330
Revision 1.04
5 - 16
AS1330
Datasheet - Ty p i c a l O p e r a t i n g C h a r a c t e r i s t i c s
7 Typical Operating Characteristics
VIN = 1.2V, VOUT = 1.8V, L = 1µH, C1 = C2 = 10µF, TAMB = +25ºC (unless otherwise specified);
Figure 3. Efficiency vs. Output Current, VOUT = 1.8V
Figure 4. Efficiency vs. Input Voltage, VOUT = 1.8V
30
40
50
60
70
80
90
100
0.1
1
10
100
1000
Output Current (mA)
Vin = 1.0V
Vin = 1.2V
Vin = 1.5V
30
40
50
60
70
80
90
100
0.8 0.9 1.0 1.1 1.2 1.3 1.4 1.5 1.6 1.7 1.8
Input Voltage (V)
Iout = 1mA
Iout = 10mA
Iout = 50mA
Figure 5. Efficiency vs. Output Current, VOUT = 3.0V
Figure 6. Efficiency vs. Input Voltage, VOUT = 3.0V
30
40
50
60
70
80
90
100
0.1
1
10
100
1000
Output Current (mA)
Vin = 1.0V
Vin = 1.5V
Vin = 2.0V
30
40
50
60
70
80
90
100
0.8 1.0 1.2 1.4 1.6 1.8 2.0 2.2 2.4 2.6 2.8 3.0
Input Voltage (V)
Iout = 1mA
Iout = 10mA
Iout = 50mA
Iout = 100mA
Figure 7. Efficiency vs. IOUT, Coil Comparision
Figure 8. Efficiency vs. IOUT, Coil Comparision
30
40
50
60
70
80
90
100
0.1
1
10
100
1000
Output Current (mA)
821nH EPL2010
470nH LQH
1µH LQH
1µH EPL2010
VIN = 1.0V
VOUT = 1.8V
30
40
50
60
70
80
90
100
0.1
1
10
100
1000
Output Current (mA)
821nH EPL2010
1µH LQH
1µH EPL2010
VIN = 1.5V
VOUT = 3.0V


Similar Part No. - AS1330

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1330 AMSCO-AS1330 Datasheet
1Mb / 18P
   4MHz, Low Vol tage, DC-DC Step-Up Conver ter
AS1330-BTDT-18 AMSCO-AS1330-BTDT-18 Datasheet
1Mb / 18P
   4MHz, Low Vol tage, DC-DC Step-Up Conver ter
AS1330-BTDT-30 AMSCO-AS1330-BTDT-30 Datasheet
1Mb / 18P
   4MHz, Low Vol tage, DC-DC Step-Up Conver ter
AS1330-BTDT-AD AMSCO-AS1330-BTDT-AD Datasheet
1Mb / 18P
   4MHz, Low Vol tage, DC-DC Step-Up Conver ter
AS1330 AMSCO-AS1330_12 Datasheet
1Mb / 18P
   4MHz, Low Vol tage, DC-DC Step-Up Conver ter
More results

Similar Description - AS1330

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC1633 SEMTECH-SC1633 Datasheet
181Kb / 7P
   LOW VOLTAGE STEP-UP DC-DC CONVERTER
logo
List of Unclassifed Man...
AIC1641 ETC-AIC1641 Datasheet
160Kb / 12P
   LOW VOLTAGE STEP-UP DC/DC CONVERTER
logo
Silicon Standard Corp.
SS6640 SSC-SS6640 Datasheet
336Kb / 12P
   Low Voltage Step-Up DC/DC Converter
logo
Analog Intergrations Co...
AIC1640 AIC-AIC1640 Datasheet
37Kb / 2P
   LOW VOLTAGE STEP-UP DC/DC CONVERTER
logo
Semtech Corporation
SC1631 SEMTECH-SC1631 Datasheet
168Kb / 7P
   LOW VOLTAGE STEP-UP DC-DC CONVERTER
logo
Renesas Technology Corp
M62216FP RENESAS-M62216FP Datasheet
164Kb / 12P
   Low Voltage Operation STEP-UP DC/DC Converter
logo
National Semiconductor ...
LM2621 NSC-LM2621_05 Datasheet
655Kb / 11P
   Low Input Voltage, Step-Up DC-DC Converter
logo
Mitsubishi Electric Sem...
M62216FP MITSUBISHI-M62216FP Datasheet
72Kb / 8P
   Low Voltage Operation STEP-UP DC-DC Converter
logo
National Semiconductor ...
LM2621 NSC-LM2621 Datasheet
254Kb / 10P
   Low Input Voltage, Step-Up DC-DC Converter
logo
SiGe Semiconductor, Inc...
AATIAN41 SIGE-AATIAN41 Datasheet
111Kb / 4P
   Low Voltage 2MHz Step-Up DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com