Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FAN9612MX Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # FAN9612MX
Description  Interleaved Dual BCM PFC Controllers
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN9612MX Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FAN9612MX Datasheet HTML 1Page - Fairchild Semiconductor FAN9612MX Datasheet HTML 2Page - Fairchild Semiconductor FAN9612MX Datasheet HTML 3Page - Fairchild Semiconductor FAN9612MX Datasheet HTML 4Page - Fairchild Semiconductor FAN9612MX Datasheet HTML 5Page - Fairchild Semiconductor FAN9612MX Datasheet HTML 6Page - Fairchild Semiconductor FAN9612MX Datasheet HTML 7Page - Fairchild Semiconductor FAN9612MX Datasheet HTML 8Page - Fairchild Semiconductor FAN9612MX Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 35 page
background image
© 2008 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN9611 / FAN9612 • Rev. 1.0.1
2
Ordering Information
Part Number
Eco
Status
Package
Packing
Method
Packing
Quantity
FAN9611MX
(Preliminary)
RoHS
16-Lead, Small Outline Integrated Circuit (SOIC)
Tape and
Reel
2,500
FAN9612MX
RoHS
16-Lead, Small Outline Integrated Circuit (SOIC)
Tape and
Reel
2,500
Notes:
For Fairchild’s definition of Eco Status, please visit: http://www.fairchildsemi.com/company/green/rohs_green.html.
This device passed wave soldering test by JESD22A-111.
Package Outlines
ZCD2
5VB
VDD
CS1
ZCD1
MOT
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
AGND
SS
COMP
FB
DRV2
PGND
VIN
OVP
DRV1
CS2
Figure 2. SOIC-16 (Top View)
Thermal Resistance Table
Package
Suffix
Thermal Resistance
ΘJL
(1)
ΘJA
(2)
16-Lead SOIC
M
35°C/W
50 – 120°C/W
(3)
Notes:
1.
Typical ΘJL is specified from semiconductor junction to lead.
2.
Typical ΘJA is dependent on the PCB design and operating conditions, such as air flow. The range of values
covers a variety of operating conditions utilizing natural convection with no heatsink on the package.
3.
This typical range is an estimate; actual values depend on the application.


Similar Part No. - FAN9612MX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN9612MX FAIRCHILD-FAN9612MX Datasheet
1Mb / 37P
   Interleaved Dual BCM PFC Controller
FAN9612MX FAIRCHILD-FAN9612MX Datasheet
1Mb / 37P
   Interleaved Dual BCM PFC Controllers
FAN9612MX FAIRCHILD-FAN9612MX Datasheet
1Mb / 36P
   Interleaved Dual BCM PFC Controllers
More results

Similar Description - FAN9612MX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN9611_1112 FAIRCHILD-FAN9611_1112 Datasheet
1Mb / 36P
   Interleaved Dual BCM PFC Controllers
FAN9611 FAIRCHILD-FAN9611_11 Datasheet
1Mb / 37P
   Interleaved Dual BCM PFC Controllers
FAN9612M FAIRCHILD-FAN9612M Datasheet
1Mb / 37P
   Interleaved Dual BCM PFC Controller
AN-9717 FAIRCHILD-AN-9717 Datasheet
5Mb / 30P
   Dual BCM PFC Controller
logo
NXP Semiconductors
TEA2376DT NXP-TEA2376DT Datasheet
483Kb / 46P
   Digital configurable interleaved PFC controller
Rev. 1 - 10 August 2023
TEA2376AT NXP-TEA2376AT Datasheet
459Kb / 43P
   Digital configurable interleaved PFC controller
Rev. 1 - 8 November 2023
TEA2376BT NXP-TEA2376BT Datasheet
466Kb / 43P
   Digital configurable interleaved PFC controller
Rev. 1 - 10 August 2023
logo
ON Semiconductor
FPAM30LH60 ONSEMI-FPAM30LH60 Datasheet
538Kb / 13P
   PFC SPM 2 Series for 2-Phase Interleaved PFC
July 2016 Rev. 1.5
FPAM50LH60 ONSEMI-FPAM50LH60 Datasheet
614Kb / 13P
   PFC SPM 2 Series for 2-Phase Interleaved PFC
June 2015 Rev. 1.4
FAN9673 ONSEMI-FAN9673 Datasheet
1Mb / 26P
   Three-Channel Interleaved CCM PFC Controller
June, 2019 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com