Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELJPB220KF Datasheet(PDF) 7 Page - Panasonic Semiconductor

Part # ELJPB220KF
Description  High Power Type PF, PE, PC, PA, PB
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ELJPB220KF Datasheet(HTML) 7 Page - Panasonic Semiconductor

  ELJPB220KF Datasheet HTML 1Page - Panasonic Semiconductor ELJPB220KF Datasheet HTML 2Page - Panasonic Semiconductor ELJPB220KF Datasheet HTML 3Page - Panasonic Semiconductor ELJPB220KF Datasheet HTML 4Page - Panasonic Semiconductor ELJPB220KF Datasheet HTML 5Page - Panasonic Semiconductor ELJPB220KF Datasheet HTML 6Page - Panasonic Semiconductor ELJPB220KF Datasheet HTML 7Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Fixed Inductors (Chip Inductors)
0.6
±0.2
4.5
±0.3
Marking
5.5 to 6.0
2.4 to 2.6
Part No.
Inductance
Q
SRF
1
(MHz) min.
RDC
2
( ) max.
DC Current
(mA) max.
(µH)
Tolerance
(%)
Test Freq.
(MHz)
min.
Test Freq.
(MHz)
ELJPB100KF
10
K : ±10 %
2.52
10
2.52
19
0.65
360
ELJPB120KF
12
17
0.70
340
ELJPB150KF
15
15
0.80
320
ELJPB180KF
18
14
0.90
310
ELJPB220KF
22
13
1.0
300
ELJPB270KF
27
11
1.2
270
ELJPB330KF
33
10
1.4
250
ELJPB390KF
39
9.5
1.6
230
ELJPB470KF
47
8.5
1.9
210
ELJPB560KF
56
8
2.2
190
ELJPB680KF
68
7
2.6
170
ELJPB820KF
82
6.5
3.5
160
ELJPB101KF
100
0.796
20
0.796
6
4.0
150
ELJPB121KF
120
5.5
4.5
130
ELJPB151KF
150
5
6.5
120
ELJPB181KF
180
4.5
7.5
110
ELJPB221KF
220
4
9.0
90
Recommended Land Pattern in mm (not to scale)
Dimensions in mm (not to scale)
PB Type 4532 (1812)
✽1 : Self Resonant Frequency ✽2 : DC Resistance
Standard Packing Quantity
500 pcs./Reel
Standard Parts
Feb. 2006


Similar Part No. - ELJPB220KF

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ELJPB220KF PANASONIC-ELJPB220KF Datasheet
283Kb / 5P
   High Power Types PF, PE, PC, PA, PB
ELJPB220KF PANASONIC-ELJPB220KF Datasheet
134Kb / 7P
   Fixed Inductors Chip Inductors
ELJPB220KF PANASONIC-ELJPB220KF Datasheet
220Kb / 10P
   Low DCR and large current capability, suitable for power circuitry.
More results

Similar Description - ELJPB220KF

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ELJPF2N2DF PANASONIC-ELJPF2N2DF Datasheet
283Kb / 5P
   High Power Types PF, PE, PC, PA, PB
ELJ-LA4R7KF PANASONIC-ELJ-LA4R7KF Datasheet
134Kb / 7P
   4. High Power Type PF, PE, PC, PA, PB, LC, LA
logo
List of Unclassifed Man...
PA277Y ETC2-PA277Y Datasheet
80Kb / 4P
   PA and PB Series Panel Protection Devices
logo
Eudyna Devices Inc
P0120009P EUDYNA-P0120009P Datasheet
818Kb / 13P
   2W GaAs Power FET (Pb-Free Type)
P0120008P EUDYNA-P0120008P Datasheet
833Kb / 13P
   1W GaAs Power FET (Pb-Free Type)
P0120002P EUDYNA-P0120002P Datasheet
840Kb / 13P
   250mW GaAs Power FET (Pb-Free Type)
P0120004P EUDYNA-P0120004P Datasheet
821Kb / 13P
   1.5W GaAs Power FET (Pb-Free Type)
P0120003P EUDYNA-P0120003P Datasheet
845Kb / 13P
   800mW GaAs Power FET (Pb-Free Type)
P0120007P EUDYNA-P0120007P Datasheet
778Kb / 13P
   250mW GaAs Power FET (Pb-Free Type)
logo
LIGITEK electronics co....
L8Y8G55162-PF LIGITEK-L8Y8G55162-PF Datasheet
126Kb / 7P
   Pb BIPOLAR TYPE LED LAMPS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com