Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPM0103ND3 Datasheet(PDF) 2 Page - Knowles Electronics

Part # SPM0103ND3
Description  Amplified ?쏮ini??Surface Mount Silicon Microphone with standard RF Protection
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KNOWLES [Knowles Electronics]
Direct Link  http://www.knowles.com
Logo KNOWLES - Knowles Electronics

SPM0103ND3 Datasheet(HTML) 2 Page - Knowles Electronics

  SPM0103ND3 Datasheet HTML 1Page - Knowles Electronics SPM0103ND3 Datasheet HTML 2Page - Knowles Electronics SPM0103ND3 Datasheet HTML 3Page - Knowles Electronics SPM0103ND3 Datasheet HTML 4Page - Knowles Electronics SPM0103ND3 Datasheet HTML 5Page - Knowles Electronics SPM0103ND3 Datasheet HTML 6Page - Knowles Electronics SPM0103ND3 Datasheet HTML 7Page - Knowles Electronics SPM0103ND3 Datasheet HTML 8Page - Knowles Electronics SPM0103ND3 Datasheet HTML 9Page - Knowles Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Knowles Acoustics,
a division of Knowles Electronics, LLC.
Revision: C
2 of 10
SPM0103ND3
1. DESCRIPTION AND APPLICATION
2. PART MARKING
3. TEMPERATURE RANGE
1.1 Description
Amplified “Mini” Surface Mount Silicon Microphone
with standard RF Protection
1.2 Application
Hand held telecommunication devices
3.1 Operating Temperature Range: -40°C to +100°C
3.2 Storage Temperature Range:
-40°C to +100°C
Identification Number Convention
S
1
2
3
4
5
6
S: Manufacturing Location
“S” – Knowles Electronics Suzhou
Suzhou, China
“ No Alpha Character” – Knowles Electronics Itasca
Itasca, IL USA
“ E” – Engineering Samples
Digits 1 – 6: Job Identification Number
Identification
Number
Pin 1


Similar Part No. - SPM0103ND3

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SPM0103ND3 ETC2-SPM0103ND3 Datasheet
325Kb / 10P
   Amplified Mini SiSonic Microphone Specification
SPM0103ND3-2 ETC2-SPM0103ND3-2 Datasheet
325Kb / 10P
   Amplified Mini SiSonic Microphone Specification
More results

Similar Description - SPM0103ND3

ManufacturerPart #DatasheetDescription
logo
Knowles Electronics
SPM0102ND3 KNOWLES-SPM0102ND3 Datasheet
254Kb / 10P
   ?쏮ini??Surface Mount Silicon Microphone with standard RF Protection
SPM0408HE5H KNOWLES-SPM0408HE5H Datasheet
896Kb / 10P
   Amplified Mini Surface Mount Silicon Microphone with Enhanced RF Protection
SPM0408HE5H-SB KNOWLES-SPM0408HE5H-SB Datasheet
381Kb / 10P
   Amplified Mini Surface Mount Silicon Microphone with Enhanced RF Protection ??Halogen Free
SPM0208HE5 KNOWLES-SPM0208HE5 Datasheet
945Kb / 10P
   Enhanced RF Protected Amplified ?쏮ini??SiSonic??Microphone Specification
SPM0406HE3H-SB KNOWLES-SPM0406HE3H-SB Datasheet
897Kb / 10P
   Differential Mini Amplified Surface Mount Silicon Microphone with Enhanced RF Protection - Halogen Free
SPM0408LE5H-TB KNOWLES-SPM0408LE5H-TB Datasheet
390Kb / 10P
   Mini Amplified Surface Mount Zero Height Silicon Microphone with Enhanced RF Protection Halogen Free
SP0103BE3 KNOWLES-SP0103BE3 Datasheet
418Kb / 11P
   Zero Height Amplified Surface Mount Silicon Microphone
SPM0408LE5H-TB KNOWLES-SPM0408LE5H-TB_13 Datasheet
925Kb / 11P
   Amplified Zero-Height SiSonicTM Microphone With Enhanced RF Protection
SPM0408HD5H-SB KNOWLES-SPM0408HD5H-SB Datasheet
890Kb / 10P
   Amplified Mini Surface Mount Silicon Microphone Halogen Free
SPUL409HE5H-PB KNOWLES-SPUL409HE5H-PB Datasheet
786Kb / 10P
   UltraMini Surface Mount Silicon Microphone with Enhanced RF Protection - Halogen Free
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com