Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPM0103ND3 Datasheet(PDF) 3 Page - Knowles Electronics

Part # SPM0103ND3
Description  Amplified ?쏮ini??Surface Mount Silicon Microphone with standard RF Protection
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KNOWLES [Knowles Electronics]
Direct Link  http://www.knowles.com
Logo KNOWLES - Knowles Electronics

SPM0103ND3 Datasheet(HTML) 3 Page - Knowles Electronics

  SPM0103ND3 Datasheet HTML 1Page - Knowles Electronics SPM0103ND3 Datasheet HTML 2Page - Knowles Electronics SPM0103ND3 Datasheet HTML 3Page - Knowles Electronics SPM0103ND3 Datasheet HTML 4Page - Knowles Electronics SPM0103ND3 Datasheet HTML 5Page - Knowles Electronics SPM0103ND3 Datasheet HTML 6Page - Knowles Electronics SPM0103ND3 Datasheet HTML 7Page - Knowles Electronics SPM0103ND3 Datasheet HTML 8Page - Knowles Electronics SPM0103ND3 Datasheet HTML 9Page - Knowles Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Knowles Acoustics,
a division of Knowles Electronics, LLC.
Revision: C
3 of 10
SPM0103ND3
4. ACOUSTIC & ELECTRICAL SPECIFICATIONS
5. FREQUENCY RESPONSE CURVE
dB
No Change Across Voltage
Range
Change in sensitivity over 5.5v
to 1.5v
Sensitivity Loss across
Voltage
dB
At 100dB SPL, THD < 1%
At 115dB SPL, THD = < 10%
Maximum Input Sound
Level
Omni-directional
Directivity
dBA SPL
n/a
35
n/a
A-weighted
ENL
Typical Input Referred
Noise
Max.
Nom.
Min.
V
5.5
n/a
1.5
Vs
Supply Voltage
dB
n/a
59
55
@ 1kHz (0dB=1V/Pa)
S/N
Signal to Noise Ratio
mA
0.350
n/a
0.100
across 1.5 to 5.5 volts
I
DSS
Current Consumption
100
n/a
n/a
@ 1kHz (0dB=1V/Pa)
Z
OUT
Output impedance
dB
-18
-22
-26
@ 1kHz (0dB=1V/Pa)
S
Sensitivity
Unit
Limits
Condition
Symbol


Similar Part No. - SPM0103ND3

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SPM0103ND3 ETC2-SPM0103ND3 Datasheet
325Kb / 10P
   Amplified Mini SiSonic Microphone Specification
SPM0103ND3-2 ETC2-SPM0103ND3-2 Datasheet
325Kb / 10P
   Amplified Mini SiSonic Microphone Specification
More results

Similar Description - SPM0103ND3

ManufacturerPart #DatasheetDescription
logo
Knowles Electronics
SPM0102ND3 KNOWLES-SPM0102ND3 Datasheet
254Kb / 10P
   ?쏮ini??Surface Mount Silicon Microphone with standard RF Protection
SPM0408HE5H KNOWLES-SPM0408HE5H Datasheet
896Kb / 10P
   Amplified Mini Surface Mount Silicon Microphone with Enhanced RF Protection
SPM0408HE5H-SB KNOWLES-SPM0408HE5H-SB Datasheet
381Kb / 10P
   Amplified Mini Surface Mount Silicon Microphone with Enhanced RF Protection ??Halogen Free
SPM0208HE5 KNOWLES-SPM0208HE5 Datasheet
945Kb / 10P
   Enhanced RF Protected Amplified ?쏮ini??SiSonic??Microphone Specification
SPM0406HE3H-SB KNOWLES-SPM0406HE3H-SB Datasheet
897Kb / 10P
   Differential Mini Amplified Surface Mount Silicon Microphone with Enhanced RF Protection - Halogen Free
SPM0408LE5H-TB KNOWLES-SPM0408LE5H-TB Datasheet
390Kb / 10P
   Mini Amplified Surface Mount Zero Height Silicon Microphone with Enhanced RF Protection Halogen Free
SP0103BE3 KNOWLES-SP0103BE3 Datasheet
418Kb / 11P
   Zero Height Amplified Surface Mount Silicon Microphone
SPM0408LE5H-TB KNOWLES-SPM0408LE5H-TB_13 Datasheet
925Kb / 11P
   Amplified Zero-Height SiSonicTM Microphone With Enhanced RF Protection
SPM0408HD5H-SB KNOWLES-SPM0408HD5H-SB Datasheet
890Kb / 10P
   Amplified Mini Surface Mount Silicon Microphone Halogen Free
SPUL409HE5H-PB KNOWLES-SPUL409HE5H-PB Datasheet
786Kb / 10P
   UltraMini Surface Mount Silicon Microphone with Enhanced RF Protection - Halogen Free
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com