Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPM0205HD4H Datasheet(PDF) 6 Page - Knowles Electronics

Part # SPM0205HD4H
Description  Digital Surface Mount Silicon Microphone - Halogen Free
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KNOWLES [Knowles Electronics]
Direct Link  http://www.knowles.com
Logo KNOWLES - Knowles Electronics

SPM0205HD4H Datasheet(HTML) 6 Page - Knowles Electronics

Back Button SPM0205HD4H Datasheet HTML 2Page - Knowles Electronics SPM0205HD4H Datasheet HTML 3Page - Knowles Electronics SPM0205HD4H Datasheet HTML 4Page - Knowles Electronics SPM0205HD4H Datasheet HTML 5Page - Knowles Electronics SPM0205HD4H Datasheet HTML 6Page - Knowles Electronics SPM0205HD4H Datasheet HTML 7Page - Knowles Electronics SPM0205HD4H Datasheet HTML 8Page - Knowles Electronics SPM0205HD4H Datasheet HTML 9Page - Knowles Electronics SPM0205HD4H Datasheet HTML 10Page - Knowles Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
CONFI DENTI AL – DO NOT DI STRI BUTE
Know les Acou st ics, a division of Kn ow les
Elect r onics, LLC.
Revision: A
6 of 11
SPM0205HD4H
7. RECOMMENDED CUSTOMER LAND PATTERN
8. RECOMMENDED SOLDER STENCIL PATTERN
N/A
2.34 mm
2.13 mm
1.65 mm
3.30 mm
ø 0.91 mm
ø 0.91 mm
ø 0.91 mm


Similar Part No. - SPM0205HD4H

ManufacturerPart #DatasheetDescription
logo
Knowles Electronics
SPM0204LE5H-QB KNOWLES-SPM0204LE5H-QB Datasheet
185Kb / 10P
   Halogen Free Enhanced RF Protected Zero Height Mini??SiSonic??Microphone Specification
logo
List of Unclassifed Man...
SPM0204UD5 ETC2-SPM0204UD5 Datasheet
1Mb / 9P
   ULTRASONIC ACOUSTIC SENSOR
logo
Knowles Electronics
SPM0208HE5 KNOWLES-SPM0208HE5 Datasheet
945Kb / 10P
   Enhanced RF Protected Amplified ?쏮ini??SiSonic??Microphone Specification
More results

Similar Description - SPM0205HD4H

ManufacturerPart #DatasheetDescription
logo
Knowles Electronics
SPM0408HD5H-SB KNOWLES-SPM0408HD5H-SB Datasheet
890Kb / 10P
   Amplified Mini Surface Mount Silicon Microphone Halogen Free
SPUL409HE5H-PB KNOWLES-SPUL409HE5H-PB Datasheet
786Kb / 10P
   UltraMini Surface Mount Silicon Microphone with Enhanced RF Protection - Halogen Free
SPM0410HR5H-PB KNOWLES-SPM0410HR5H-PB Datasheet
524Kb / 10P
   Mini Surface Mount Silicon Microphone with MAX RF Protection ??Halogen Free
SPM0404HE5H-PB KNOWLES-SPM0404HE5H-PB Datasheet
352Kb / 10P
   Mini Surface Mount Silicon Microphone with Enhanced RF Protection - Halogen Free
SPM0404LE5H-QB KNOWLES-SPM0404LE5H-QB Datasheet
875Kb / 10P
   Mini Surface Mount Silicon Microphone with Enhanced RF Protection - Halogen Free
SPU0410HR5H-PB KNOWLES-SPU0410HR5H-PB Datasheet
535Kb / 10P
   Ultra Mini Surface Mount Silicon Microphone with Maximum RF Protection ??Halogen Free
SPM0408HE5H-SB KNOWLES-SPM0408HE5H-SB Datasheet
381Kb / 10P
   Amplified Mini Surface Mount Silicon Microphone with Enhanced RF Protection ??Halogen Free
SPM0407HE3H-SB KNOWLES-SPM0407HE3H-SB Datasheet
911Kb / 10P
   Switchable Gain Mini Surface Mount Silicon Microphone with Enhanced RF Protection - Halogen Free
SPM0410LR5H-QB KNOWLES-SPM0410LR5H-QB Datasheet
553Kb / 10P
   Mini Surface Mount Zero Height Silicon Microphone with Maximum RF Protection ??Halogen Free
SPM0406HE3H-SB KNOWLES-SPM0406HE3H-SB Datasheet
897Kb / 10P
   Differential Mini Amplified Surface Mount Silicon Microphone with Enhanced RF Protection - Halogen Free
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com