Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDCLVP111RHBT Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # CDCLVP111RHBT
Description  LOW-VOLTAGE 1:10 LVPECL WITH SELECTABLE INPUT CLOCK DRIVER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCLVP111RHBT Datasheet(HTML) 2 Page - Texas Instruments

  CDCLVP111RHBT Datasheet HTML 1Page - Texas Instruments CDCLVP111RHBT Datasheet HTML 2Page - Texas Instruments CDCLVP111RHBT Datasheet HTML 3Page - Texas Instruments CDCLVP111RHBT Datasheet HTML 4Page - Texas Instruments CDCLVP111RHBT Datasheet HTML 5Page - Texas Instruments CDCLVP111RHBT Datasheet HTML 6Page - Texas Instruments CDCLVP111RHBT Datasheet HTML 7Page - Texas Instruments CDCLVP111RHBT Datasheet HTML 8Page - Texas Instruments CDCLVP111RHBT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
CLK_SEL
VBB
30
31
29
28
27
26
23
22
24
21
20
19
18
17
15
14
13
12
11
10
5
CLK0
CLK0
CLK1
CLK1
0
1
3
4
6
7
2
Q0
Q1
Q2
Q3
Q4
Q5
Q6
Q7
Q8
Q9
Q0
Q1
Q2
Q3
Q4
Q5
Q7
Q6
Q9
Q8
+
+
-
-
-
-
-
CDCLVP111
SCAS859D – JANUARY 2009 – REVISED MARCH 2010
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
DEVICE INFORMATION
PIN FUNCTIONS(1)
PIN
DESCRIPTION
NAME
NO.
Clock select. Used to select between CLK0 and CLK1 input pairs. LVTTL/LVCMOS functionality
CLK_SEL
2
compatible.
CLK0, CLK0
3, 4
Differential LVECL/LVPECL input pair
CLK1, CLK1
6, 7
11, 13, 15, 18,
Q [9:0]
20, 22, 24, 27,
LVECL/LVPECL clock outputs, these outputs provide low-skew copies of CLKn.
29, 31
10, 12, 14, 17,
Q[9:0]
19, 21,23, 26,
LVECL/LVPECL complementary clock outputs, these outputs provide copies of CLKn.
28, 30
VBB
5
Reference voltage output for single-ended input operation
VCC
1, 9, 16, 25, 32
Supply voltage
VEE
8
Device ground or negative supply voltage in ECL mode
The PowerPAD of the QFN32 and LQFP package is thermally connected to the die to improve the heat
PowerPAD™
0
transfer out of the package. The pad of the LQFP with PowerPAD must be left floating or connected to
VEE. The pad of the QFN32 with PowerPAD must be connected to VEE.
(1)
CLKn, CLK_SEL pull down resistor = 75 k
Ω; CLKn pull up resistor = 37.5 kΩ; CLKn pull down resistor = 50 kΩ.
2
Submit Documentation Feedback
Copyright © 2009–2010, Texas Instruments Incorporated
Product Folder Link(s) :CDCLVP111


Similar Part No. - CDCLVP111RHBT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCLVP111RHBT TI1-CDCLVP111RHBT Datasheet
1Mb / 29P
[Old version datasheet]   Low-Voltage 1:10 LVPECL With Selectable Input Clock Driver
More results

Similar Description - CDCLVP111RHBT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCLVP111-EP TI1-CDCLVP111-EP Datasheet
743Kb / 15P
[Old version datasheet]   LOW-VOLTAGE 1:10 LVPECL WITH SELECTABLE INPUT CLOCK DRIVER
CDCLVP111 TI1-CDCLVP111 Datasheet
1Mb / 29P
[Old version datasheet]   Low-Voltage 1:10 LVPECL With Selectable Input Clock Driver
CDCLVP111-SP TI1-CDCLVP111-SP Datasheet
570Kb / 23P
[Old version datasheet]   Low-Voltage 1:10 LVPECL With Selectable Input Clock Driver
CDCLVP110 TI-CDCLVP110 Datasheet
136Kb / 11P
[Old version datasheet]   LOW-VOLTAGE 1:10 LVPECL/HSTL WITH SELECTABLE INPUT CLOCK DRIVER
CDCLVP110 TI1-CDCLVP110_14 Datasheet
675Kb / 14P
[Old version datasheet]   Low-Voltage 1:10 LVPECL/HSTL With Selectable Input Clock Driver
logo
Cypress Semiconductor
CY2DP1510 CYPRESS-CY2DP1510 Datasheet
303Kb / 13P
   1:10 LVPECL Fanout Buffer with Selectable Clock Input
CY2DP1504 CYPRESS-CY2DP1504 Datasheet
301Kb / 14P
   1:4 LVPECL Fanout Buffer with Selectable Clock Input
CY2CP1504 CYPRESS-CY2CP1504 Datasheet
298Kb / 13P
   1:4 LVCMOS to LVPECL Fanout Buffer with Selectable Clock Input
logo
ON Semiconductor
MC100LVEP111 ONSEMI-MC100LVEP111 Datasheet
131Kb / 8P
   Low-Voltage 1:10 Differential LVECL/LVPECL/LVEPECL/HSTL Clock Driver
December, 2008 ??Rev. 17
logo
Cypress Semiconductor
CY2DL15110 CYPRESS-CY2DL15110 Datasheet
430Kb / 13P
   1:10 Differential LVDS Fanout Buffer with Selectable Clock Input
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com