Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R12A05 Datasheet(PDF) 2 Page - Recom International Power

Part # R12A05
Description  EUROLINE- DC/DC - CONVERTER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

R12A05 Datasheet(HTML) 2 Page - Recom International Power

  R12A05 Datasheet HTML 1Page - Recom International Power R12A05 Datasheet HTML 2Page - Recom International Power R12A05 Datasheet HTML 3Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
EU 12
www.recom-international.com
EUROLINE - DC/DC-Converter
RxxA and RxxB Series, 1 Watt, DIP14/SIP7, 1kVDC Isolation (Dual Output)
Input Voltage Range VIN (continuous operation)
5V input types
4.5VDC min. / 5.5VDC max.
12V input types
10.8VDC min. / 13.2VDC max.
Reflected Ripple Current (depending on the type)
20 mA p-p min. to 33 mA p-p max.
Voltage Set Point Accuracy (depending on the type)
See Tolerance Envelope
Line Regulation
1.0% / 1.2% of V
IN
Load Voltage Regulation (10% load to 100% full load)
5V output types
10% min. / 12.5% max.
9V output types
9% min. / 10% max.
12V output types
6.5% min. / 7.5% max.
15V output types
6% min. / 7.5% max.
Ripple & Noise (20MHz band limited) (depending on the type)
20mVp-p min. / 75mVp-p max.
Isolation Voltage (flash tested for 1 second)
1000VDC min.
Test Voltage (50Hz, 10 seconds)
1000 Vpk min.
Resistance (Viso = 500V)
10 GΩ typ.
Switching Frequency
VIN 5V types
110kHz typ.
VIN 12V types
140kHz typ.
Package Weight
SIP types
2.1 g
DIP types
2.4 g
Operating Temperature Range (all output types)
–40°C min. to +85°C max. (see graph)
Storage Temperature Range
–50°C min. +130°C max.
Case Temperature Above Ambient
5V output types
+33°C max.
all other output types
+28°C max.
MTTF 1) (depending on the type)
–40°C
184kHrs min. / 2068kHrs max.
+25°C
154kHrs min. / 1697kHrs max.
+85°C
129kHrs min. / 1368kHrs max.
1). Calculated using MIL-HDBK-217F with nominal input voltage at full load.
Please contact us, if you need exact parameters for the converter you have selected.
Electrical Specifications (measured at T
A = 25°C, at nominal input voltage and rated output current unless otherwise specified)
Typical Characteristics, Tolerance Envelope and Temperature Derating Graph
R12A/Bxx
Temperature Derating Graph
Tolerance Envelope
R05A/Bxx
Total Output Current (%)
40
60
80
20
0
100
1212
+5
+10
+15
+20
0
1209, 1215
1205
–10
–5
1209
Total Output Current (%)
40
60
80
20
40
60
80
100
0
100
20
1212, 1215
1205
100
0509
0505
0515
0512
Total Output Current (%)
40
60
80
20
0
+5
+10
+15
+20
0
–10
–5
0509
Total Output Current (%)
40
60
80
20
40
60
80
100
0
100
20
0512, 0515
0505
Ambient Temperature ˚C
0.5
100
50
0
-40
85 120
150
0
2.0
1.5
1.0
Safe
Operating Area
+10%
+5%
V Nom.
+2,5%
– 2,5%
10%
50%
100%
Output Load Current (%)
– 7,5%
Typical Load L
ine


Similar Part No. - R12A05

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
R12A GOOD-ARK-R12A Datasheet
366Kb / 4P
   Surface Mount Glass Passivated Fast Recovery Rectifier
logo
Productwell Precision E...
R12A11H01 PRODUCTWELL-R12A11H01 Datasheet
123Kb / 2P
   ROTARY POTENTIOMETER
R12A11H01 PRODUCTWELL-R12A11H01_14 Datasheet
275Kb / 2P
   Ideal For all type of audio products.
R12A11V01 PRODUCTWELL-R12A11V01 Datasheet
124Kb / 2P
   ROTARY POTENTIOMETER
R12A11V01 PRODUCTWELL-R12A11V01_14 Datasheet
297Kb / 2P
   ROTARY POTENTIOMETER
More results

Similar Description - R12A05

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
R05N05 RECOM-R05N05 Datasheet
97Kb / 3P
   EUROLINE - DC/DC - CONVERTER
R05SDH05 RECOM-R05SDH05 Datasheet
124Kb / 2P
   EUROLINE - DC/DC - CONVERTER
RXXJ05 RECOM-RXXJ05 Datasheet
117Kb / 4P
   EUROLINE - DC/DC - CONVERTER
R05C05 RECOM-R05C05 Datasheet
99Kb / 3P
   EUROLINE - DC/DC - CONVERTER
R05SS05 RECOM-R05SS05 Datasheet
119Kb / 3P
   EUROLINE - DC/DC - CONVERTER
RXXT0503 RECOM-RXXT0503 Datasheet
114Kb / 3P
   EUROLINE - DC/DC - CONVERTER
R05105 RECOM-R05105 Datasheet
86Kb / 2P
   EUROLINE - DC/DC - CONVERTER
R05V05 RECOM-R05V05 Datasheet
99Kb / 2P
   EUROLINE - DC/DC - CONVERTER
R12P3.3D RECOM-R12P3.3D Datasheet
90Kb / 2P
   EUROLINE DC/DC-Converter
R05SD05 RECOM-R05SD05 Datasheet
87Kb / 2P
   EUROLINE - DC/DC - CONVERTER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com