Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R12SDH05 Datasheet(PDF) 1 Page - Recom International Power

Part # R12SDH05
Description  EUROLINE - DC/DC - CONVERTER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

R12SDH05 Datasheet(HTML) 1 Page - Recom International Power

  R12SDH05 Datasheet HTML 1Page - Recom International Power R12SDH05 Datasheet HTML 2Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
EU 20
www.recom-international.com
EUROLINE - DC/DC-Converter
RxxSDHxx Series, 1 Watt, SMD, 3kVDC Isolation (Dual Output)
Wide Temperature Performance at
full 1 Watt Load, –40°C to +85°C
3kVDC Isolation
Efficiency to 82%
UL 94V-O Package Material
Internal SMD Construction
MTTF up to 2.1 Million Hours
Multi Layer Ceramic Capacitors
Features
Selection Guide 5V and 12V input types
Part Number
Nom. Input
Rated Output
Rated Output
Input Current
Efficiency
Isolation
Package
Voltage
Voltage
Voltage
Current
at Rated Load
Capacitance
Style
(VDC)
(VDC)
(mA)
(mA)
(%)
(pF)
R05SDH05
5
±5
±100
282
71
33
R05SDH09
5
±9
±55
260
77
38
R05SDH12
5
±12
±42
253
79
44
R05SDH15
5
±15
±33
250
80
43
SMD
R12SDH05
12
±5
±100
114
73
50
22Pin
R12SDH09
12
±9
±55
105
79
72
R12SDH12
12
±12
±42
104
80
89
R12SDH15
12
±15
±33
101
82
100
Absolute Maximum Ratings
Input Voltage V
IN
5V types
7V
12V types
15V
Short Circuit Duration 1)
1s
Internal Power Dissipation
550mW
Lead Temperature (1.5 mm from case for 10 seconds)
300 °C
1). Supply voltage must be discontinued at the end of the short circuit duration.
Input Voltage Range V
IN (continuous operation)
5V input types
4.5VDC min. / 5.5VDC max.
12V input types
10.8VDC min. / 13.2VDC max.
Reflected Ripple Current (depending on the type)
41 mA p-p min. to 47 mA p-p max.
Voltage Set Point Accuracy (depending on the type)
See Tolerance Envelope
Line Regulation (depending on the type)
1.0% / 1.2% of V
IN
Load Voltage Regulation (10% load to rated load)
5V output types
10% min. / 12% max.
(12V input types have typically 3% less load regulation change)
9V output types
6.5% min. / 8.0% max.
12V output types
6.0% min. / 8.5% max.
15V output types
6.0% min. / 7.0% max.
Ripple & Noise (20MHz band limited), (depending on the type)
40mVp-p min. / 75mVp-p max.
Isolation Voltage (for 1 minute)
3000VDC min.
Test Voltage (50Hz, 10 seconds)
3000 Vpk min.
Resistance (Viso = 1000V)
10 GΩ min.
Switching Frequency at Full Load (depending on the type)
V
IN all types
115kHz nom.
Package Weight
1.53 g
Operating Temperature Range (all output types)
–40°C min. to +85°C max. (see graph)
Storage Temperature Range
–55°C min. +125°C max.
Case Temperature above Ambient
5V output types
+46°C nom.
all other types
+35°C nom.
MTTF 2) (depending on the type)
–40°C
184kHrs min. / 2068kHrs max.
+25°C
154kHrs min. / 1697kHrs max.
+85°C
129kHrs min. / 1368kHrs max.
2). Calculated using MIL-HDBK-217F with nominal input voltage at full load.
Please contact us, if you need exact parameters for the converter you have selected..
Electrical Specifications (measured at TA = 25°C, at nominal input voltage and rated output current unless otherwise specified)


Similar Part No. - R12SDH05

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
R12SD05 RECOM-R12SD05 Datasheet
87Kb / 2P
   EUROLINE - DC/DC - CONVERTER
R12SD09 RECOM-R12SD09 Datasheet
87Kb / 2P
   EUROLINE - DC/DC - CONVERTER
R12SD12 RECOM-R12SD12 Datasheet
87Kb / 2P
   EUROLINE - DC/DC - CONVERTER
R12SD15 RECOM-R12SD15 Datasheet
87Kb / 2P
   EUROLINE - DC/DC - CONVERTER
More results

Similar Description - R12SDH05

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
R05N05 RECOM-R05N05 Datasheet
97Kb / 3P
   EUROLINE - DC/DC - CONVERTER
R05A05 RECOM-R05A05 Datasheet
104Kb / 3P
   EUROLINE- DC/DC - CONVERTER
RXXJ05 RECOM-RXXJ05 Datasheet
117Kb / 4P
   EUROLINE - DC/DC - CONVERTER
R05C05 RECOM-R05C05 Datasheet
99Kb / 3P
   EUROLINE - DC/DC - CONVERTER
R05SS05 RECOM-R05SS05 Datasheet
119Kb / 3P
   EUROLINE - DC/DC - CONVERTER
RXXT0503 RECOM-RXXT0503 Datasheet
114Kb / 3P
   EUROLINE - DC/DC - CONVERTER
R05105 RECOM-R05105 Datasheet
86Kb / 2P
   EUROLINE - DC/DC - CONVERTER
R05V05 RECOM-R05V05 Datasheet
99Kb / 2P
   EUROLINE - DC/DC - CONVERTER
R12P3.3D RECOM-R12P3.3D Datasheet
90Kb / 2P
   EUROLINE DC/DC-Converter
R05SD05 RECOM-R05SD05 Datasheet
87Kb / 2P
   EUROLINE - DC/DC - CONVERTER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com