Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P82B96DRG4 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # P82B96DRG4
Description  DUAL BIDIRECTIONAL BUS BUFFER
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

P82B96DRG4 Datasheet(HTML) 3 Page - Texas Instruments

  P82B96DRG4 Datasheet HTML 1Page - Texas Instruments P82B96DRG4 Datasheet HTML 2Page - Texas Instruments P82B96DRG4 Datasheet HTML 3Page - Texas Instruments P82B96DRG4 Datasheet HTML 4Page - Texas Instruments P82B96DRG4 Datasheet HTML 5Page - Texas Instruments P82B96DRG4 Datasheet HTML 6Page - Texas Instruments P82B96DRG4 Datasheet HTML 7Page - Texas Instruments P82B96DRG4 Datasheet HTML 8Page - Texas Instruments P82B96DRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
www.ti.com
P82B96
Sx (SDA)
Sy (SCL)
Ry (RxD, SCL)
Ty (TxD, SCL)
Rx (RxD, SDA)
Tx (TxD, SDA)
1
7
4
GND
6
5
2
3
8
V
(2–15V)
CC
Functional Description
Sx and Sy
Tx and Ty
P82B96
DUAL BIDIRECTIONAL BUS BUFFER
SCPS144B – MAY 2006 – REVISED JULY 2007
FUNCTIONAL BLOCK DIAGRAM
The I2C pins, Sx and Sy, are designed to interface with a normal I2C bus. The logic threshold-voltage levels on
the I2C bus are independent of the supply VCC. The maximum I
2C bus supply voltage is 15 V, and the specified
static sink current is 3 mA.
Sx and Sy have two identical buffers. Each buffer is made up of two logic signal paths. The first one, named Tx
or Ty, is a forward path from the I2C interface pin, which drives the buffered bus. The second one, named Rx or
Ry, is a reverse signal path from the buffered bus input to drive the I2C bus interface.
There are two purposes for these paths: to sense the voltage state of the I2C pin (Sx or Sy) and transmit this
state to Tx or Ty, respectively, and to detect the state of the Rx or Ry and pull the I2C pin low when Rx or Ry is
low.
Tx and Ty are open-collector outputs without ESD protection diodes to VCC. Each pin may be connected via a
pullup resistor to a supply voltage in excess of VCC, as long as the 15-V rating is not exceeded. Tx and Ty have
a larger current-sinking capability than a normal I2C device and can sink a static current of greater than 30 mA.
They also have dynamic pulldown capability of 100-mA, typically.
A logic low is transmitted to Tx or Ty only when the voltage at the I2C pin (Sx or Sy) is below 0.6 V. A logic low
at Rx or Ry causes the I2C bus (Sx or Sy) to be pulled to a logic low level in accordance with I2C requirements
(maximum 1.5 V in 5-V applications), but not low enough to be looped back to the Tx or Ty output and cause the
buffer to latch low.
The minimum low level that the P82B96 can achieve on the I2C bus by a low at Rx or Ry typically is 0.8 V.
If VCC fails, neither the I
2C pins nor the Tx or Ty outputs are held low. Their open-collector configuration allows
them to be pulled up to the rated maximum of 15 V without VCC present. The input configuration on Sx, Sy, Rx,
and Ry also presents no loading of external signals when VCC is not present.
The effective input capacitance of any signal pin, measured by its effect on bus rise times, is less than 4 pF for
all bus voltages and supply voltages, including VCC = 0 V.
3
Submit Documentation Feedback


Similar Part No. - P82B96DRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
P82B96DRG4 TI-P82B96DRG4 Datasheet
458Kb / 26P
[Old version datasheet]   DUAL BIDIRECTIONAL BUS BUFFER
P82B96DRG4 TI1-P82B96DRG4 Datasheet
1Mb / 34P
[Old version datasheet]   I2C Compatible Dual Bidirectional Bus Buffer
More results

Similar Description - P82B96DRG4

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9600 NXP-PCA9600 Datasheet
499Kb / 30P
   Dual bidirectional bus buffer
Rev. 04-11 November 2009
P82B96 NXP-P82B96 Datasheet
514Kb / 32P
   Dual bidirectional bus buffer
Rev. 08-10 November 2009
PCA9600 NXP-PCA9600_11 Datasheet
382Kb / 31P
   Dual bidirectional bus buffer
Rev. 5-5 May 2011
P82B96TD-T NXP-P82B96TD-T Datasheet
514Kb / 32P
   Dual bidirectional bus buffer
Rev. 08-10 November 2009
PCA9601 NXP-PCA9601 Datasheet
389Kb / 32P
   Dual bidirectional bus buffer
Rev. 2-6 May 2011
logo
Texas Instruments
P82B96 TI-P82B96 Datasheet
458Kb / 26P
[Old version datasheet]   DUAL BIDIRECTIONAL BUS BUFFER
logo
NXP Semiconductors
P82B96 PHILIPS-P82B96_08 Datasheet
165Kb / 26P
   Dual bidirectional bus buffer
Rev. 06-31 January 2008
logo
Texas Instruments
P82B96 TI1-P82B96_15 Datasheet
1Mb / 34P
[Old version datasheet]   I2C Compatible Dual Bidirectional Bus Buffer
logo
Toshiba Semiconductor
TC40H242P TOSHIBA-TC40H242P Datasheet
206Kb / 4P
   QUAD BIDIRECTIONAL BUS BUFFER
logo
NXP Semiconductors
P82B96TD-112 NXP-P82B96TD-112 Datasheet
514Kb / 32P
   Dual bidirectional bus buffer Rev. 08 ??10 November 2009
Rev. 08-10 November 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com