Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD4053BPWRG4 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # CD4053BPWRG4
Description  CMOS Analog Multiplexers/Demultiplexers with Logic Level Conversion
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD4053BPWRG4 Datasheet(HTML) 7 Page - Texas Instruments

Back Button CD4053BPWRG4 Datasheet HTML 3Page - Texas Instruments CD4053BPWRG4 Datasheet HTML 4Page - Texas Instruments CD4053BPWRG4 Datasheet HTML 5Page - Texas Instruments CD4053BPWRG4 Datasheet HTML 6Page - Texas Instruments CD4053BPWRG4 Datasheet HTML 7Page - Texas Instruments CD4053BPWRG4 Datasheet HTML 8Page - Texas Instruments CD4053BPWRG4 Datasheet HTML 9Page - Texas Instruments CD4053BPWRG4 Datasheet HTML 10Page - Texas Instruments CD4053BPWRG4 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
7
Total Harmonic Distortion, THD
2 (Note 3)
5
10
0.3
%
3 (Note 3)
10
0.2
%
5 (Note 3)
15
0.12
%
VEE = VSS, fIS = 1kHz Sine Wave
%
-40dB Feedthrough Frequency
(All Channels OFF)
5 (Note 3)
10
1
VOS at Common OUT/IN
CD4053
8
MHz
VEE = VSS,
CD4052
10
MHz
CD4051
12
MHz
VOS at Any Channel
8
MHz
-40dB Signal Crosstalk
Frequency
5 (Note 3)
10
1
Between Any 2 Channels
3
MHz
VEE = VSS,
Between Sections,
CD4052 Only
Measured on Common
6
MHz
Measured on Any Chan-
nel
10
MHz
Between Any Two
Sections, CD4053
Only
In Pin 2, Out Pin 14
2.5
MHz
In Pin 15, Out Pin 14
6
MHz
Address-or-Inhibit-to-Signal
Crosstalk
-10
10
(Note 4)
65
mVPEAK
VEE =0,VSS =0,tr,tf = 20ns, VCC
= VDD - VSS (Square Wave)
65
mVPEAK
NOTES:
3. Peak-to-Peak voltage symmetrical about
4. Both ends of channel.
Typical Performance Curves
FIGURE 1. CHANNEL ON RESISTANCE vs INPUT SIGNAL
VOLTAGE (ALL TYPES)
FIGURE 2. CHANNEL ON RESISTANCE vs INPUT SIGNAL
VOLTAGE (ALL TYPES)
Electrical Specifications
PARAMETER
TEST CONDITIONS
LIMITS
UNITS
VIS (V)
VDD (V)
RL (kΩ)
TYP
20Log
V
OS
V
IS
------------
40dB
=
20Log
V
OS
V
IS
------------
40dB
=
V
DD
V
EE
2
-----------------------------
-4
-3
-2
-1
0
1
2
3
4
0
100
200
300
400
500
600
VIS, INPUT SIGNAL VOLTAGE (V)
TA = 125
oC
TA = -55
oC
TA = 25
oC
VDD - VEE = 5V
5
-10
-7.5
-5
-2.5
0
2.5
5
7.5
10
0
50
100
150
200
250
300
VIS, INPUT SIGNAL VOLTAGE (V)
TA = 125
oC
TA = 25
oC
TA = -55
oC
VDD - VEE = 10V
CD4051B, CD4052B, CD4053B


Similar Part No. - CD4053BPWRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD4053BPWRG4 TI1-CD4053BPWRG4 Datasheet
1Mb / 38P
[Old version datasheet]   CMOS Single 8-Channel Analog Multiplexer/Demultiplexer
CD4053BPWRG4 TI-CD4053BPWRG4 Datasheet
1Mb / 48P
[Old version datasheet]   CD405xB CMOS Single 8-Channel Analog Multiplexer or Demultiplexer With Logic-Level Conversion
REVISED MARCH 2023
CD4053BPWRG4 TI1-CD4053BPWRG4 Datasheet
1Mb / 42P
[Old version datasheet]   CD405xB CMOS Single 8-Channel Analog Multiplexer or Demultiplexer With Logic-Level Conversion
REVISED SEPTEMBER 2023
More results

Similar Description - CD4053BPWRG4

ManufacturerPart #DatasheetDescription
logo
Harris Corporation
CD4051B HARRIS-CD4051B Datasheet
146Kb / 15P
   CMOS Analog Multiplexers/Demultiplexers with Logic Level Conversion
logo
Texas Instruments
CD4051B TI-CD4051B Datasheet
430Kb / 20P
[Old version datasheet]   CMOS Analog Multiplexers/Demultiplexers with Logic Level Conversion
CD4051B-Q1 TI-CD4051B-Q1 Datasheet
396Kb / 18P
[Old version datasheet]   CMOS ALALOG MULTIPLEXERS/DEMULTIPLEXERS WITH LOGIC-LEVEL CONVERSION
CD54HC4051 TI-CD54HC4051_10 Datasheet
784Kb / 30P
[Old version datasheet]   High-Speed CMOS Logic Analog Multiplexers/Demultiplexers
CD54HC4051 TI-CD54HC4051_07 Datasheet
521Kb / 30P
[Old version datasheet]   High-Speed CMOS Logic Analog Multiplexers/Demultiplexers
CD54HC405 TI-CD54HC405 Datasheet
465Kb / 26P
[Old version datasheet]   High-Speed CMOS Logic Analog Multiplexers/Demultiplexers
CD54HC4051 TI-CD54HC4051_04 Datasheet
643Kb / 29P
[Old version datasheet]   High-Speed CMOS Logic Analog Multiplexers/Demultiplexers
CD54HC4051_101 TI-CD54HC4051_101 Datasheet
780Kb / 31P
[Old version datasheet]   High-Speed CMOS Logic Analog Multiplexers/Demultiplexers
CD54HC4051 TI-CD54HC4051 Datasheet
466Kb / 27P
[Old version datasheet]   High Speed CMOS Logic Analog Multiplexers/Demultiplexers
CD54HC4351 TI-CD54HC4351_07 Datasheet
473Kb / 23P
[Old version datasheet]   High-Speed CMOS Logic Analog Multiplexers/Demultiplexers with Latch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com