Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65EPT21DGKR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # SN65EPT21DGKR
Description  3.3-V Differential PECL/LVDS to TTL Translator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65EPT21DGKR Datasheet(HTML) 2 Page - Texas Instruments

  SN65EPT21DGKR Datasheet HTML 1Page - Texas Instruments SN65EPT21DGKR Datasheet HTML 2Page - Texas Instruments SN65EPT21DGKR Datasheet HTML 3Page - Texas Instruments SN65EPT21DGKR Datasheet HTML 4Page - Texas Instruments SN65EPT21DGKR Datasheet HTML 5Page - Texas Instruments SN65EPT21DGKR Datasheet HTML 6Page - Texas Instruments SN65EPT21DGKR Datasheet HTML 7Page - Texas Instruments SN65EPT21DGKR Datasheet HTML 8Page - Texas Instruments SN65EPT21DGKR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
SN65EPT21
SLLS970 – NOVEMBER 2009
www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
ABSOLUTE MAXIMUM RATINGS
(1)
PARAMETER
CONDITIONS
VALUE
UNIT
Absolute PECL mode supply voltage
VCC (GND = 0 V)
3.8
V
Sink/source current, VBB
±0.5
mA
PECL input voltage
GND = 0 V, VI ≤ VCC
0 to 3.8
V
Operating temperature range
–40 to 85
°C
Storage temperature range
–65 to 150
°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only and functional operation of the device at these or any conditions beyond those indicated under recommended operating conditions
is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
DISSIPATION RATINGS
POWER RATING
THERMAL RESISTANCE,
DERATING FACTOR
POWER RATING
CIRCUIT BOARD
JUNCTION-TO-AMBIENT
PACKAGE
TA < 25°C
TA > 25°C
TA = 85°C
MODEL
NO AIRFLOW
(mW)
(mW/°C)
(mW)
SOIC
Low-K
719
139
7
288
High-K
840
119
8
336
MSOP
Low-K
469
213
5
188
High-K
527
189
5
211
THERMAL CHARACTERISTICS
over operating free-air temperature range (unless otherwise noted)
PARAMETER
MIN
TYP
MAX
UNIT
θJB
Junction-to-board thermal resistance
SOIC
79
°C/W
MSOP
120
θJC
Junction-to-case thermal resistance
SOIC
98
°C/W
MSOP
74
KEY ATTRIBUTES
CHARACTERISTICS
VALUE
Internal input pull-down resistor
50 k
Internal input pull-up resistor
50 k
Moisture sensitivity level
Level 1
Flammability rating (oxygen index: 28 to 34)
UL 94 V-0 at 0.125 in
Electrostatic discharge
Human body model
2 kV
Charged-device model
2 kV
Machine mode
200 V
Meets or exceeds JEDEC Spec EIA/JESD78 latchup test
2
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): SN65EPT21


Similar Part No. - SN65EPT21DGKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65EPT21DGKR TI-SN65EPT21DGKR Datasheet
219Kb / 10P
[Old version datasheet]   3.3-V Differential PECL/LVDS to TTL Translator
More results

Similar Description - SN65EPT21DGKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65EPT21 TI-SN65EPT21 Datasheet
219Kb / 10P
[Old version datasheet]   3.3-V Differential PECL/LVDS to TTL Translator
logo
ON Semiconductor
MC10ELT28 ONSEMI-MC10ELT28 Datasheet
94Kb / 3P
   TTL to Differential PECL/Differential PECL to TTL Translator
1996 REV 2
MC10ELT28 ONSEMI-MC10ELT28_06 Datasheet
142Kb / 9P
   5 V TTL to Differential PECL and Differential PECL to TTL Translator
December, 2006 ??Rev. 9
logo
Texas Instruments
SN65ELT20 TI-SN65ELT20_1 Datasheet
432Kb / 12P
[Old version datasheet]   5-V TTL-to-Differential PECL Translator
logo
ON Semiconductor
MC10ELT21 ONSEMI-MC10ELT21_06 Datasheet
138Kb / 8P
   5 V Differential PECL to TTL Translator
December, 2006 ??Rev. 11
MC10ELT21 ONSEMI-MC10ELT21_15 Datasheet
86Kb / 7P
   5 V Differential PECL to TTL Translator
August, 2015 ??Rev. 13
logo
Texas Instruments
SN65ELT20 TI-SN65ELT20 Datasheet
417Kb / 11P
[Old version datasheet]   5-V TTL-to-Differential PECL Translator
logo
ON Semiconductor
MC10ELT21 ONSEMI-MC10ELT21 Datasheet
81Kb / 3P
   Differential PECL to TTL Translator
1996 REV 3
logo
Micrel Semiconductor
SY10ELT21 MICREL-SY10ELT21 Datasheet
51Kb / 4P
   DIFFERENTIAL PECL-to-TTL TRANSLATOR
SY10ELT21 MICREL-SY10ELT21_07 Datasheet
85Kb / 5P
   DIFFERENTIAL PECL-to-TTL TRANSLATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com