Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

127157MS Datasheet(PDF) 1 Page - SUYIN USA, INC.

Part # 127157MS
Description  1.27X1.27mm DUAL ROW BOX HEADER DIP TYPE
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUYIN-USA [SUYIN USA, INC.]
Direct Link  http://www.suyinusa.com
Logo SUYIN-USA - SUYIN USA, INC.

127157MS Datasheet(HTML) 1 Page - SUYIN USA, INC.

  127157MS Datasheet HTML 1Page - SUYIN USA, INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1.27
mm
57
Specifications:
10-100 Circuits
Insulator material
Operating Temp. Range
Terminal Material
Plating
Max. Current Rating
Voltage Rating
Dielectric Strength
: Black High Temp . Plastic
: Brass
: Contact-Gold Plated
: 1.0A
: 150V AC
: 500V(Min. 60 seconds)
127157MS Series
Mates with SUYIN 127150,127151 Series
Order Information
Recommended P.C.B. Layout
Dimensional Information I
SUYIN P/NO.
NO. PINS
10
20
30
40
50
60
70
80
90
100
DIM.A
9.45
15.80
22.15
28.50
34.85
41.20
47.55
53.90
60.25
66.60
DIM.B
6.95
13.30
19.65
26.00
32.35
38.70
45.05
51.40
57.75
64.10
DIM.C
5.08
11.43
17.78
24.13
30.48
36.83
43.18
49.53
55.88
62.23
DIM.D
8.13
14.48
20.83
27.18
33.53
39.88
46.23
52.58
58.93
65.28
1.27X1.27mm DUAL ROW BOX HEADER DIP TYPE
(PLASTIC H:8.45mm) INSULATOR THICKNESS 4.61mm
12
3
4 5
1. 'S' : Staight DIP Type
2. No. of Pins
3. Plating
4. Color 'Z' : Black
5. Package
'U' : Tube Package Without CAP
Reference Page 11


Similar Part No. - 127157MS

ManufacturerPart #DatasheetDescription
logo
SUYIN USA, INC.
127157MA SUYIN-USA-127157MA Datasheet
175Kb / 1P
   1.27X1.27mm DUAL ROW BOX HEADER S.M.D.TYPE
More results

Similar Description - 127157MS

ManufacturerPart #DatasheetDescription
logo
SUYIN USA, INC.
127153MS SUYIN-USA-127153MS Datasheet
177Kb / 1P
   1.27X1.27mm DUAL ROW BOX HEADER DIP TYPE
127155MR SUYIN-USA-127155MR Datasheet
171Kb / 1P
   1.27X1.27mm DUAL ROW BOX HEADER RIGHT ANGLE DIP TYPE
127153MA SUYIN-USA-127153MA Datasheet
186Kb / 1P
   1.27X1.27mm DUAL ROW BOX HEADER S.M.D. TYPE
127153ME SUYIN-USA-127153ME Datasheet
177Kb / 2P
   1.27X1.27mm DUAL ROW BOX HEADER EDGE MOUNT TYPE
127151FS SUYIN-USA-127151FS Datasheet
155Kb / 1P
   1.27X1.27mm DUAL ROW SOCKET DIP TYPE
127157MA SUYIN-USA-127157MA Datasheet
175Kb / 1P
   1.27X1.27mm DUAL ROW BOX HEADER S.M.D.TYPE
127150FS SUYIN-USA-127150FS Datasheet
187Kb / 1P
   1.27X1.27mm DUAL ROW SOCKET DIP TYPE
127123FR SUYIN-USA-127123FR Datasheet
193Kb / 1P
   1.27X1.27mm DUAL ROW SOCKET RIGHT ANGLE DIP TYPE
127196MR SUYIN-USA-127196MR Datasheet
175Kb / 1P
   1.27X1.27mm DUAL ROW HEADER RIGHT ANGLE TYPE
12107MS SUYIN-USA-12107MS Datasheet
299Kb / 1P
   1.27X1.27mm DUAL ROW HEADER STRAIGHT TYPE
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com