Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74AHC132RGYRG4 Datasheet(PDF) 1 Page - Texas Instruments

Part # SN74AHC132RGYRG4
Description  QUADRUPLE POSITIVE-NAND GATES WITH SCHMITT-TRIGGER INPUTS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74AHC132RGYRG4 Datasheet(HTML) 1 Page - Texas Instruments

  SN74AHC132RGYRG4 Datasheet HTML 1Page - Texas Instruments SN74AHC132RGYRG4 Datasheet HTML 2Page - Texas Instruments SN74AHC132RGYRG4 Datasheet HTML 3Page - Texas Instruments SN74AHC132RGYRG4 Datasheet HTML 4Page - Texas Instruments SN74AHC132RGYRG4 Datasheet HTML 5Page - Texas Instruments SN74AHC132RGYRG4 Datasheet HTML 6Page - Texas Instruments SN74AHC132RGYRG4 Datasheet HTML 7Page - Texas Instruments SN74AHC132RGYRG4 Datasheet HTML 8Page - Texas Instruments SN74AHC132RGYRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
SN54AHC132, SN74AHC132
QUADRUPLE POSITIVE-NAND GATES
WITH SCHMITT-TRIGGER INPUTS
SCLS365G – MAY 1997 – REVISED SEPTEMBER 2002
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Operating Range 2-V to 5.5-V VCC
D Operation From Very Slow Input
Transitions
D Temperature-Compensated Threshold
Levels
D High Noise Immunity
D Same Pinouts as ’AHC00
D Latch-Up Performance Exceeds 250 mA Per
JESD 17
D ESD Protection Exceeds JESD 22
– 2000-V Human-Body Model (A114-A)
– 200-V Machine Model (A115-A)
– 1000-V Charged-Device Model (C101)
SN54AHC132 ...J OR W PACKAGE
SN74AHC132 . . . D, DB, DGV, N, NS,
OR PW PACKAGE
(TOP VIEW)
32 1 20 19
910 11 1213
4
5
6
7
8
18
17
16
15
14
SN54AHC132 . . . FK PACKAGE
(TOP VIEW)
NC – No internal connection
1
2
3
4
5
6
7
14
13
12
11
10
9
8
1A
1B
1Y
2A
2B
2Y
GND
VCC
4B
4A
4Y
3B
3A
3Y
4A
NC
4Y
NC
3B
1Y
NC
2A
NC
2B
SN74AHC132 . . . RGY PACKAGE
(TOP VIEW)
114
78
2
3
4
5
6
13
12
11
10
9
4B
4A
4Y
3B
3A
1B
1Y
2A
2B
2Y
description/ordering information
The ’AHC132 devices are quadruple positive-NAND gates designed for 2-V to 5.5-V VCC operation.
These devices perform the Boolean function Y = A
• B or Y = A + B in positive logic.
ORDERING INFORMATION
TA
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
QFN – RGY
Tape and reel
SN74AHC132RGYR
HA132
PDIP – N
Tube
SN74AHC132N
SN74AHC132N
SOIC – D
Tube
SN74AHC132D
AHC132
–40
°Cto85°C
SOIC – D
Tape and reel
SN74AHC132DR
AHC132
–40
°C to 85°C
SOP – NS
Tape and reel
SN74AHC132NSR
AHC132
SSOP – DB
Tape and reel
SN74AHC132DBR
HA132
TSSOP – PW
Tape and reel
SN74AHC132PWR
HA132
TVSOP – DGV
Tape and reel
SN74AHC132DGVR
HA132
CDIP – J
Tube
SNJ54AHC132J
SNJ54AHC132J
–55
°C to 125°C
CFP – W
Tube
SNJ54AHC132W
SNJ54AHC132W
LCCC – FK
Tube
SNJ54AHC132FK
SNJ54AHC132FK
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines
are available at www.ti.com/sc/package.
Copyright
 2002, Texas Instruments Incorporated
UNLESS OTHERWISE NOTED this document contains PRODUCTION
DATA information current as of publication date. Products conform to
specifications per the terms of Texas Instruments standard warranty.
Production processing does not necessarily include testing of all
parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.


Similar Part No. - SN74AHC132RGYRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AHC132RGYRG4 TI-SN74AHC132RGYRG4 Datasheet
184Kb / 11P
[Old version datasheet]   QUADRUPLE POSITIVE-NAND GATES WITH SCHMITT-TRIGGER INPUTS
More results

Similar Description - SN74AHC132RGYRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54AHC132 TI-SN54AHC132_07 Datasheet
184Kb / 11P
[Old version datasheet]   QUADRUPLE POSITIVE-NAND GATES WITH SCHMITT-TRIGGER INPUTS
SN54LV132A TI-SN54LV132A_04 Datasheet
318Kb / 11P
[Old version datasheet]   QUADRUPLE POSITIVE-NAND GATES WITH SCHMITT-TRIGGER INPUTS
SN54LV132A TI-SN54LV132A Datasheet
333Kb / 13P
[Old version datasheet]   QUADRUPLE POSITIVE-NAND GATES WITH SCHMITT-TRIGGER INPUTS
SN54LV132A TI1-SN54LV132A_15 Datasheet
1,005Kb / 24P
[Old version datasheet]   Quadruple Positive-NAND Gates With Schmitt-Trigger Inputs
SN54LV132A TI-SN54LV132A_08 Datasheet
504Kb / 15P
[Old version datasheet]   QUADRUPLE POSITIVE-NAND GATES WITH SCHMITT-TRIGGER INPUTS
SN54LV132A TI-SN54LV132A_07 Datasheet
474Kb / 15P
[Old version datasheet]   QUADRUPLE POSITIVE-NAND GATES WITH SCHMITT-TRIGGER INPUTS
SN54AHC132 TI-SN54AHC132_08 Datasheet
304Kb / 10P
[Old version datasheet]   QUADRUPLE POSITIVE-NAND GATES WITH SCHMITT-TRIGGER INPUTS
SN54AHCT132 TI-SN54AHCT132 Datasheet
95Kb / 6P
[Old version datasheet]   QUADRUPLE POSITIVE-NAND GATES WITH SCHMITT-TRIGGER INPUTS
SN54HC132 TI-SN54HC132 Datasheet
513Kb / 15P
[Old version datasheet]   QUADRUPLE POSITIVE-NAND GATES WITH SCHMITT-TRIGGER INPUTS
SN54AHC132 TI-SN54AHC132 Datasheet
130Kb / 8P
[Old version datasheet]   QUADRUPLE POSITIVE-NAND GATES WITH SCHMITT-TRIGGER INPUTS
SN54HC132-DIE TI1-SN54HC132-DIE Datasheet
96Kb / 6P
[Old version datasheet]   Quadruple Positive-NAND Gates with Schmitt-Trigger Inputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com