Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM4040A30IDCKRG4 Datasheet(PDF) 5 Page - Texas Instruments

Part # LM4040A30IDCKRG4
Description  PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM4040A30IDCKRG4 Datasheet(HTML) 5 Page - Texas Instruments

  LM4040A30IDCKRG4 Datasheet HTML 1Page - Texas Instruments LM4040A30IDCKRG4 Datasheet HTML 2Page - Texas Instruments LM4040A30IDCKRG4 Datasheet HTML 3Page - Texas Instruments LM4040A30IDCKRG4 Datasheet HTML 4Page - Texas Instruments LM4040A30IDCKRG4 Datasheet HTML 5Page - Texas Instruments LM4040A30IDCKRG4 Datasheet HTML 6Page - Texas Instruments LM4040A30IDCKRG4 Datasheet HTML 7Page - Texas Instruments LM4040A30IDCKRG4 Datasheet HTML 8Page - Texas Instruments LM4040A30IDCKRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 51 page
background image
LM4040
www.ti.com .................................................................................................................................................. SLOS456K – JANUARY 2005 – REVISED MARCH 2008
ORDERING INFORMATION (continued)
DEVICE
ORDERABLE
TOP-SIDE
TA
VKA
PACKAGE(2)
GRADE
PART NUMBER
MARKING(3)
SC-70 (DCK)
Reel of 3000
LM4040D20IDCKR
MW_
Reel of 3000
LM4040D20IDBZR
SOT-23-3 (DBZ)
4MV_
2.048 V
Reel of 250
LM4040D20IDBZT
Bulk of 1000
LM4040D20ILP
TO-92/TO-226 (LP)
PREVIEW
Reel of 2000
LM4040D20ILPR
SC-70 (DCK)
Reel of 3000
LM4040D25IDCKR
ME_
Reel of 3000
LM4040D25IDBZR
SOT-23-3 (DBZ)
4ME_
2.5 V
Reel of 250
LM4040D25IDBZT
Bulk of 1000
LM4040D25ILP
TO-92/TO-226 (LP)
NFD25I
Reel of 2000
LM4040D25ILPR
SC-70 (DCK)
Reel of 3000
LM4040D30IDCKR
PC_
Reel of 3000
LM4040D30IDBZR
SOT-23-3 (DBZ)
4M9_
3 V
Reel of 250
LM4040D30IDBZT
Bulk of 1000
LM4040D30ILP
TO-92/TO-226 (LP)
PREVIEW
Reel of 2000
LM4040D30ILPR
D grade:
SC-70 (DCK)
Reel of 3000
LM4040D41IDCKR
P7_
1.0% initial
Reel of 3000
LM4040D41IDBZR
accuracy
SOT-23-3 (DBZ)
4M5_
–40°C to 85°C
and
4.096 V
Reel of 250
LM4040D41IDBZT
150 ppm/°C
Bulk of 1000
LM4040D41ILP
temperature
TO-92/TO-226 (LP)
PREVIEW
Reel of 2000
LM4040D41ILPR
coefficient
SC-70 (DCK)
Reel of 3000
LM4040D50IDCKR
M4_
Reel of 3000
LM4040D50IDBZR
SOT-23-3 (DBZ)
4ND_
5 V
Reel of 250
LM4040D50IDBZT
Bulk of 1000
LM4040D50ILP
TO-92/TO-226 (LP)
PREVIEW
Reel of 2000
LM4040D50ILPR
SC-70 (DCK)
Reel of 3000
LM4040D82IDCKR
PG_
Reel of 3000
LM4040D82IDBZR
SOT-23-3 (DBZ)
4NP_
8.192 V
Reel of 250
LM4040D82IDBZT
Bulk of 1000
LM4040D82ILP
TO-92/TO-226 (LP)
PREVIEW
Reel of 2000
LM4040D82ILPR
SC-70 (DCK)
Reel of 3000
LM4040D10IDCKR
PL_
Reel of 3000
LM4040D10IDBZR
SOT-23-3 (DBZ)
4NT_
10 V
Reel of 250
LM4040D10IDBZT
Bulk of 1000
LM4040D10ILP
TO-92/TO-226 (LP)
NFD10I
Reel of 2000
LM4040D10ILPR
Copyright © 2005–2008, Texas Instruments Incorporated
Submit Documentation Feedback
5


Similar Part No. - LM4040A30IDCKRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM4040A30IDCKRG4 TI-LM4040A30IDCKRG4 Datasheet
664Kb / 50P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
More results

Similar Description - LM4040A30IDCKRG4

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4051 NSC-LM4051 Datasheet
301Kb / 14P
   Precision Micropower Shunt Voltage Reference
logo
Texas Instruments
LM4041C TI-LM4041C Datasheet
509Kb / 24P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
logo
National Semiconductor ...
LM4050 NSC-LM4050 Datasheet
287Kb / 15P
   Precision Micropower Shunt Voltage Reference
logo
Texas Instruments
LM4040-N TI1-LM4040-N Datasheet
1Mb / 33P
[Old version datasheet]   Precision Micropower Shunt Voltage Reference
LM4040A10 TI1-LM4040A10_15 Datasheet
1Mb / 53P
[Old version datasheet]   Precision Micropower Shunt Voltage Reference
LM4040-N TI1-LM4040-N_15 Datasheet
1Mb / 67P
[Old version datasheet]   Precision Micropower Shunt Voltage Reference
LM4041 TI-LM4041_15 Datasheet
1Mb / 30P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4040 TI-LM4040_08 Datasheet
717Kb / 51P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4040C25-EP TI1-LM4040C25-EP Datasheet
569Kb / 12P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
TL4050A10 TI1-TL4050A10 Datasheet
719Kb / 37P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com