Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ24600 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # BQ24600
Description  Stand-Alone Synchronous Switch-Mode Li-Ion or Li-Polymer Battery Charger with Low Iq
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ24600 Datasheet(HTML) 1 Page - Texas Instruments

  BQ24600 Datasheet HTML 1Page - Texas Instruments BQ24600 Datasheet HTML 2Page - Texas Instruments BQ24600 Datasheet HTML 3Page - Texas Instruments BQ24600 Datasheet HTML 4Page - Texas Instruments BQ24600 Datasheet HTML 5Page - Texas Instruments BQ24600 Datasheet HTML 6Page - Texas Instruments BQ24600 Datasheet HTML 7Page - Texas Instruments BQ24600 Datasheet HTML 8Page - Texas Instruments BQ24600 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
OAQ
(bq24600)
QFN-16
TOP VIEW
bq24600
www.ti.com
SLUS891 – FEBRUARY 2010
Stand-Alone Synchronous Switch-Mode Li-Ion or Li-Polymer Battery Charger with Low Iq
Check for Samples: bq24600
1
FEATURES
APPLICATIONS
Netbook, Mobile Internet Device, and
1.2 MHz NMOS-NMOS Synchronous Buck
Ultra-Mobile PC
Converter
Personal Digital Assistants
Stand-alone Charger Support for Li-Ion or
Handheld Terminals
Li-Polymer
Industrial and Medical Equipment
5V-28V VCC Input Voltage Range and Support
Portable Equipment
1-6 Battery Cells
Up to 10A Charge Current and Adapter Current
DESCRIPTION
High-Accuracy Voltage and Current Regulation
The bq24600 is highly integrated Li-ion or Li-polymer
±0.5% Charge Voltage Accuracy
switch-mode battery charge controller. It offers a
±3% Charge Current Accuracy
constant-frequency synchronous PWM controller with
Integration
high accuracy charge current and voltage regulation,
charge
preconditioning,
termination,
and
charge
Internal Loop Compensation
status monitoring,
Internal Soft Start
The bq24600 charges the battery in three phases:
Safety
preconditioning,
constant
current,
and
constant
Input Over-Voltage Protection
voltage. Charge is terminated when the current
Battery Thermistor Sense Hot/Cold Charge
reaches a minimum level. An internal charge timer
provides a safety backup. The bq24600 automatically
Suspend
restarts the charge cycle if the battery voltage falls
Battery Detection
below
an
internal
threshold,
and
enters
a
Built-in Safety Timer
low-quiescent current sleep mode when the input
Charge Over-Current Protection
voltage falls below the battery voltage.
Battery Short Protection
PACKAGE AND PIN-OUT
Battery Over-Voltage Protection
Thermal Shutdown
Status Outputs
Adapter Present
Charger Operation Status
Charge Enable Pin
6V Gate Drive for Synchoronous Power
Converter
30ns Driver Dead-time and 99.5% Max
Effective Duty Cycle
16-pin 3.5×3.5 mm2 QFN package
Energy Star Low Quiescent Current Iq
< 15 mA Off-State Battery Discharge current
< 1.5 mA Off-State Input Quiescent Current
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2010, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - BQ24600

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24600 TI-BQ24600 Datasheet
1Mb / 29P
[Old version datasheet]   Stand-Alone Synchronous Switch-Mode Li-Ion or Li-Polymer Battery Charger with Low Iq
bq24600RVAR TI-bq24600RVAR Datasheet
1Mb / 29P
[Old version datasheet]   Stand-Alone Synchronous Switch-Mode Li-Ion or Li-Polymer Battery Charger with Low Iq
bq24600RVAT TI-bq24600RVAT Datasheet
1Mb / 29P
[Old version datasheet]   Stand-Alone Synchronous Switch-Mode Li-Ion or Li-Polymer Battery Charger with Low Iq
More results

Similar Description - BQ24600

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24600 TI-BQ24600 Datasheet
1Mb / 29P
[Old version datasheet]   Stand-Alone Synchronous Switch-Mode Li-Ion or Li-Polymer Battery Charger with Low Iq
BQ24618 TI-BQ24618 Datasheet
1Mb / 36P
[Old version datasheet]   Stand-Alone USB-Friendly Synchronous Switch-Mode Li-Ion or Li-Polymer Battery Charger
BQ24610 TI-BQ24610 Datasheet
1Mb / 33P
[Old version datasheet]   Stand-Alone Synchronous Switch-Mode Li-Ion or Li-Polymer Battery Charger with System Power Selector and Low Iq
BQ24610 TI-BQ24610_2 Datasheet
1Mb / 33P
[Old version datasheet]   Stand-Alone Synchronous Switch-Mode Li-Ion or Li-Polymer Battery Charger with System Power Selector and Low Iq
BQ24610_1002 TI-BQ24610_1002 Datasheet
1Mb / 32P
[Old version datasheet]   Stand-Alone Synchronous Switch-Mode Li-Ion or Li-Polymer Battery Charger with System Power Selector and Low Iq
BQ24170RGYT TI1-BQ24170RGYT Datasheet
2Mb / 40P
[Old version datasheet]   1.6-MHz Synchronous Switch-Mode Li-Ion and Li-Polymer Stand-Alone Battery Charger
BQ24170 TI-BQ24170 Datasheet
2Mb / 35P
[Old version datasheet]   1.6-MHz Synchronous Switch-Mode Li-Ion and Li-Polymer Stand-Alone Battery Charger
BQ24616 TI-BQ24616 Datasheet
1Mb / 34P
[Old version datasheet]   JEITA Guideline Compatible Stand-Alone Synchronous Switch-Mode Li-Ion or Li-Polymer Battery Charger with System Power Selector and Low Iq
BQ24616 TI-BQ24616_1 Datasheet
1Mb / 36P
[Old version datasheet]   JEITA Guideline Compatible Stand-Alone Synchronous Switch-Mode Li-Ion or Li-Polymer Battery Charger with System Power Selector and Low Iq
logo
Eutech Microelectronics...
EUP8207-4.2 EUTECH-EUP8207-4.2 Datasheet
131Kb / 2P
   Switch Mode Li-Ion/Polymer Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com