Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74AUC2G02DCTRG4 Datasheet(PDF) 3 Page - Texas Instruments

Part # SN74AUC2G02DCTRG4
Description  DUAL 2-INPUT POSITIVE-NOR GATE
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74AUC2G02DCTRG4 Datasheet(HTML) 3 Page - Texas Instruments

  SN74AUC2G02DCTRG4 Datasheet HTML 1Page - Texas Instruments SN74AUC2G02DCTRG4 Datasheet HTML 2Page - Texas Instruments SN74AUC2G02DCTRG4 Datasheet HTML 3Page - Texas Instruments SN74AUC2G02DCTRG4 Datasheet HTML 4Page - Texas Instruments SN74AUC2G02DCTRG4 Datasheet HTML 5Page - Texas Instruments SN74AUC2G02DCTRG4 Datasheet HTML 6Page - Texas Instruments SN74AUC2G02DCTRG4 Datasheet HTML 7Page - Texas Instruments SN74AUC2G02DCTRG4 Datasheet HTML 8Page - Texas Instruments SN74AUC2G02DCTRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
www.ti.com
Recommended Operating Conditions
(1)
Electrical Characteristics
SN74AUC2G02
DUAL 2-INPUT POSITIVE-NOR GATE
SCES441C – MAY 2003 – REVISED JANUARY 2007
MIN
MAX
UNIT
VCC
Supply voltage
0.8
2.7
V
VCC = 0.8 V
VCC
VIH
High-level input voltage
VCC = 1.1 V to 1.95 V
0.65 × VCC
V
VCC = 2.3 V to 2.7 V
1.7
VCC = 0.8 V
0
VIL
Low-level input voltage
VCC = 1.1 V to 1.95 V
0.35 × VCC
V
VCC = 2.3 V to 2.7 V
0.7
VI
Input voltage
0
3.6
V
VO
Output voltage
0
VCC
V
VCC = 0.8 V
–0.7
VCC = 1.1 V
–3
IOH
High-level output current
VCC = 1.4 V
–5
mA
VCC = 1.65 V
–8
VCC = 2.3 V
–9
VCC = 0.8 V
0.7
VCC = 1.1 V
3
IOL
Low-level output current
VCC = 1.4 V
5
mA
VCC = 1.65 V
8
VCC = 2.3 V
9
∆t/∆v
Input transition rise or fall rate
20
ns/V
TA
Operating free-air temperature
–40
85
°C
(1)
All unused inputs of the device must be held at VCC or GND to ensure proper device operation. Refer to the TI application report,
Implications of Slow or Floating CMOS Inputs, literature number SCBA004.
over recommended operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
MIN TYP(1)
MAX
UNIT
IOH = –100 µA
0.8 V to 2.7 V
VCC – 0.1
IOH = –0.7 mA
0.8 V
0.55
IOH = –3 mA
1.1 V
0.8
VOH
V
IOH = –5 mA
1.4 V
1
IOH = –8 mA
1.65 V
1.2
IOH = –9 mA
2.3 V
1.8
IOL = 100 µA
0.8 V to 2.7 V
0.2
IOL = 0.7 mA
0.8 V
0.25
IOL = 3 mA
1.1 V
0.3
VOL
V
IOL = 5 mA
1.4 V
0.4
IOL = 8 mA
1.65 V
0.45
IOL = 9 mA
2.3 V
0.6
II
A or B inputs
VI = VCC or GND
0 to 2.7 V
±5
µA
Ioff
VI or VO = 2.7 V
0
±10
µA
ICC
VI = VCC or GND,
IO = 0
0.8 V to 2.7 V
10
µA
Ci
VI = VCC or GND
2.5 V
2.5
pF
(1)
All typical values are at TA = 25°C.
3
Submit Documentation Feedback


Similar Part No. - SN74AUC2G02DCTRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AUC2G02DCTR TI-SN74AUC2G02DCTR Datasheet
259Kb / 11P
[Old version datasheet]   DUAL 2-INPUT POSITIVE-NOR GATE
More results

Similar Description - SN74AUC2G02DCTRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AHC2G02 TI1-SN74AHC2G02 Datasheet
75Kb / 5P
[Old version datasheet]   DUAL 2-INPUT POSITIVE-NOR GATE
logo
Unisonic Technologies
74LVC2G02 UTC-74LVC2G02 Datasheet
171Kb / 5P
   DUAL 2-INPUT POSITIVE-NOR GATE
U74LVC2G86 UTC-U74LVC2G86_15 Datasheet
199Kb / 5P
   DUAL 2-INPUT POSITIVE-NOR GATE
74LVC2G02 UTC-74LVC2G02_15 Datasheet
165Kb / 5P
   DUAL 2-INPUT POSITIVE-NOR GATE
logo
Texas Instruments
SN74AUC2G02 TI-SN74AUC2G02 Datasheet
259Kb / 11P
[Old version datasheet]   DUAL 2-INPUT POSITIVE-NOR GATE
SN74LVC2G02 TI-SN74LVC2G02 Datasheet
319Kb / 12P
[Old version datasheet]   DUAL 2 INPUT POSITIVE NOR GATE
SN74LVC2G02DCURE4 TI-SN74LVC2G02DCURE4 Datasheet
822Kb / 15P
[Old version datasheet]   DUAL 2-INPUT POSITIVE-NOR GATE
SN74LVC2G02-EP TI1-SN74LVC2G02-EP Datasheet
298Kb / 9P
[Old version datasheet]   DUAL 2-INPUT POSITIVE-NOR GATE
logo
Unisonic Technologies
U74LVC2G00 UTC-U74LVC2G00_15 Datasheet
166Kb / 6P
   DUAL 2-INPUT POSITIVE-NOR GATE
logo
Texas Instruments
SN74AUP2G02 TI1-SN74AUP2G02 Datasheet
740Kb / 20P
[Old version datasheet]   LOW-POWER DUAL 2-INPUT POSITIVE-NOR GATE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com