Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCA9555DB Datasheet(PDF) 9 Page - Texas Instruments

Part # PCA9555DB
Description  REMOTE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCA9555DB Datasheet(HTML) 9 Page - Texas Instruments

Back Button PCA9555DB Datasheet HTML 5Page - Texas Instruments PCA9555DB Datasheet HTML 6Page - Texas Instruments PCA9555DB Datasheet HTML 7Page - Texas Instruments PCA9555DB Datasheet HTML 8Page - Texas Instruments PCA9555DB Datasheet HTML 9Page - Texas Instruments PCA9555DB Datasheet HTML 10Page - Texas Instruments PCA9555DB Datasheet HTML 11Page - Texas Instruments PCA9555DB Datasheet HTML 12Page - Texas Instruments PCA9555DB Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 35 page
background image
Register Descriptions
Power-On Reset
PCA9555
www.ti.com ......................................................................................................................................................... SCPS131E – AUGUST 2005 – REVISED MAY 2008
The Input Port registers (registers 0 and 1) reflect the incoming logic levels of the pins, regardless of whether the
pin is defined as an input or an output by the Configuration register. It only acts on read operation. Writes to
these registers have no effect. The default value, X, is determined by the externally applied logic level.
Before a read operation, a write transmission is sent with the command byte to indicate to the the I2C device that
the Input Port register will be accessed next.
Registers 0 and 1 (Input Port Registers)
Bit
I0.7
I0.6
I0.5
I0.4
I0.3
I0.2
I0.1
I0.0
Default
X
X
X
X
X
X
X
X
Bit
I1.7
I1.6
I1.5
I1.4
I1.3
I1.2
I1.1
I1.0
Default
X
X
X
X
X
X
X
X
The Output Port registers (registers 2 and 3) show the outgoing logic levels of the pins defined as outputs by the
Configuration register. Bit values in this register have no effect on pins defined as inputs. In turn, reads from this
register reflect the value that is in the flip-flop controlling the output selection, not the actual pin value.
Registers 2 and 3 (Output Port Registers)
Bit
O0.7
O0.6
O0.5
O0.4
O0.3
O0.2
O0.1
O0.0
Default
1
1
1
1
1
1
1
1
Bit
O1.7
O1.6
O1.5
O1.4
O1.3
O1.2
O1.1
O1.0
Default
1
1
1
1
1
1
1
1
The Polarity Inversion registers (registers 4 and 5) allow polarity inversion of pins defined as inputs by the
Configuration register. If a bit in this register is set (written with 1), the corresponding port pin's polarity is
inverted. If a bit in this register is cleared (written with a 0), the corresponding port pin's original polarity is
retained.
Registers 4 and 5 (Polarity Inversion Registers)
Bit
N0.7
N0.6
N0.5
N0.4
N0.3
N0.2
N0.1
N0.0
Default
0
0
0
0
0
0
0
0
Bit
N1.7
N1.6
N1.5
N1.4
N1.3
N1.2
N1.1
N1.0
Default
0
0
0
0
0
0
0
0
The Configuration registers (registers 6 and 7) configure the directions of the I/O pins. If a bit in this register is
set to 1, the corresponding port pin is enabled as an input with a high-impedance output driver. If a bit in this
register is cleared to 0, the corresponding port pin is enabled as an output.
Registers 6 and 7 (Configuration Registers)
Bit
C0.7
C0.6
C0.5
C0.4
C0.3
C0.2
C0.1
C0.0
Default
1
1
1
1
1
1
1
1
Bit
C1.7
C1.6
C1.5
C1.4
C1.3
C1.2
C1.1
C1.0
Default
1
1
1
1
1
1
1
1
When power (from 0 V) is applied to VCC, an internal power-on reset holds the PCA9555 in a reset condition until
VCC has reached VPOR. At that point, the reset condition is released and the PCA9555 registers and I
2C/SMBus
state machine initialize to their default states. After that, VCC must be lowered to below 0.2 V and then back up to
the operating voltage for a power-reset cycle.
Copyright © 2005–2008, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): PCA9555


Similar Part No. - PCA9555DB

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9555DB PHILIPS-PCA9555DB Datasheet
185Kb / 22P
   16-bit I2C and SMBus I/O port with interrupt
2004 Sep 30
logo
Texas Instruments
PCA9555DB TI-PCA9555DB Datasheet
842Kb / 35P
[Old version datasheet]   REMOTE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
logo
NXP Semiconductors
PCA9555DB NXP-PCA9555DB Datasheet
583Kb / 34P
   16-bit I2C-bus and SMBus I/O port with interrupt
Rev. 08-22 October 2009
logo
Texas Instruments
PCA9555DB TI-PCA9555DB Datasheet
818Kb / 35P
[Old version datasheet]   REMOTE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
logo
NXP Semiconductors
PCA9555DB NXP-PCA9555DB Datasheet
583Kb / 34P
   16-bit I2C-bus and SMBus I/O port with interrupt
Rev. 08-22 October 2009
More results

Similar Description - PCA9555DB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCA9555 TI-PCA9555 Datasheet
842Kb / 35P
[Old version datasheet]   REMOTE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
PCA9555 TI-PCA9555_08 Datasheet
818Kb / 35P
[Old version datasheet]   REMOTE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
PCA9554DW TI-PCA9554DW Datasheet
933Kb / 36P
[Old version datasheet]   REMOTE 8-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
PCA9554A TI-PCA9554A Datasheet
650Kb / 33P
[Old version datasheet]   REMOTE 8-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
PCA9535 TI-PCA9535 Datasheet
834Kb / 35P
[Old version datasheet]   REMOTE 16-BIT I2C AND SMBus, LOW-POWER I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
PCA9539 TI-PCA9539 Datasheet
777Kb / 34P
[Old version datasheet]   REMOTE 16-BIT I2C AND SMBus LOW-POWER I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
PCA9534A_101 TI-PCA9534A_101 Datasheet
1Mb / 39P
[Old version datasheet]   REMOTE 8-BIT I2C AND SMBus LOW-POWER I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
TCA9555 TI1-TCA9555_16 Datasheet
1Mb / 46P
[Old version datasheet]   Low-Voltage 16-Bit I2C and SMBus I/O Expander with Interrupt Output and Configuration Registers
TCA9555 TI-TCA9555 Datasheet
734Kb / 32P
[Old version datasheet]   LOW VOLTAGE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
PCA9534A TI-PCA9534A_10 Datasheet
1Mb / 39P
[Old version datasheet]   REMOTE 8-BIT I2C AND SMBus LOW-POWER I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com