Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74AUC1G66DBVR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # SN74AUC1G66DBVR
Description  SINGLE BILATERAL ANALOG SWITCH
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74AUC1G66DBVR Datasheet(HTML) 4 Page - Texas Instruments

  SN74AUC1G66DBVR Datasheet HTML 1Page - Texas Instruments SN74AUC1G66DBVR Datasheet HTML 2Page - Texas Instruments SN74AUC1G66DBVR Datasheet HTML 3Page - Texas Instruments SN74AUC1G66DBVR Datasheet HTML 4Page - Texas Instruments SN74AUC1G66DBVR Datasheet HTML 5Page - Texas Instruments SN74AUC1G66DBVR Datasheet HTML 6Page - Texas Instruments SN74AUC1G66DBVR Datasheet HTML 7Page - Texas Instruments SN74AUC1G66DBVR Datasheet HTML 8Page - Texas Instruments SN74AUC1G66DBVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
Switching Characteristics
SN74AUC1G66
SCES386L – MARCH 2002 – REVISED JULY 2009 .......................................................................................................................................................... www.ti.com
over recommended operating free-air temperature range, CL = 30 pF (unless otherwise noted) (see Figure 4)
VCC = 1.8 V
VCC = 2.5 V
FROM
TO
± 0.15 V
± 0.2 V
PARAMETER
UNIT
(INPUT)
(OUTPUT)
MIN
TYP
MAX
MIN
MAX
tpd
(1)
A or B
B or A
0.3
0.3
ns
ten
C
A or B
0.5
1.4
2.3
0.8
1.4
ns
tdis
C
A or B
0.5
1.7
2.9
0.5
1.5
ns
(1)
The propagation delay is the calculated RC time constant of the typical on-state resistance of the switch and the specified load
capacitance, when driven by an ideal voltage source (zero output impedance).
4
Submit Documentation Feedback
Copyright © 2002–2009, Texas Instruments Incorporated
Product Folder Link(s): SN74AUC1G66


Similar Part No. - SN74AUC1G66DBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AUC1G66DBVR TI-SN74AUC1G66DBVR Datasheet
296Kb / 10P
[Old version datasheet]   SINGLE BILATERAL ANALOG SWITCH
More results

Similar Description - SN74AUC1G66DBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AUC1G66 TI-SN74AUC1G66 Datasheet
296Kb / 10P
[Old version datasheet]   SINGLE BILATERAL ANALOG SWITCH
1P1G66QDBVRQ1 TI-1P1G66QDBVRQ1 Datasheet
905Kb / 19P
[Old version datasheet]   SINGLE BILATERAL ANALOG SWITCH
SN74LVC1G66 TI-SN74LVC1G66_09 Datasheet
688Kb / 20P
[Old version datasheet]   SINGLE BILATERAL ANALOG SWITCH
SN74LVC1G66 TI-SN74LVC1G66 Datasheet
387Kb / 17P
[Old version datasheet]   SINGLE BILATERAL ANALOG SWITCH
SN74AUC1G66 TI-SN74AUC1G66_15 Datasheet
894Kb / 20P
[Old version datasheet]   SINGLE BILATERAL ANALOG SWITCH
SN74LVC1G66-Q1 TI-SN74LVC1G66-Q1 Datasheet
187Kb / 11P
[Old version datasheet]   SINGLE BILATERAL ANALOG SWITCH
SN74LVC1G66 TI-SN74LVC1G66_15 Datasheet
1Mb / 33P
[Old version datasheet]   SN74LVC1G66 Single Bilateral Analog Switch
SN74LVC1G66 TI1-SN74LVC1G66_16 Datasheet
1Mb / 33P
[Old version datasheet]   SN74LVC1G66 Single Bilateral Analog Switch
SN74LVC1G66-Q1 TI-SN74LVC1G66-Q1_15 Datasheet
968Kb / 24P
[Old version datasheet]   SN74LVC1G66-Q1 Single Bilateral Analog Switch
logo
Unisonic Technologies
U74AHC4066 UTC-U74AHC4066_15 Datasheet
238Kb / 8P
   QUADRUPLE BILATERAL ANALOG SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com